Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFR9120NTRR Datasheet(PDF) 7 Page - Kersemi Electronic Co., Ltd.

Part # IRFR9120NTRR
Description  HEXFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFR9120NTRR Datasheet(HTML) 7 Page - Kersemi Electronic Co., Ltd.

Back Button IRFR9120NTRR Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFR9120NTRR Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFR9120NTRR Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFR9120NTRR Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFR9120NTRR Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFR9120NTRR Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFR9120NTRR Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRFR9120NTRR Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. IRFR9120NTRR Datasheet HTML 10Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Peak Diode Recovery dv/dt Test Circuit
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
+
-
+
+
+
-
-
-
ƒ
„
‚
RG
VDD
• dv/dt controlled by R
G
• I
SD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
D.U.T
*
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer

* Reverse Polarity of D.U.T for P-Channel
VGS
[
]
[
]
*** VGS = 5.0V for Logic Level and 3V Drive Devices
[
] ***
Fig 14. For P-Channel HEXFETS
IRFR/U9120N
7 / 10
www.kersemi.com


Similar Part No. - IRFR9120NTRR

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
IRFR9120NTR UMW-IRFR9120NTR Datasheet
1Mb / 5P
   -100V P-Channel Enhancement Mode MOSFET
logo
International Rectifier
IRFR9120NTRPBF IRF-IRFR9120NTRPBF Datasheet
2Mb / 4P
   Ultra Low On-Resistance
logo
VBsemi Electronics Co.,...
IRFR9120NTRPBF VBSEMI-IRFR9120NTRPBF Datasheet
1Mb / 9P
   P-Channel 100 V (D-S) MOSFET
More results

Similar Description - IRFR9120NTRR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com