Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E48SD12020NNFA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # E48SD12020NNFA
Description  240W DC/DC Power Modules
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SD12020NNFA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  E48SD12020NNFA Datasheet HTML 1Page - Delta Electronics, Inc. E48SD12020NNFA Datasheet HTML 2Page - Delta Electronics, Inc. E48SD12020NNFA Datasheet HTML 3Page - Delta Electronics, Inc. E48SD12020NNFA Datasheet HTML 4Page - Delta Electronics, Inc. E48SD12020NNFA Datasheet HTML 5Page - Delta Electronics, Inc. E48SD12020NNFA Datasheet HTML 6Page - Delta Electronics, Inc. E48SD12020NNFA Datasheet HTML 7Page - Delta Electronics, Inc. E48SD12020NNFA Datasheet HTML 8Page - Delta Electronics, Inc. E48SD12020NNFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
E48SD12020
240W DC/DC Power Modules
DS_E48SD12020_07042013
E-mail DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P1
FEATURES
Input voltage range: 38V~75V
Output voltage range ( trim, remote sense and
PMBUS)
8V~13.2V
High efficiency : 95.6% @ 48Vin/20A
Size:
58.4mm x 22.8mm x 11.0mm
(2.3
” x 0.9” x 0.43”)(W/O heat-spreader)
58.4mm x 22.8mm x 12.7mm
(2.3
” x 0.9” x 0.5”)(with heat-spreader)
Industry standard DOSA compliant pin out
Fully protected: Input UVLO, Output OCP and
OVP, OTP
1500V isolation
No minimum load required
Fixed frequency operation
ISO 9001, TL 9000, ISO 14001, QS9000,
OHSAS18001 certified manufacturing facility
UL/CUL 60950-1 (US & Canada) pending
Delphi Series E48SD12020, Eighth Brick Family
DC/DC Power Modules:
38~75Vin, 11.7Vout, 240W
The Delphi series E48SD12020, eighth brick, 38~75V
input, single output 11.7V, are full digital control DC/DC
converter, and are the latest offering from a world leader in
power system and technology and manufacturi
ng ― Delta
Electronics, Inc. This product provides up to 240 watts of power
at 38~75V input in an industry standard, DOSA compliant
footprint and pin out. The E48SD12020 offers more than 95.6%
high efficiency at 48V input, 11.7V output and 20A load. There is
a built-in digital PWM controller in the E48SD12020 series,
which is used to complete the Vo feedback, PWM signal
generation, fault protection, output voltage trim, on/off control
and PMBUS communications, and so on. With the digital
control, many design and application flexibility, advanced
performance, and reliability are obtained.
OPTIONS
Positive or Negative On/Off logic
Open Frame / With heat-spreader option
Digital PMBus interface option
APPLICATIONS
Datacom / Networking
Wireless Networks
Optical Network Equipment
Server and Data Storage
Industrial / Testing Equipment


Similar Part No. - E48SD12020NNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SD12020NRFH DELTA-E48SD12020NRFH Datasheet
935Kb / 28P
   240W DC/DC Power Modules
More results

Similar Description - E48SD12020NNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SD12020 DELTA-E48SD12020_14 Datasheet
935Kb / 28P
   240W DC/DC Power Modules
logo
ETA-USA
AOJS240 ETA-USA-AOJS240 Datasheet
1Mb / 5P
   240W AC/DC
logo
MORNSUN Science& Techno...
LI240-10B24 MORNSUN-LI240-10B24_15 Datasheet
234Kb / 4P
   240W, AC/DC converter
logo
Delta Electronics, Inc.
HA1SV12004 DELTA-HA1SV12004 Datasheet
893Kb / 11P
   50W DC/DC Power Modules
Q48SC12042 DELTA-Q48SC12042 Datasheet
1Mb / 26P
   500W DC/DC Power Modules
Q48SK12448NNFB DELTA-Q48SK12448NNFB Datasheet
761Kb / 10P
   600W DC/DC Power Modules
E48SC12030 DELTA-E48SC12030 Datasheet
1Mb / 27P
   360W DC/DC Power Modules
logo
Lineage Power Corporati...
KSTW002A5B LINEAGEPOWER-KSTW002A5B Datasheet
1Mb / 16P
   DC-DC Converter Power Modules
logo
Delta Electronics, Inc.
E48SC12025 DELTA-E48SC12025 Datasheet
1Mb / 28P
   300W DC/DC Power Modules
V48SC3R315 DELTA-V48SC3R315 Datasheet
906Kb / 15P
   50W DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com