Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA2050.583NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PA2050.583NL
Description  SMT POWER INDUCTORS Wire Wound
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA2050.583NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PA2050.583NL Datasheet HTML 1Page - Pulse A Technitrol Company PA2050.583NL Datasheet HTML 2Page - Pulse A Technitrol Company PA2050.583NL Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
P661.C (10/13)
1
pulseelectronics.com
SMT POWER INDUCTORS
Wire Wound
Height: 12.2mm Max
Footprint: 22.2 x 19.1mm Max
Current Rating: Over 22Apk
Inductance Range: 5.8µH to 57µH
Weight: ±4%
USA 215 781 6400
Germany 49 7032 7806 0
Singapore 65 6287 8998
Shanghai 86 21 62787060
China 86 755 33966678
Taiwan 886 3 4356768
Notes:
1. The rated current as listed is either the saturation current or the heating current depending
on which value is lower.
2. The saturation current is the typical current which causes the inductance to drop by 20% at
the stated ambient temperatures (25
°C and 100°C). This current is determined by placing
the component in the specified ambient environment and applying a s hort duration
pulse current (to eliminate self-heating effects) to the component.
3. The heating current is the DC current which causes the part temperature to increase by
approximately 40
°C.
4. In high volt*time applications, additional heating in the component can occur due to
core losses in the inductor which may neccessitate derating the current in order to limit
the temperature rise of the component. To determine the approximate total losses (or
temperature rise) for a given application, the coreloss and temperature rise formula
can be used:
ΔB (Gauss) = K2 * ΔI
Core Loss (W) = 1.5E-13 * (Freq_kHz) 1.63 * ΔB2.62
5. The temperature of the component (ambient plus temperature rise) must be within
the stated operating temperature range.
6. Add “T” suffix to the part number for Tape & Reel version (i.e. PA2050.582NLT).
Inductance
Inductance
Saturation2
Heating3
Core Loss
Part
@0Adc
@Irated
Irated1
DCR
Current Isat
Current Idc
Factor
Number
(µH ±10%)
(µH TYP)
(A
DC)
(mW ±10%)
(A TYP)
(A TYP)
K2
25°C
100°C
PA2050.582NL
5.8
5.8
14.4
4.4
22
17
14.4
155
PA2050.782NL
7.8
7.8
13.3
5.1
18
16
13.3
181
PA2050.103NL
10.2
10.2
12.5
5.8
16
15
12.5
206
PA2050.163NL
16.0
16.0
9.9
9.1
12
11
9.9
258
PA2050.193NL
19.4
19.4
8.5
12.6
11
10
8.5
284
PA2050.233NL
23.0
23.0
8.0
13.7
9.8
8
8.1
310
PA2050.273NL
27.0
26.2
7.8
14.9
9
8
7.8
335
PA2050.313NL
31.4
30.6
6.7
20.2
8.4
8
6.7
361
PA2050.363NL
36.0
35.2
6.0
21.6
8
6
6.5
387
PA2050.393NL
38.9
37.5
6.0
18.8
6.3
6
6.2
482
PA2050.413NL
41.0
40.0
6.0
23.1
7.3
6
6.2
413
PA2050.583NL
57.8
57.8
5.0
34.5
6.2
5
5.1
490
Electrical Specifications @ 25°C — Operating Temperature -55°C to +130°C


Similar Part No. - PA2050.583NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA2050.583NL PULSE-PA2050.583NL Datasheet
453Kb / 3P
   SMT POWER INDUCTORS Wire Wound
PA2050.583NL PULSE-PA2050.583NL Datasheet
537Kb / 3P
   Wire Wound
More results

Similar Description - PA2050.583NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA2050-782NL PULSE-PA2050-782NL Datasheet
453Kb / 3P
   SMT POWER INDUCTORS Wire Wound
logo
Panasonic Semiconductor
ELL-6UH390M PANASONIC-ELL-6UH390M Datasheet
96Kb / 3P
   Power Inductors / Wire Wound type
ELL-ATV680M PANASONIC-ELL-ATV680M Datasheet
79Kb / 2P
   Power Inductors / Wire Wound type
logo
Taiyo Yuden (U.S.A.), I...
BRC2016T101K TAIYO-YUDEN-BRC2016T101K Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
BRC2016T330M TAIYO-YUDEN-BRC2016T330M Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
BRL1608T1R0M TAIYO-YUDEN-BRL1608T1R0M Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
BRL2012T1R5M TAIYO-YUDEN-BRL2012T1R5M Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
BRL2012T150M TAIYO-YUDEN-BRL2012T150M Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
BRL2012T220M TAIYO-YUDEN-BRL2012T220M Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
BRL2012T680M TAIYO-YUDEN-BRL2012T680M Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com