Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F65J10 Datasheet(PDF) 8 Page - Microchip Technology

Part # PIC18F65J10
Description  PIC18F87J10 Family
Download  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F65J10 Datasheet(HTML) 8 Page - Microchip Technology

Back Button PIC18F65J10 Datasheet HTML 4Page - Microchip Technology PIC18F65J10 Datasheet HTML 5Page - Microchip Technology PIC18F65J10 Datasheet HTML 6Page - Microchip Technology PIC18F65J10 Datasheet HTML 7Page - Microchip Technology PIC18F65J10 Datasheet HTML 8Page - Microchip Technology PIC18F65J10 Datasheet HTML 9Page - Microchip Technology PIC18F65J10 Datasheet HTML 10Page - Microchip Technology PIC18F65J10 Datasheet HTML 11Page - Microchip Technology PIC18F65J10 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 410 page
background image
PIC18F87J10 FAMILY
DS39663F-page 6
© 2009 Microchip Technology Inc.
1.1.6
EASY MIGRATION
Regardless of the memory size, all devices share the
same rich set of peripherals, allowing for a smooth
migration path as applications grow and evolve.
The consistent pinout scheme used throughout the
entire family also aids in migrating to the next larger
device. This is true when moving between the 64-pin
members, between the 80-pin members, or even
jumping from 64-pin to 80-pin devices.
The PIC18F87J10 family is also pin compatible with
other PIC18 families, such as the PIC18F8720 and
PIC18F8722. This allows a new dimension to the
evolution of applications, allowing developers to select
different price points within Microchip’s PIC18 portfolio,
while maintaining the same feature set.
1.2
Other Special Features
• Communications: The PIC18F87J10 family
incorporates a range of serial communication
peripherals, including 2 independent Enhanced
USARTs and 2 Master SSP modules, capable of
both SPI and I2C™ (Master and Slave) modes of
operation. In addition, one of the general purpose
I/O ports can be reconfigured as an 8-bit Parallel
Slave Port for direct processor-to-processor
communications.
• CCP Modules: All devices in the family incorporate
two Capture/Compare/PWM (CCP) modules and
three Enhanced CCP modules to maximize
flexibility in control applications. Up to four different
time bases may be used to perform several
different operations at once. Each of the three
ECCPs offers up to four PWM outputs, allowing for
a total of 12 PWMs. The ECCPs also offer many
beneficial features, including polarity selection,
programmable dead time, auto-shutdown and
restart and Half-Bridge and Full-Bridge Output
modes.
• 10-Bit A/D Converter: This module incorporates
programmable acquisition time, allowing for a
channel to be selected and a conversion to be
initiated without waiting for a sampling period and
thus, reducing code overhead.
• Extended Watchdog Timer (WDT): This
enhanced version incorporates a 16-bit prescaler,
allowing an extended time-out range that is stable
across operating voltage and temperature. See
Section 27.0 “Electrical Characteristics” for
time-out periods.
1.3
Details on Individual Family
Members
Devices in the PIC18F87J10 family are available in
64-pin and 80-pin packages. Block diagrams for the
two groups are shown in Figure 1-1 and Figure 1-2.
The devices are differentiated from each other in four
ways:
1.
Flash program memory (six sizes, ranging from
32 Kbytes
for
PIC18FX5J10
devices
to
128 Kbytes for PIC18FX7J10).
2.
Data
RAM
(2048
bytes
for
PIC18FX5J10/X5J15/X6J10 devices, 3936
bytes for PIC18FX6J15/X7J10 devices).
3.
A/D channels (11 for 64-pin devices, 15 for
80-pin devices).
4.
I/O ports (7 bidirectional ports on 64-pin devices,
9 bidirectional ports on 80-pin devices).
All other features for devices in this family are identical.
These are summarized in Table 1-1 and Table 1-2.
The pinouts for all devices are listed in Table 1-3 and
Table 1-4.


Similar Part No. - PIC18F65J10

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F65J10 MICROCHIP-PIC18F65J10 Datasheet
6Mb / 410P
   64/80-Pin, High-Performance 1-Mbit Flash Microcontrollers with nanoWatt Technology
2009
PIC18F65J10 MICROCHIP-PIC18F65J10 Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
PIC18F65J10-I/PTQTP MICROCHIP-PIC18F65J10-I/PTQTP Datasheet
6Mb / 410P
   64/80-Pin, High-Performance 1-Mbit Flash Microcontrollers with nanoWatt Technology
2009
PIC18F65J10-I/PTSQTP MICROCHIP-PIC18F65J10-I/PTSQTP Datasheet
6Mb / 410P
   64/80-Pin, High-Performance 1-Mbit Flash Microcontrollers with nanoWatt Technology
2009
PIC18F65J10I/PTQTP MICROCHIP-PIC18F65J10I/PTQTP Datasheet
3Mb / 394P
   64/80-Pin High-Performance, 1-Mbit Flash Microcontrollers with nanoWatt Technology
2005
More results

Similar Description - PIC18F65J10

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12C128V1 FREESCALE-MC9S12C128V1 Datasheet
2Mb / 690P
   MC9S12C Family MC9S12GC Family Reference Manual
logo
Pericom Semiconductor C...
PI7C9X2G808PR PERICOM-PI7C9X2G808PR Datasheet
752Kb / 1P
   GreenPacket Family
logo
Rohm
BR25S128GUZ-W ROHM-BR25S128GUZ-W_12 Datasheet
626Kb / 27P
   EEPROM family
logo
Zilog, Inc.
Z8018X ZILOG-Z8018X Datasheet
1Mb / 326P
   Family MPU
logo
Nuvoton Technology Corp...
NANO102 NUVOTON-NANO102 Datasheet
3Mb / 100P
   NuMicro??Family
logo
Silicon Laboratories
CP2102N SILABS-CP2102N Datasheet
637Kb / 44P
   USBXpress Family
Rev. 1.0
logo
Synaptics Incorporated.
RC224ATL CONEXANT-RC224ATL Datasheet
1Mb / 104P
   EmbeddedModem Family
logo
Freescale Semiconductor...
MC68HC11E0CFNE3 FREESCALE-MC68HC11E0CFNE3 Datasheet
1Mb / 242P
   M68HC11E Family
logo
Silicon Laboratories
CPT212B SILABS-CPT212B Datasheet
895Kb / 40P
   TouchXpress??Family
CPT213B SILABS-CPT213B Datasheet
815Kb / 33P
   TouchXpress??Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com