Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN017-80BS Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PSMN017-80BS
Description  N-channel 80 V 17 m廓 standard level MOSFET in D2PAK
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN017-80BS Datasheet(HTML) 3 Page - NXP Semiconductors

  PSMN017-80BS Datasheet HTML 1Page - NXP Semiconductors PSMN017-80BS Datasheet HTML 2Page - NXP Semiconductors PSMN017-80BS Datasheet HTML 3Page - NXP Semiconductors PSMN017-80BS Datasheet HTML 4Page - NXP Semiconductors PSMN017-80BS Datasheet HTML 5Page - NXP Semiconductors PSMN017-80BS Datasheet HTML 6Page - NXP Semiconductors PSMN017-80BS Datasheet HTML 7Page - NXP Semiconductors PSMN017-80BS Datasheet HTML 8Page - NXP Semiconductors PSMN017-80BS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
PSMN017-80BS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 1 March 2012
3 of 14
NXP Semiconductors
PSMN017-80BS
N-channel 80 V 17 m
Ω standard level MOSFET in D2PAK
Fig 1.
Continuous drain current as a function of
mounting base temperature
Fig 2.
Normalized total power dissipation as a
function of mounting base temperature
Fig 3.
Safe operating area; continuous and peak drain currents as a function of drain-source voltage
003aad364
0
10
20
30
40
50
0
50
100
150
200
Tmb (
°C)
ID
(A)
Tmb (°C)
0
200
150
50
100
03aa16
40
80
120
Pder
(%)
0
003aad388
10
-1
1
10
10
2
10
3
1
10
10
2
10
3
VDS (V)
ID
(A)
DC
100 ms
10 ms
1 ms
100
μs
10
μs
Limit RDSon = VDS / ID


Similar Part No. - PSMN017-80BS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN017-80BS NEXPERIA-PSMN017-80BS Datasheet
805Kb / 14P
   N-channel 80 V 17 mΩ standard level MOSFET in D2PAK
Rev. 2 - 1 March 2012
More results

Similar Description - PSMN017-80BS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN050-80BS NEXPERIA-PSMN050-80BS Datasheet
976Kb / 14P
   N-channel 80 V 46 m廓 standard level MOSFET in D2PAK
PSMN8R7-80BS NEXPERIA-PSMN8R7-80BS Datasheet
976Kb / 14P
   N-channel 80 V 8.7 m廓 standard level MOSFET in D2PAK
logo
NXP Semiconductors
PSMN4R4-80BS PHILIPS-PSMN4R4-80BS_15 Datasheet
221Kb / 15P
   N-channel 80 V, 4.5 m廓 standard level MOSFET in D2PAK
Rev. 1-22 March 2012
PSMN012-80BS PHILIPS-PSMN012-80BS_15 Datasheet
210Kb / 14P
   N-channel 80 V 11 m廓 standard level MOSFET in D2PAK
Rev. 2-1 March 2012
PSMN050-80BS PHILIPS-PSMN050-80BS_15 Datasheet
236Kb / 14P
   N-channel 80 V 46 m廓 standard level MOSFET in D2PAK
Rev. 1-2 March 2012
PSMN8R7-80BS PHILIPS-PSMN8R7-80BS_15 Datasheet
231Kb / 14P
   N-channel 80 V 8.7 m廓 standard level MOSFET in D2PAK
Rev. 2-2 March 2012
PSMN5R0-80BS NXP-PSMN5R0-80BS Datasheet
220Kb / 15P
   N-channel 80 V, 5.1 m廓 standard level MOSFET in D2PAK
Rev. 1-20 March 2012
logo
Nexperia B.V. All right...
PSMN4R4-80BS NEXPERIA-PSMN4R4-80BS Datasheet
819Kb / 15P
   N-channel 80 V, 4.5 m廓 standard level MOSFET in D2PAK
PSMN012-80BS NEXPERIA-PSMN012-80BS Datasheet
805Kb / 14P
   N-channel 80 V 11 m廓 standard level MOSFET in D2PAK
BUK7M17-80E NEXPERIA-BUK7M17-80E Datasheet
729Kb / 13P
   N-channel 80 V, 17 m廓 standard level MOSFET in LFPAK33
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com