Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3447 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # SI3447
Description  P-Channel 1.8V Specified PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SI3447 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  SI3447 Datasheet HTML 1Page - Fairchild Semiconductor SI3447 Datasheet HTML 2Page - Fairchild Semiconductor SI3447 Datasheet HTML 3Page - Fairchild Semiconductor SI3447 Datasheet HTML 4Page - Fairchild Semiconductor SI3447 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
April 2001
2001 Fairchild Semiconductor Corporation
Si3447DV Rev A (W)
Si3447DV
P-Channel 1.8V Specified PowerTrench
MOSFET
General Description
This
P-Channel
1.8V
specified
MOSFET
uses
Fairchild’s low voltage PowerTrench process. It has
been
optimized
for
battery
power
management
applications.
Applications
• Battery management
• Load switch
• Battery protection
Features
• –5.5 A, –20 V. R
DS(ON) = 33 m
Ω @ V
GS = –4.5 V
RDS(ON) = 43 m
Ω @ V
GS = –2.5 V
RDS(ON) = 60 m
Ω @ V
GS = –1.8 V
• Fast switching speed.
• High performance trench technology for extremely
low RDS(ON)
D
D
D
S
D
G
SuperSOT -6
TM
6
5
4
1
2
3
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
–20
V
VGSS
Gate-Source Voltage
±8
V
ID
Drain Current
– Continuous
(Note 1a)
–5.5
A
– Pulsed
–20
Maximum Power Dissipation
(Note 1a)
1.6
W
PD
(Note 1b)
0.8
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
78
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
30
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
.447
Si3447DV
7’’
8mm
3000 units


Similar Part No. - SI3447

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3447BDV VISHAY-SI3447BDV Datasheet
65Kb / 5P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 15-Mar-04
SI3447BDV-T1 VISHAY-SI3447BDV-T1 Datasheet
65Kb / 5P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 15-Mar-04
SI3447BDV-T1-E3 VISHAY-SI3447BDV-T1-E3 Datasheet
65Kb / 5P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 15-Mar-04
SI3447CDV VISHAY-SI3447CDV Datasheet
139Kb / 7P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 04-Feb-08
SI3447CDV-T1-E3 VISHAY-SI3447CDV-T1-E3 Datasheet
139Kb / 7P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 04-Feb-08
More results

Similar Description - SI3447

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDG6308P FAIRCHILD-FDG6308P Datasheet
85Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDW254PZ FAIRCHILD-FDW254PZ_08 Datasheet
230Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDJ1027P FAIRCHILD-FDJ1027P_06 Datasheet
1Mb / 6P
   P-Channel 1.8V Specified PowerTrench MOSFET
logo
ON Semiconductor
FDC606P ONSEMI-FDC606P Datasheet
215Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
September-2017, Rev. 5
logo
Fairchild Semiconductor
SI3445DV FAIRCHILD-SI3445DV Datasheet
90Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
SI6467DQ FAIRCHILD-SI6467DQ Datasheet
98Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDC606P FAIRCHILD-FDC606P Datasheet
154Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDN304P FAIRCHILD-FDN304P_01 Datasheet
106Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDS-4465 FAIRCHILD-FDS-4465 Datasheet
371Kb / 5P
   P-Channel 1.8V Specified PowerTrench??MOSFET
FDG330P FAIRCHILD-FDG330P Datasheet
150Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com