Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E48SH1R250NRFA Datasheet(PDF) 5 Page - Delta Electronics, Inc.

Part # E48SH1R250NRFA
Description  Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/30A
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SH1R250NRFA Datasheet(HTML) 5 Page - Delta Electronics, Inc.

  E48SH1R250NRFA Datasheet HTML 1Page - Delta Electronics, Inc. E48SH1R250NRFA Datasheet HTML 2Page - Delta Electronics, Inc. E48SH1R250NRFA Datasheet HTML 3Page - Delta Electronics, Inc. E48SH1R250NRFA Datasheet HTML 4Page - Delta Electronics, Inc. E48SH1R250NRFA Datasheet HTML 5Page - Delta Electronics, Inc. E48SH1R250NRFA Datasheet HTML 6Page - Delta Electronics, Inc. E48SH1R250NRFA Datasheet HTML 7Page - Delta Electronics, Inc. E48SH1R250NRFA Datasheet HTML 8Page - Delta Electronics, Inc. E48SH1R250NRFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
E48SH3R330_11012013
5
ELECTRICAL CHARACTERISTICS CURVES
Figure 8: Output voltage response to step-change in load
current (75%-50% of Io, max; di/dt = 0.1A/µs). Load cap: 10µF,
tantalum capacitor and 1µF ceramic capacitor. Trace: Vout
(50mV/div, 100us/div), Scope measurement should be made
using a BNC cable (length shorter than 20 inches). Position the
load between 51 mm to 76 mm (2 inches to 3 inches) from the
module..
Figure 9: Output voltage response to step-change in load
current (50%-75% of Io, max; di/dt = 0.1A/µs). Load cap: 10µF,
tantalum capacitor and 1µF ceramic capacitor. Trace: Vout
(50mV/div, 100us/div), Scope measurement should be made
using a BNC cable (length shorter than 20 inches). Position the
load between 51 mm to 76 mm (2 inches to 3 inches) from the
module..
Figure 10: Test set-up diagram showing measurement points
for Input Terminal Ripple Current and Input Reflected Ripple
Current.
Note: Measured input reflected-ripple current with a simulated
source Inductance (LTEST) of 12 µH. Capacitor Cs offset
possible battery impedance. Measure current as shown above
Figure 11: Input Terminal Ripple Current, ic, at full rated output
current and nominal input voltage with 12µH source impedance
and 33µF electrolytic capacitor (200 mA/div, 2us/div).


Similar Part No. - E48SH1R250NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SH1R250NRFA DELTA-E48SH1R250NRFA Datasheet
1,019Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/50A out
E48SH1R250NRFA DELTA-E48SH1R250NRFA Datasheet
818Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/35A out
E48SH1R250NRFA DELTA-E48SH1R250NRFA Datasheet
771Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/40A out
E48SH1R250NRFA DELTA-E48SH1R250NRFA Datasheet
703Kb / 16P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules
E48SH1R250NRFA DELTA-E48SH1R250NRFA Datasheet
798Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/40A out
More results

Similar Description - E48SH1R250NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SH3R330 DELTA-E48SH3R330 Datasheet
758Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/30A out
logo
Future Technology Devic...
E48SH FTDI-E48SH Datasheet
568Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules
logo
Delta Electronics, Inc.
E48SH1R250NRFA DELTA-E48SH1R250NRFA_14 Datasheet
703Kb / 16P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules
E48SH2R535 DELTA-E48SH2R535 Datasheet
795Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/35A out
E48SH1R250NRFA DELTA-E48SH1R250NRFA Datasheet
1,001Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/50A out
E48SH1R840NRFA DELTA-E48SH1R840NRFA Datasheet
810Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/40A out
E48SH12010NRFA DELTA-E48SH12010NRFA Datasheet
549Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 12V/10A out
E48SH1R840 DELTA-E48SH1R840 Datasheet
798Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/40A out
E48SH05020 DELTA-E48SH05020 Datasheet
806Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/20A out
E48SH2R535NRFA DELTA-E48SH2R535NRFA Datasheet
818Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/35A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com