Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E48SH1R540NRFA Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part # E48SH1R540NRFA
Description  Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/35A out
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SH1R540NRFA Datasheet(HTML) 8 Page - Delta Electronics, Inc.

Back Button E48SH1R540NRFA Datasheet HTML 4Page - Delta Electronics, Inc. E48SH1R540NRFA Datasheet HTML 5Page - Delta Electronics, Inc. E48SH1R540NRFA Datasheet HTML 6Page - Delta Electronics, Inc. E48SH1R540NRFA Datasheet HTML 7Page - Delta Electronics, Inc. E48SH1R540NRFA Datasheet HTML 8Page - Delta Electronics, Inc. E48SH1R540NRFA Datasheet HTML 9Page - Delta Electronics, Inc. E48SH1R540NRFA Datasheet HTML 10Page - Delta Electronics, Inc. E48SH1R540NRFA Datasheet HTML 11Page - Delta Electronics, Inc. E48SH1R540NRFA Datasheet HTML 12Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
E48SH2R535_11012013
8
FEATURES DESCRIPTIONS
Over-Current Protection
The
E48SH
modules
include
an
internal
output
over-current protection circuit, which will endure current
limiting for an unlimited duration during output overload.
When the output current exceeds the OCP set point, in
option code A, the current limit function will work by
initially reduce duty cycle of the module, the unit will go
out of regulation but remains in safe operating area
before the output drops below 50%. When output drops
below 50%, the modules will automatically shut down
and enter hiccup mode. In option code B (available for
1.2V, 1.8V, and 2.5V), when the output current exceeds
the OCP set point, the modules will immediately shut
down and enter hiccup mode.
During hiccup, the modules will try to restart after
shutdown. If the overload condition still exists, the
module will shut down again. This restart trial will
continue until the overload condition is corrected.
Over-Voltage Protection
The modules include an internal output over-voltage
protection circuit, which monitors the voltage on the
output terminals. If this voltage exceeds the over-voltage
set point, the module will shut down and restart after
200mS. Latch-off mode is optional. Under latch off mode
the over-voltage latch is reset by either cycling the input
power or by toggling the on/off signal for one second.
Over-Temperature Protection
The over-temperature protection consists of circuitry
that provides protection from thermal damage. If the
temperature exceeds the over-temperature threshold
the module will shut down.
The module will try to restart after shutdown. If the
over-temperature condition still exists during restart, the
module will shut down again. This restart trial will
continue until the temperature is within specification.
Remote On/Off
The remote on/off feature on the module can be either
negative or positive logic. Negative logic turns the
module on during a logic low and off during a logic high.
Positive logic turns the modules on during a logic high
and off during a logic low.
Remote on/off can be controlled by an external switch
between the on/off terminal and the Vi(-) terminal. The
switch can be an open collector or open drain.
For negative logic if the remote on/off feature is not
used, please short the on/off pin to Vi(-). For positive
logic if the remote on/off feature is not used, please
leave the on/off pin to floating.
Vo(+)
Vi(+)
Vo(-)
Sense(-)
Sense(+)
Vi(-)
ON/OFF
Figure 16: Remote on/off implementation
Remote Sense
Remote sense compensates for voltage drops on the
output by sensing the actual output voltage at the point of
load. The voltage between the remote sense pins and the
output terminals must not exceed the output voltage
sense range given here:
[Vo(+)
– Vo(–)] – [SENSE(+) – SENSE(–)] ≤ 10% × Vout
This limit includes any increase in voltage due to remote
sense compensation and output voltage set point
adjustment (trim).
Vi(-)
Vi(+)
Vo(-)
Vo(+)
Sense(+)
Sense(-)
Resistance
Contact
Contact and Distribution
Losses
Figure 17: Effective circuit configuration for remote sense
operation
If the remote sense feature is not used to regulate the
output at the point of load, please connect SENSE(+) to
Vo(+) and SENSE(
–) to Vo(–) at the module.
The output voltage can be increased by both the remote
sense and the trim; however, the maximum increase is
the larger of either the remote sense or the trim, not the
sum of both.
When using remote sense and trim, the output voltage of
the module is usually increased, which increases the
power output of the module with the same output current.
Care should be taken to ensure that the maximum output
power does not exceed the maximum rated power.


Similar Part No. - E48SH1R540NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SH1R540NRFA DELTA-E48SH1R540NRFA Datasheet
1,019Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/50A out
E48SH1R540NRFA DELTA-E48SH1R540NRFA Datasheet
515Kb / 17P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/30A
E48SH1R540NRFA DELTA-E48SH1R540NRFA Datasheet
771Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/40A out
E48SH1R540NRFA DELTA-E48SH1R540NRFA Datasheet
703Kb / 16P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules
E48SH1R540NRFA DELTA-E48SH1R540NRFA Datasheet
798Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/40A out
More results

Similar Description - E48SH1R540NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SH2R535 DELTA-E48SH2R535 Datasheet
795Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/35A out
E48SH1R250NRFA DELTA-E48SH1R250NRFA Datasheet
1,001Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/50A out
E48SH1R840NRFA DELTA-E48SH1R840NRFA Datasheet
810Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/40A out
E48SH12010NRFA DELTA-E48SH12010NRFA Datasheet
549Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 12V/10A out
E48SH1R840 DELTA-E48SH1R840 Datasheet
798Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/40A out
E48SH05020 DELTA-E48SH05020 Datasheet
806Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/20A out
E48SH1R050NRFA DELTA-E48SH1R050NRFA Datasheet
1Mb / 14P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.0V/50A out
E48SH1R540NRFA DELTA-E48SH1R540NRFA Datasheet
775Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/40A out
E48SH05020NRFA DELTA-E48SH05020NRFA Datasheet
879Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/20A out
E48SH1R250 DELTA-E48SH1R250 Datasheet
1,019Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/50A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com