Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E48SH12010NRFA Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # E48SH12010NRFA
Description  Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/35A out
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SH12010NRFA Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  E48SH12010NRFA Datasheet HTML 1Page - Delta Electronics, Inc. E48SH12010NRFA Datasheet HTML 2Page - Delta Electronics, Inc. E48SH12010NRFA Datasheet HTML 3Page - Delta Electronics, Inc. E48SH12010NRFA Datasheet HTML 4Page - Delta Electronics, Inc. E48SH12010NRFA Datasheet HTML 5Page - Delta Electronics, Inc. E48SH12010NRFA Datasheet HTML 6Page - Delta Electronics, Inc. E48SH12010NRFA Datasheet HTML 7Page - Delta Electronics, Inc. E48SH12010NRFA Datasheet HTML 8Page - Delta Electronics, Inc. E48SH12010NRFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
E48SH2R535_11012013
2
TECHNICAL SPECIFICATIONS
(TA=25°C, airflow rate=300 LFM, Vin=48Vdc, nominal Vout unless otherwise noted.)
PARAMETER
NOTES and CONDITIONS
E48SH2R535 (Standard)
Min.
Typ.
Max.
Units
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Continuous
75
Vdc
Transient (100ms)
100ms
100
Vdc
Operating Temperature
Refer to Figure 21 for measuring point
-40
128
°C
Storage Temperature
-55
125
°C
Input/Output Isolation Voltage
2250
Vdc
INPUT CHARACTERISTICS
Operating Input Voltage
36
75
Vdc
Input Under-Voltage Lockout
Turn-On Voltage Threshold
33
34
35
Vdc
Turn-Off Voltage Threshold
31
32
33
Vdc
Lockout Hysteresis Voltage
1
2
3
Vdc
Maximum Input Current
100% Load, 36Vin
3.4
A
No-Load Input Current
50
mA
Off Converter Input Current
4
mA
Inrush Current(I
2t)
1
A
2s
Input Reflected-Ripple Current
P-P thru 12µH inductor, 5Hz to 20MHz
20
mA
Input Voltage Ripple Rejection
120 Hz
50
dB
OUTPUT CHARACTERISTICS
Output Voltage Set Point
Vin=48V, Io=Io.max, Tc=25°C
2.475
2.5
2.525
Vdc
Output Voltage Regulation
Over Load
Io=Io,min to Io,max
±3
±10
mV
Over Line
Vin=36V to 75V
±3
±10
mV
Over Temperature
Tc=-40°C to 115°C
±15
mV
Total Output Voltage Range
over sample load, line and temperature
2.463
2.538
V
Output Voltage Ripple and Noise
5Hz to 20MHz bandwidth
Peak-to-Peak
Full Load, 1µF ceramic, 10µF tantalum
30
60
mV
RMS
Full Load, 1µF ceramic, 10µF tantalum
10
20
mV
Operating Output Current Range
0
35
A
Output DC Current-Limit Inception
Output Voltage 10% Low
105
135
%
DYNAMIC CHARACTERISTICS
Output Voltage Current Transient
48V, 10µF Tan & 1µF Ceramic load cap, 0.1A/µs
Positive Step Change in Output Current
50% Io.max to 75% Io.max
60
mV
Negative Step Change in Output Current
75% Io.max to 50% Io.max
60
mV
Settling Time (within 1% Vout nominal)
100
us
Turn-On Transient
Start-Up Time, From On/Off Control
15
ms
Start-Up Time, From Input
15
ms
Maximum Output Capacitance
Full load; no overshoot of Vout at startup
10000
µF
EFFICIENCY
100% Load
89.5
%
60% Load
91
%
ISOLATION CHARACTERISTICS
Input to Output
2250
Vdc
Isolation Resistance
10
Isolation Capacitance
1500
pF
FEATURE CHARACTERISTICS
Switching Frequency
250
kHz
ON/OFF Control, Negative Remote On/Off logic
Logic Low (Module On)
Von/off at Ion/off=1.0mA
1.2
V
Logic High (Module Off)
Von/off at Ion/off=0.0 µA
3
50
V
ON/OFF Control, Positive Remote On/Off logic
Logic Low (Module Off)
Von/off at Ion/off=1.0mA
1.2
V
Logic High (Module On)
Von/off at Ion/off=0.0 µA
3
50
V
ON/OFF Current (for both remote on/off logic)
Ion/off at Von/off=0.0V
1
mA
Leakage Current (for both remote on/off logic)
Logic High, Von/off=15V
50
uA
Output Voltage Trim Range
Across Pins 9 & 5, Pout ≦ max rated power
-20
10
%
Output Voltage Remote Sense Range
Pout ≦ max rated power
10
%
Output Over-Voltage Protection
Over full temp range; % of nominal Vout
120
140
%
GENERAL SPECIFICATIONS
MTBF
Io=80% of Io, max; 300LFM @25℃
3.4
M hours
Weight
25
grams
Over-Temperature Shutdown
Refer to Figure 21 for measuring point
135
°C


Similar Part No. - E48SH12010NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SH12010NRFA DELTA-E48SH12010NRFA Datasheet
771Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/40A out
E48SH12010NRFA DELTA-E48SH12010NRFA Datasheet
703Kb / 16P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules
E48SH12010NRFA DELTA-E48SH12010NRFA Datasheet
795Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/35A out
E48SH12010NRFA DELTA-E48SH12010NRFA Datasheet
1Mb / 17P
   Industry standard pin out
E48SH12010NRFA DELTA-E48SH12010NRFA Datasheet
758Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/30A out
More results

Similar Description - E48SH12010NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SH2R535 DELTA-E48SH2R535 Datasheet
795Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/35A out
E48SH1R250NRFA DELTA-E48SH1R250NRFA Datasheet
1,001Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/50A out
E48SH1R840NRFA DELTA-E48SH1R840NRFA Datasheet
810Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/40A out
E48SH12010NRFA DELTA-E48SH12010NRFA Datasheet
549Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 12V/10A out
E48SH1R840 DELTA-E48SH1R840 Datasheet
798Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/40A out
E48SH05020 DELTA-E48SH05020 Datasheet
806Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/20A out
E48SH1R050NRFA DELTA-E48SH1R050NRFA Datasheet
1Mb / 14P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.0V/50A out
E48SH1R540NRFA DELTA-E48SH1R540NRFA Datasheet
775Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/40A out
E48SH05020NRFA DELTA-E48SH05020NRFA Datasheet
879Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/20A out
E48SH1R250 DELTA-E48SH1R250 Datasheet
1,019Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/50A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com