Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T1190 Datasheet(PDF) 5 Page - Pulse A Technitrol Company

Part # T1190
Description  T1/CEPT/ISDN-PRI TRANSFORMERS Dual Surface Mount, 1500Vrms, Extended and Standard Temperature Range
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

T1190 Datasheet(HTML) 5 Page - Pulse A Technitrol Company

  T1190 Datasheet HTML 1Page - Pulse A Technitrol Company T1190 Datasheet HTML 2Page - Pulse A Technitrol Company T1190 Datasheet HTML 3Page - Pulse A Technitrol Company T1190 Datasheet HTML 4Page - Pulse A Technitrol Company T1190 Datasheet HTML 5Page - Pulse A Technitrol Company T1190 Datasheet HTML 6Page - Pulse A Technitrol Company T1190 Datasheet HTML 7Page - Pulse A Technitrol Company T1190 Datasheet HTML 8Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
T1/CEPT/ISDN-PRI TRANSFORMERS
Dual Through Hole, 1500Vrms
Electrical Specifications @ 25°C
DUAL
14 13 12 11 10 9 8
PE-XXXXX
DATE CODE
.300
7,62
.130
3,30
.290
MAX
7,37
.800
MAX
20,32
1.00
TYP
2,54
PE-XXXXX
DATE CODE
.800
MAX
20,32
.250
MAX
6,35
.300
7,62
.130
3,30
1.00
TYP
2,54
.300
7,62
.130
3,30
.290
MAX
7,37
16
9
18
PE-XXXXX
DATE CODE
.385
MAX
9,80
1.00
MAX
25,40
1.00
TYP
2,54
.385
MAX
9,80
.385
MAX
9,80
1
2
3
4
5
6
7
14 13 12 11 10 9 8
1
2
3
4
5
6
7
14
12
13
2
10
8
57
9
14
12
13
2
10
8
57
14
12
13
2
10
8
57
123
6
14
12
13
2
10
8
57
13
4
5
14
12
13
10
8
57
13
16
14
13
2
11
9
46
10
6
15
5
8
7
14
12
13
13
10
8
57
7
9
2
Dimensions: Inches
mm
Unless otherwise specified all tolerances are ±.010
0,25
Note: Leads are 24 AWG solderable.
Weight . . . . . . . . . 2.6 grams
Tube . . . . . . . . . . . . .25/tube
Weight . . . . . . . . . 2.3 grams
Tube . . . . . . . . . . . . .25/tube
Weight . . . . . . . . . 3.1 grams
Tube . . . . . . . . . . . . .25/tube
Mechanicals
Schematics
(See Pages 6 and 7 for Table Notes)
Turns Ratio B
OCL @ 25°C
CW/W
LL
DCR Pri
DCR Sec
Package/
Primary
Part Number
(Pri:Sec ±5%)
(mH MIN)
(pF MAX)
(µH MAX)
(
Ω MAX)
(
Ω MAX)
Schematic
Pins
STANDARD TEMPERATURE RANGE DUAL TRANSFORMERS – OPERATING TEMPERATURE 0°C TO +70°C
PE-64951
1:2CT & 1:2CT
1.20 & 1.20
35 & 35
0.50 & 0.50
0.70 & 0.70 1.20 & 1.20
HD/1
14-12, 5-7
PE-64952
1:2CT & 1:1.36
1.20 & 1.20
35 & 35
0.50 & 0.80
0.80 & 0.80 1.20 & 1.00
HD/2
14-12, 5-7
PE-64953
1:2CT & 1:2CT
2.00 & 2.00
50 & 50
0.60 & 0.60
1.00 & 1.00 2.00 & 2.00
HD/3
14-12, 10-8
PE-64954 A
1CT:2CT & 1:1
1.20 & 1.20
30 & 30
0.30-0.55 & 0.50
0.70 & 0.70 1.20 & 0.70
HD/4
1-3, 5-7
PE-64955
1:1.26CT & 1.58:1
0.80 & 0.80
30 & 30
0.50 & 0.50
0.60 & 0.60 0.70 & 0.30
HD/5
1-3, 5-7
PE-64956
1:1CT & 2:1
0.80 & 0.80
30 & 30
0.60 & 0.60
0.50 & 0.50 0.50 & 0.20
HD/5
1-3, 5-7
PE-64957
1CT:1.31 & 2.62:1
1.20 & 1.20
30 & 30
0.80 & 0.80
0.60 & 0.60 0.50 & 0.30
HD/5
1-3, 5-7
PE-65565
1:1.15CT & 1:2CT
1.50 & 1.20
35 & 40
0.60 & 0.50
0.70 & 0.70 1.10 & 1.30
TD/1
14-12, 5-7
PE-65566 E
1:1/1.26 & 1:2CT
1.50 & 1.20
40 & 40
0.50 & 0.40
0.70 & 0.70 0.90 & 1.30
TD/1
14-12, 5-7
EXTENDED TEMPERATURE RANGE DUAL TRANSFORMERS 1 – OPERATING TEMPERATURE -40°C TO +85°C
PE-65567
1:1.15CT & 1:2CT
1.50 & 1.20
40 & 60
0.80 & 0.80
0.90 & 0.90 1.00 & 1.70
TD/1
14-12, 5-7
PE-65568 E
1:1/1.26 & 1:2CT
1.50 & 1.20
50 & 60
0.80 & 0.80
0.90 & 0.90 1.00 & 1.70
TD/1
14-12, 5-7
PE-65774
1CT:2CT & 1:1.36CT
1.20 & 1.20
50 & 50
0.96 & 0.80
1.00 & 1.00 1.70 & 1.20
TD/7
14-12, 5-7
PE-68618 G
1CT:1CT & 3CT:1CT:.25
1.20 & 32.0
40 & 65
0.80 & 0.80
1.00 & 3.00 1.00 & 1.20
BD/6
1-3, 11-9
PE-64950 G
1CT:1CT & 1CT:3CT:1
1.20 & 0.60
50 & 50
0.80 & 0.80
1.00 & 0.80 1.00 & 2.00
BD/6
1-3, 4-6
TD
DUAL
HD
DUAL
BD
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 32181071 •• China 86 755 33966678 •• Taiwan 886 3 4643715
www.pulseeng.com
5
T608.S (4/08)


Similar Part No. - T1190

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T1190 ETC1-T1190 Datasheet
242Kb / 8P
   T1/CEPT/ISDN-PRI TRANSFORMERS Dual Surface Mount, 1500 Vrms, Extended and Standard Temperature Range
logo
Pulse A Technitrol Comp...
T1190 PULSE-T1190 Datasheet
291Kb / 8P
   T1/CEPT/ISDN-PRI TRANSFORMERS
T1190 PULSE-T1190 Datasheet
216Kb / 9P
   T1/CEPT/ISDN-PRI TRANSFORMERS
T1190 PULSE-T1190 Datasheet
154Kb / 8P
   TRANSFORMERS
logo
Infineon Technologies A...
T1190N INFINEON-T1190N Datasheet
289Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2008-09-18 revision:2.0
More results

Similar Description - T1190

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PE-65861 ETC1-PE-65861 Datasheet
242Kb / 8P
   T1/CEPT/ISDN-PRI TRANSFORMERS Dual Surface Mount, 1500 Vrms, Extended and Standard Temperature Range
logo
Bel Fuse Inc.
S553-6500-10 BEL-S553-6500-10 Datasheet
794Kb / 28P
   T1/CEPT/ISDN-PRI TRANSFORMERS DUAL SURFACE MOUNT
S553-6500-03 BEL-S553-6500-03 Datasheet
120Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS DUAL SURFACE MOUNT
logo
Bourns Electronic Solut...
SM75225 BOURNS-SM75225 Datasheet
173Kb / 1P
   T1/CEPT/ISDN-PRI Dual Transformers
logo
XFMRS Inc.
1101 XFMRS-1101_15 Datasheet
39Kb / 1P
   DUAL T1/CEPT/ISDN-PRI TRANSFORMERS
1109 XFMRS-1109_15 Datasheet
55Kb / 1P
   DUAL T1 / CEPT / ISDN - PRI TRANSFORMERS
1008 XFMRS-1008_15 Datasheet
51Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
Bothhand USA, LP.
S8677 BOTHHAND-S8677 Datasheet
77Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
List of Unclassifed Man...
BH-S5351 ETC-BH-S5351 Datasheet
12Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
XFMRS Inc.
XF0053-00S XFMRS-XF0053-00S Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com