Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2607 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2607
Description  LTC2607 16-Bit Dual Rail-to-Rail DAC with I2C Interface
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2607 Datasheet(HTML) 2 Page - Linear Technology

  LTC2607 Datasheet HTML 1Page - Linear Technology LTC2607 Datasheet HTML 2Page - Linear Technology LTC2607 Datasheet HTML 3Page - Linear Technology LTC2607 Datasheet HTML 4Page - Linear Technology LTC2607 Datasheet HTML 5Page - Linear Technology LTC2607 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
dc934af
DEMO MANUAL DC934A
Quick start proceDure
Connect DC934A to a DC590 USB serial controller using
the supplied 14-conductor ribbon cable. Connect DC590
to a host PC with a standard USB A/B cable. Run the
evaluation software supplied with DC590 or download it
from www.linear.com/software. The correct control panel
will be loaded automatically. Click the COLLECT button to
begin outputting codes to the DAC and reading back the
resulting output voltage.
Complete software documentation is available from the
Help menu item, as features may be added periodically.
HarDware setup
JUMPERS
JP1: VREF Select. Select 5V, 4.096V, or 2.5V reference.
To apply an external reference through the VREF turret,
remove this jumper.
JP2: VCC Select. VCC is taken either from the onboard 5V
reference or the 5V regulated supply from the controller
board. Selecting the 5V reference for VCC and VREF allows
characterization of rail to rail operation of the LTC2607.
JP3: ADC Disable. Set to ON for operation with DC590 se-
rial controller. When using in customer’s end application,
the ADC can be completely disabled by setting jumper to
DISABLE.
For very sensitive noise measurements when using LTC
supplied software, set the output voltage and stop reading
voltage via the collect button on the control panel.
JP5: REFLO connection – either grounded or externally
supplied.RefertotheLTC2607datasheetforREFLOdetails.
Figure 2. Software Screenshot


Similar Part No. - LTC2607

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2607 LINER-LTC2607 Datasheet
331Kb / 20P
   16-/14-/12-Bit Dual Rail-to-Rail DACs with I2C Interface
LTC2607 LINER-LTC2607 Datasheet
584Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2607CDE LINER-LTC2607CDE Datasheet
331Kb / 20P
   16-/14-/12-Bit Dual Rail-to-Rail DACs with I2C Interface
LTC2607CDE-1 LINER-LTC2607CDE-1 Datasheet
331Kb / 20P
   16-/14-/12-Bit Dual Rail-to-Rail DACs with I2C Interface
LTC2607IDE LINER-LTC2607IDE Datasheet
331Kb / 20P
   16-/14-/12-Bit Dual Rail-to-Rail DACs with I2C Interface
More results

Similar Description - LTC2607

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1669 LINER-LTC1669 Datasheet
193Kb / 12P
   10-Bit Rail-to-Rail Micropower DAC with I2C Interface
DC812A LINER-DC812A_15 Datasheet
109Kb / 1P
   SCH LTC2606CDD 16 BIT RAIL TO RAIL VOUT DAC I2C INTERFACE
LTC2617 LINER-LTC2617_15 Datasheet
295Kb / 20P
   16-/14-/12-Bit Dual Rail-to-Rail DACs with I2C Interface
LTC2627 LINER-LTC2627_15 Datasheet
295Kb / 20P
   16-/14-/12-Bit Dual Rail-to-Rail DACs with I2C Interface
LTC2607 LINER-LTC2607 Datasheet
331Kb / 20P
   16-/14-/12-Bit Dual Rail-to-Rail DACs with I2C Interface
LTC2607 LINER-LTC2607_15 Datasheet
295Kb / 20P
   16-/14-/12-Bit Dual Rail-to-Rail DACs with I2C Interface
LTC2616 LINER-LTC2616_15 Datasheet
283Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2606 LINER-LTC2606_15 Datasheet
283Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2606 LINER-LTC2606 Datasheet
310Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2626 LINER-LTC2626_15 Datasheet
283Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com