Electronic Components Datasheet Search |
|
E48SH1R840NRFH Datasheet(PDF) 5 Page - Delta Electronics, Inc. |
|
E48SH1R840NRFH Datasheet(HTML) 5 Page - Delta Electronics, Inc. |
5 / 15 page E48SH1R840_11012013 5 ELECTRICAL CHARACTERISTICS CURVES Figure 8: Output voltage response to step-change in load current (75%-50% of Io, max; di/dt = 0.1A/µs). Load cap: 10µF, tantalum capacitor and 1µF ceramic capacitor. Trace: Vout (20mV/div, 100us/div), Scope measurement should be made using a BNC cable (length shorter than 20 inches). Position the load between 51 mm to 76 mm (2 inches to 3 inches) from the module.. Figure 9: Output voltage response to step-change in load current (50%-75% of Io, max; di/dt = 0.1A/µs). Load cap: 10µF, tantalum capacitor and 1µF ceramic capacitor. Trace: Vout (20mV/div, 100us/div), Scope measurement should be made using a BNC cable (length shorter than 20 inches). Position the load between 51 mm to 76 mm (2 inches to 3 inches) from the module.. Figure 10: Test set-up diagram showing measurement points for Input Terminal Ripple Current and Input Reflected Ripple Current. Note: Measured input reflected-ripple current with a simulated source Inductance (LTEST) of 12 μH. Capacitor Cs offset possible battery impedance. Measure current as shown above Figure 11: Input Terminal Ripple Current, ic, at full rated output current and nominal input voltage with 12µH source impedance and 33µF electrolytic capacitor (200 mA/div, 2us/div). |
Similar Part No. - E48SH1R840NRFH |
|
Similar Description - E48SH1R840NRFH |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |