Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E48SP3R340NMFA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # E48SP3R340NMFA
Description  Delphi Series E48SP3R340, 1/8th Brick 132W DC/DC Power Modules: 48V in, 3.3V, 40A out
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SP3R340NMFA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  E48SP3R340NMFA Datasheet HTML 1Page - Delta Electronics, Inc. E48SP3R340NMFA Datasheet HTML 2Page - Delta Electronics, Inc. E48SP3R340NMFA Datasheet HTML 3Page - Delta Electronics, Inc. E48SP3R340NMFA Datasheet HTML 4Page - Delta Electronics, Inc. E48SP3R340NMFA Datasheet HTML 5Page - Delta Electronics, Inc. E48SP3R340NMFA Datasheet HTML 6Page - Delta Electronics, Inc. E48SP3R340NMFA Datasheet HTML 7Page - Delta Electronics, Inc. E48SP3R340NMFA Datasheet HTML 8Page - Delta Electronics, Inc. E48SP3R340NMFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DATASHEET
DS_E48SP3R340_06052012
FEATURES
High efficiency: 93.1% @ 3.3V/40A
Size: 58.4x22.8x10.9mm
(2.30”x0.90”x0.43”)
Industry standard footprint and pin out
Fixed frequency operation
SMD and through-hole versions
Input UVLO
OTP and output OCP, OVP
Output voltage trim: -20%, +10%
Monotonic startup into normal and
pre-biased loads
2250V isolation and basic insulation
No minimum load required
No negative current during power or
enable on/off
ISO 9001, TL 9000, ISO 14001, QS 9000,
OHSAS18001 certified manufacturing
facility
UL/cUL 60950-1 (US & Canada)
Recognized
APPLICATIONS
Optical Transport
Data Networking
Communications
Servers
OPTIONS
SMD pins
Short pin lengths available
Positive remote On/Off
With heat spreader
Delphi Series E48SP3R340, 1/8
th Brick 132W
DC/DC Power Modules: 48V in, 3.3V, 40A out
The Delphi Series E48SP3R340, 1/8
th Brick, 48V input, single
output, isolated DC/DC converter, is the latest offering from a world
leader in power systems technology and manufacturing ― Delta
Electronics, Inc. This product family provides up to 132 watts of
power or 40A of output current (3.3V and below) in an industry
standard 1/8
th brick form factor (2.30” x 0.90”). The 3.3V output
offers one of the highest output currents available and provides up to
93.1% efficiency at full load. With creative design technology and
optimization of component placement, these converters possess
outstanding electrical and thermal performance, as well as
extremely high reliability under highly stressful operating conditions.
All modules are protected from abnormal input/output voltage,
current, and temperature conditions.


Similar Part No. - E48SP3R340NMFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SP3R340NMFA DELTA-E48SP3R340NMFA Datasheet
462Kb / 13P
   48V in, 3.3V, 40A out
More results

Similar Description - E48SP3R340NMFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SP3R360NRFA DELTA-E48SP3R360NRFA Datasheet
525Kb / 15P
   Delphi Series E48SP3R360, 1/8th Brick 200W DC/DC Power Modules: 48V in, 3.3V, 60A out
V48SH1R840NNFA DELTA-V48SH1R840NNFA_13 Datasheet
511Kb / 13P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules: 48V in, 1.8V, 40A out
S48SP3R310 DELTA-S48SP3R310 Datasheet
677Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
S48SP3R310NRFB DELTA-S48SP3R310NRFB Datasheet
442Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
E48SC3R320NRFA DELTA-E48SC3R320NRFA Datasheet
539Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
E48SC3R315NRFA DELTA-E48SC3R315NRFA Datasheet
538Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/15A out
E48SH1R540NRFA DELTA-E48SH1R540NRFA Datasheet
775Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/40A out
E48SH1R840NRFA DELTA-E48SH1R840NRFA Datasheet
810Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/40A out
E48SH1R540 DELTA-E48SH1R540 Datasheet
771Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/40A out
E48SH1R840 DELTA-E48SH1R840 Datasheet
798Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/40A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com