Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS64203 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS64203
Description  SOT23 STEP-DOWN CONTROLLER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS64203 Datasheet(HTML) 4 Page - Texas Instruments

  TPS64203 Datasheet HTML 1Page - Texas Instruments TPS64203 Datasheet HTML 2Page - Texas Instruments TPS64203 Datasheet HTML 3Page - Texas Instruments TPS64203 Datasheet HTML 4Page - Texas Instruments TPS64203 Datasheet HTML 5Page - Texas Instruments TPS64203 Datasheet HTML 6Page - Texas Instruments TPS64203 Datasheet HTML 7Page - Texas Instruments TPS64203 Datasheet HTML 8Page - Texas Instruments TPS64203 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
TPS64200,TPS64201
TPS64202,TPS64203
SLVS485 − AUGUST 2003
www.ti.com
4
PIN ASSIGNMENTS
1
DBV PACKAGE
(TOP VIEW)
EN
FB
VIN
3
5
GND
SW
ISENSE
2
6
4
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
EN
1
I
Enable. A logic low enables the converter, logic high forces the device into shutdown mode reducing the supply current
to less than 1
µA.
FB
3
I
Feedback pin. Connect an external voltage divider to this pin to set the output voltage.
GND
2
I
Ground
SW
6
O
This pin connects to the gate of an external P-channel MOSFET.
ISENSE
4
I
Current sense input. Connect the current sense resistor between VIN and ISENSE. (optional)
VIN
5
I
Supply voltage input
FUNCTIONAL BLOCK DIAGRAM
_
+
Minimum ton
Timer
(0.2
µs, 0.4 µs,
0.8
µs, 1.6 µs)
Minimum toff
Timer
(0.6
µs, 0.3 µs,)
ton Regulation
Timer
(3
µs, 15 µs, 16 µs)
Logic
_
+
M
U
X
ton
Regulator
R
S
Q
Driver
Overcurrent
Comparator
Regulation
Comparator
Vref
Softstart
105 mV
GND
VIN
EN
SW
ISense
FB


Similar Part No. - TPS64203

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS64203 TI-TPS64203 Datasheet
279Kb / 24P
[Old version datasheet]   SOT23 STEP DOWN CONTROLLER
TPS64203DBVR TI-TPS64203DBVR Datasheet
279Kb / 24P
[Old version datasheet]   SOT23 STEP DOWN CONTROLLER
More results

Similar Description - TPS64203

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS64200 TI-TPS64200 Datasheet
279Kb / 24P
[Old version datasheet]   SOT23 STEP DOWN CONTROLLER
TPS64200 TI-TPS64200_15 Datasheet
867Kb / 29P
[Old version datasheet]   SOT23 STEP-COWN CONTROLLER
logo
Weltrend Semiconductor
YKW-06 WELTREND-YKW-06 Datasheet
183Kb / 5P
   Step-down Switching Controller
logo
Vishay Siliconix
SIP12202 VISHAY-SIP12202 Datasheet
768Kb / 10P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
SIP12201 VISHAY-SIP12201 Datasheet
865Kb / 11P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
logo
Texas Instruments
TPS62203-DIE TI1-TPS62203-DIE Datasheet
70Kb / 4P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62200 TI-TPS62200 Datasheet
291Kb / 19P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62205 TI-TPS62205 Datasheet
264Kb / 19P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62200 TI1-TPS62200_13 Datasheet
905Kb / 24P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
logo
Infineon Technologies A...
IFX80471SK-V INFINEON-IFX80471SK-V Datasheet
1Mb / 32P
   Step-Down DC/DC Controller
Rev. 1.0, 2011-02-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com