Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS77701DRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS77701DRG4
Description  FAST-TRANSIENT-RESPONSE 750mA LOW-DROPOUT LINEAR REGULATORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS77701DRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPS77701DRG4 Datasheet HTML 1Page - Texas Instruments TPS77701DRG4 Datasheet HTML 2Page - Texas Instruments TPS77701DRG4 Datasheet HTML 3Page - Texas Instruments TPS77701DRG4 Datasheet HTML 4Page - Texas Instruments TPS77701DRG4 Datasheet HTML 5Page - Texas Instruments TPS77701DRG4 Datasheet HTML 6Page - Texas Instruments TPS77701DRG4 Datasheet HTML 7Page - Texas Instruments TPS77701DRG4 Datasheet HTML 8Page - Texas Instruments TPS77701DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
TPS77701, TPS77715, TPS77718, TPS77725, TPS77733 with RESET OUTPUT
TPS77801, TPS77815, TPS77818, TPS77825, TPS77833 with PG OUTPUT
FAST TRANSIENT RESPONSE 750mA LOW DROPOUT LINEAR REGULATORS
SLVS230G − SEPTEMBER 1999 − REVISED JANUARY 2004
www.ti.com
1
D Open Drain Power-On Reset With 200 ms
Delay (TPS777xx)
D Open Drain Power Good (TPS778xx)
D 750-mA Low-Dropout Voltage Regulator
D Available in 1.5-V, 1.8-V, 2.5-V, 3.3-V Fixed
Output and Adjustable Versions
D Dropout Voltage to 260 mV (Typ) at 750 mA
(TPS77x33)
D Ultralow 85 mA Typical Quiescent Current
D Fast Transient Response
D 2% Tolerance Over Specified Conditions for
Fixed-Output Versions
D 8-Pin SOIC and 20-Pin TSSOP PowerPAD
(PWP) Package
D Thermal Shutdown Protection
description
TPS777xx and TPS778xx are designed to have a
fast transient response and be stable with a 10
µF
low ESR capacitor. This combination provides
high performance at a reasonable cost.
TA − Free-Air Temperature − °C
−40
0
20
120
103
−60
40
60
80 100
TPS77x33
DROPOUT VOLTAGE
vs
FREE-AIR TEMPERATURE
102
101
100
10−1
10−2
−20
140
IO = 750 mA
IO = 10 mA
IO = 0
Co = 10 µF
t − Time −
µs
TPS77x33
LOAD TRANSIENT RESPONSE
500
0
60
40
20
80 100
140
120
160 180 200
0
0
50
−50
1000
Co = 2x47 µF
ESR = 1/2x100 m
VO = 3.3 V
VI = 4.3 V
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Copyright
 1999 − 2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
1
2
3
4
8
7
6
5
GND
EN
IN
IN
RESET/PG
FB/NC
OUT
OUT
D PACKAGE
(TOP VIEW)
NC − No internal connection
GND/HSINK
GND/HSINK
GND
NC
EN
IN
IN
NC
GND/HSINK
GND/HSINK
GND/HSINK
GND/HSINK
NC
NC
RESET/PG
FB/NC
OUT
OUT
GND/HSINK
GND/HSINK
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
PWP PACKAGE
(TOP VIEW)


Similar Part No. - TPS77701DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77701DRG4 TI-TPS77701DRG4 Datasheet
830Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT LINEAT REGULATORS
TPS77701DRG4 TI1-TPS77701DRG4 Datasheet
857Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS77701DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS767 TI1-TPS767_16 Datasheet
1Mb / 33P
[Old version datasheet]   Fast-Transient-Response 1-A Low-Dropout Linear Regulators
TPS76715 TI-TPS76715 Datasheet
403Kb / 22P
[Old version datasheet]   FAST TRANSIENT RESPONSE 1-A LOW DROPOUT LINEAR REGULATORS
TPS76715Q TI-TPS76715Q_07 Datasheet
487Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT LINEAR REGULATORS
TPS767 TI-TPS767_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS767xxQ Fast-Transient-Response 1-A Low-Dropout Linear Regulators
LP3893 TI-LP3893_15 Datasheet
1Mb / 16P
[Old version datasheet]   3A Fast-Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3881 NSC-LP3881 Datasheet
748Kb / 12P
   0.8A Fast-Response Ultra Low Dropout Linear Regulators
logo
Texas Instruments
TPS75801 TI-TPS75801_15 Datasheet
916Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS775XX TI-TPS775XX Datasheet
807Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI1-TPS75801_16 Datasheet
988Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS75833KCG3 TI-TPS75833KCG3 Datasheet
916Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com