Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERZV10D221 Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # ERZV10D221
Description  ?쏾NR??Transient/Surge Absorbers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERZV10D221 Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button ERZV10D221 Datasheet HTML 5Page - Panasonic Semiconductor ERZV10D221 Datasheet HTML 6Page - Panasonic Semiconductor ERZV10D221 Datasheet HTML 7Page - Panasonic Semiconductor ERZV10D221 Datasheet HTML 8Page - Panasonic Semiconductor ERZV10D221 Datasheet HTML 9Page - Panasonic Semiconductor ERZV10D221 Datasheet HTML 10Page - Panasonic Semiconductor ERZV10D221 Datasheet HTML 11Page - Panasonic Semiconductor ERZV10D221 Datasheet HTML 12Page - Panasonic Semiconductor ERZV10D221 Datasheet HTML 13Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
“ZNR” Transient/Surge Absorbers (Type D)
– 12 –
400
300
200
100
90
80
70
60
50
40
30
7
6
3
20
10
9
8
10
–6
10
–5
10
–4
10
–3
10
–2
10
–1
10
0
10
1
10
2
10
3
10
4
10
5
Current (A)
680
560
470
390
330
270
220
180
680
560
470
390
330
270
220
180
4
5
Test current waveform
10
–6 to 10–3 A: Direct current
10
–1 to 103 A: 8/20 μs
Max.
Leakage Current
Max. Clamping Voltage
Impulse Width (μs)
1000
100
10
1
0.1
20
100
1000
10000
10
3Tim
es
10
4Times
10
5Times
10
6 Times
5 min. interval
2 min. interval
10 sec. interval
2 times :
up to 10 times :
up to 10
6 times :
30
40
50
60
70
80
90
100
200
300
400
500
600
700
800
900
1000
2000
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
10
5
Current (A)
241
511
151
121
101
820
471
431
391
361
221
201
271
331
151
121
101
820
511
471
431
391
361
331
271
241
221
201
Test Current Waveform
10
-6 to 10-3 A: Direct Current
10
-1 to 104 A: 8/20 μs
Impulse Width (μs)
10000
1000
100
10
20
100
1000
10000
1
10
5Times
10
6Times
5 min. interval
2 min. interval
10 sec. interval
2 times :
up to 10 times :
up to 10
6 times :
ERZV07D820 to ERZV07D511
ERZV07D180 to ERZV07D680
ERZV07D820 to ERZV07D511
ERZV07D180 to ERZV07D680
Typical Characteristics
Voltage vs. Current
Impulse Derating (Relation between impulse
width and impulse current multiple)
Aug. 2012
01


Similar Part No. - ERZV10D221

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZV10D221 PANASONIC-ERZV10D221 Datasheet
647Kb / 19P
   ZNR Transient/Surge Absorbers
ERZV10D221 PANASONIC-ERZV10D221 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers
ERZV10D221 PANASONIC-ERZV10D221 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
logo
Vishay Siliconix
ERZV10D221 VISHAY-ERZV10D221 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers
02 Aug. 2013
logo
Panasonic Semiconductor
ERZV10D221 PANASONIC-ERZV10D221 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
More results

Similar Description - ERZV10D221

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZ-V05D390 PANASONIC-ERZ-V05D390 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZ-VA9D271 PANASONIC-ERZ-VA9D271 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZ-VA9V511 PANASONIC-ERZ-VA9V511 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZ-VA7D471 PANASONIC-ERZ-VA7D471 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZ-VA7D680 PANASONIC-ERZ-VA7D680 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers
ERZ-VA5V271 PANASONIC-ERZ-VA5V271 Datasheet
366Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-VA9D471 PANASONIC-ERZ-VA9D471 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-V14D101 PANASONIC-ERZ-V14D101 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-V20R221 PANASONIC-ERZ-V20R221 Datasheet
404Kb / 20P
   ?쏾NR??Transient/Surge Absorbers (Type D)
ERZ-E14A471 PANASONIC-ERZ-E14A471 Datasheet
342Kb / 18P
   ?쏾NR??Transient/Surge Absorbers (Type D)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com