Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E48SR05012NRFA Datasheet(PDF) 10 Page - Delta Electronics, Inc.

Part # E48SR05012NRFA
Description  Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/20A out
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SR05012NRFA Datasheet(HTML) 10 Page - Delta Electronics, Inc.

Back Button E48SR05012NRFA Datasheet HTML 6Page - Delta Electronics, Inc. E48SR05012NRFA Datasheet HTML 7Page - Delta Electronics, Inc. E48SR05012NRFA Datasheet HTML 8Page - Delta Electronics, Inc. E48SR05012NRFA Datasheet HTML 9Page - Delta Electronics, Inc. E48SR05012NRFA Datasheet HTML 10Page - Delta Electronics, Inc. E48SR05012NRFA Datasheet HTML 11Page - Delta Electronics, Inc. E48SR05012NRFA Datasheet HTML 12Page - Delta Electronics, Inc. E48SR05012NRFA Datasheet HTML 13Page - Delta Electronics, Inc. E48SR05012NRFA Datasheet HTML 14Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
DS_E48SR2R520_10182013
10
FEATURES DESCRIPTIONS (CON.)
Output Voltage Adjustment (TRIM)
To increase or decrease the output voltage set point,
connect an external resistor between the TRIM pin and
either the SENSE(+) or SENSE(-). The TRIM pin
should be left open if this feature is not used.
Figure 18: Circuit configuration for trim-down (decrease
output voltage)
If the external resistor is connected between the TRIM
and SENSE (-) pins, the output voltage set point
decreases (Fig. 26). The external resistor value required
to obtain a percentage of output voltage change △% is
defined as:


K
down
Rtrim
2
.
10
511
Ex. When Trim-down -10%(2.5V×0.9=2.25V)


K
K
down
Rtrim
9
.
40
2
.
10
10
511
Figure 19: Circuit configuration for trim-up (increase output
voltage)
If the external resistor is connected between the TRIM
and SENSE (+) the output voltage set point increases
(Fig. 27). The external resistor value required to obtain a
percentage output voltage change △% is defined as:
 
K
Vo
up
Rtrim
2
.
10
511
225
.
1
)
100
(
11
.
5
Ex. When Trim-up +10%(2.5V×1.1=2.75V)
 
K
up
Rtrim
4
.
53
2
.
10
10
511
10
225
.
1
)
10
100
(
5
.
2
11
.
5
The output voltage can be increased by both the remote
sense and the trim, however the maximum increase is the
larger of either the remote sense or the trim, not the sum
of both
.
When using remote sense and trim, the output voltage of
the module is usually increased, which increases the
power output of the module with the same output current.
Care should be taken to ensure that the maximum output
power of the module remains at or below the maximum
rated power.


Similar Part No. - E48SR05012NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SR05012NRFA DELTA-E48SR05012NRFA Datasheet
863Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SR05012NRFA DELTA-E48SR05012NRFA Datasheet
916Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
E48SR05012NRFA DELTA-E48SR05012NRFA Datasheet
874Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
E48SR05012NRFA DELTA-E48SR05012NRFA Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/25A out
E48SR05012NRFA DELTA-E48SR05012NRFA Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/25A out
More results

Similar Description - E48SR05012NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SR2R520 DELTA-E48SR2R520 Datasheet
779Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/20A out
E48SR3R320 DELTA-E48SR3R320 Datasheet
791Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
E48SR3R320NRFA DELTA-E48SR3R320NRFA Datasheet
510Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
E48SR1R225 DELTA-E48SR1R225 Datasheet
863Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SR1R825 DELTA-E48SR1R825 Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/25A out
E48SR15004 DELTA-E48SR15004 Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 15V/4A out
E48SR1R525NRFA DELTA-E48SR1R525NRFA Datasheet
916Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
E48SR05012 DELTA-E48SR05012 Datasheet
745Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 5.0V/12A out
E48SR1R225NRFA DELTA-E48SR1R225NRFA Datasheet
898Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SR05012NRFA DELTA-E48SR05012NRFA Datasheet
798Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 5.0V/12A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com