Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS77701PWPRG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS77701PWPRG4
Description  FAST-TRANSIENT-RESPONSE 750mA LOW-DROPOUT LINEAR REGULATORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS77701PWPRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS77701PWPRG4 Datasheet HTML 4Page - Texas Instruments TPS77701PWPRG4 Datasheet HTML 5Page - Texas Instruments TPS77701PWPRG4 Datasheet HTML 6Page - Texas Instruments TPS77701PWPRG4 Datasheet HTML 7Page - Texas Instruments TPS77701PWPRG4 Datasheet HTML 8Page - Texas Instruments TPS77701PWPRG4 Datasheet HTML 9Page - Texas Instruments TPS77701PWPRG4 Datasheet HTML 10Page - Texas Instruments TPS77701PWPRG4 Datasheet HTML 11Page - Texas Instruments TPS77701PWPRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
TPS77701, TPS77715, TPS77718, TPS77725, TPS77733 with RESET OUTPUT
TPS77801, TPS77815, TPS77818, TPS77825, TPS77833 with PG OUTPUT
FAST TRANSIENT RESPONSE 750mA LOW DROPOUT LINEAR REGULATORS
SLVS230G − SEPTEMBER 1999 − REVISED JANUARY 2004
www.ti.com
8
electrical characteristics over recommended operating temperature range (TJ = −40
°C to 125°C),
VI = VO(typ) + 1 V, IO = 1 mA, EN = 0 V, Co = 10 µF (unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Minimum input voltage for valid PG
IO(PG) = 300 µA
1.1
V
PG
Trip threshold voltage
VO decreasing
92
98
%VO
PG
(TPS778xx)
Hysteresis voltage
Measured at VO
0.5
%VO
(TPS778xx)
Output low voltage
VI = 2.7 V,
IO(PG) = 1 mA
0.15
0.4
V
Leakage current
V(PG) = 5 V
1
µA
Input current (EN)
EN = 0 V
−1
0
1
A
Input current (EN)
EN = VI
−1
1
µA
TPS77733
IO = 750 mA,
TJ = 25°C
260
Dropout voltage (1)
TPS77733
IO = 750 mA,
427
mV
Dropout voltage (1)
TPS77833
IO = 750 mA,
TJ = 25°C
260
mV
TPS77833
IO = 750 mA,
427
(1) IN voltage equals VO(typ) − 100 mV; TPS77x01 output voltage set to 3.3 V nominal with external resistor divider. TPS77x15, TPS77x18, and
TPS77x25 dropout voltage limited by input voltage range limitations (i.e., TPS77x33 input voltage needs to drop to 3.2 V for purpose of this
test).
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VO
Output voltage
vs Output current
2, 3, 4
VO
Output voltage
vs Free-air temperature
5, 6, 7
Ground current
vs Free-air temperature
8
Power supply ripple rejection
vs Frequency
9
Output spectral noise density
vs Frequency
10
Zo
Output impedance
vs Frequency
11
VDO
Dropout voltage
vs Input voltage
12
VDO
Dropout voltage
vs Free-air temperature
13
Input voltage (min)
vs Output voltage
14
Line transient response
15, 17
Load transient response
16, 18
VO
Output voltage
vs Time
19
Equivalent series resistance (ESR)
vs Output current
21 − 24


Similar Part No. - TPS77701PWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77701PWPRG4 TI-TPS77701PWPRG4 Datasheet
830Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT LINEAT REGULATORS
TPS77701PWPRG4 TI1-TPS77701PWPRG4 Datasheet
857Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS77701PWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS767 TI1-TPS767_16 Datasheet
1Mb / 33P
[Old version datasheet]   Fast-Transient-Response 1-A Low-Dropout Linear Regulators
TPS76715 TI-TPS76715 Datasheet
403Kb / 22P
[Old version datasheet]   FAST TRANSIENT RESPONSE 1-A LOW DROPOUT LINEAR REGULATORS
TPS76715Q TI-TPS76715Q_07 Datasheet
487Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT LINEAR REGULATORS
TPS767 TI-TPS767_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS767xxQ Fast-Transient-Response 1-A Low-Dropout Linear Regulators
LP3893 TI-LP3893_15 Datasheet
1Mb / 16P
[Old version datasheet]   3A Fast-Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3881 NSC-LP3881 Datasheet
748Kb / 12P
   0.8A Fast-Response Ultra Low Dropout Linear Regulators
logo
Texas Instruments
TPS75801 TI-TPS75801_15 Datasheet
916Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS775XX TI-TPS775XX Datasheet
807Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI1-TPS75801_16 Datasheet
988Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS75833KCG3 TI-TPS75833KCG3 Datasheet
916Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com