Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA01S Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # PA01S
Description  PA01S series 1W DC/DC Converter, SIP-Package
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PA01S Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  PA01S Datasheet HTML 1Page - Delta Electronics, Inc. PA01S Datasheet HTML 2Page - Delta Electronics, Inc. PA01S Datasheet HTML 3Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS_PA01S_09132012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
Mechanical Drawing
Mechanical Dimensions
Pin Connections
Pin
Function
1
-Vin
2
+Vin
3
-Vout
4
+Vout
T: 6.1mm(0.24 inch) for 3.3V&5V&12V Input
Models
T: 7.1mm(0.28 inch) for 24V Input Models
All dimensions in mm (inches)
Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
Pins ±0.05(±0.002)
Physical Outline
CaseSize(3.3V,5V,12V
Input)
:
11.5x6.1x10.2mm (0.45x0.24x0.40 Inches)
Case Size(24V Input)
:
11.5x7.1x10.2mm (0.45x0.28x0.40 Inches)
Case Material
:
Non-Conductive Black Plastic (flammability to UL 94V-0
rated)
Weight(3.3V,5V, 12V Input)
:
1.3g
Weight(24V Input)
:
1.7g
Part Numbering System
P
A
01
S
03
03
A
Form factor
Family series
Watt
Number of
Outputs
Input Voltage
Output Voltage
Option Code
D-DIP
A~Z
01:1W
S - Single
03:3.3V
03:3.3V
A - Std. Functions
P-SIP
02:2W
D- Dual
05: 5V
05: 5V
S-SMD
03:3W
12:12V
12:12V
04:4W
24: 24V
15: 15V
06:6W
48:48V
24: 24V
WARRANTY
Delta offers a three (3) years limited warranty.Complete warranty information is listed on our web site or is available upon request from Delta.
Information furnished by Delta is believed to be accurate and reliable. However, no responsibility is assumed by Delta for its use, nor for any
infringements of patents or other rights of third parties, which may result from its use. No license is granted by implication or otherwise under
any patent or patent rights of Delta. Delta reserves the right to revise these specifications at any time, without notice.
P3
0. 8
[0 .0 7 ]
3X 2. 54
[3 X 0 .1 0 ]
1 0 .5 [ 0 .4 1 ]
0. 5
[0 . 0 2 ]
0. 50
[0 .0 2 ]
Bo t t o m V i e w
1 1 .5 [0 .4 5 ]
123
4


Similar Part No. - PA01S

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PA01S00-1A POWERDYNAMICS-PA01S00-1A Datasheet
461Kb / 3P
   RIGHT ANGLE, FLANGE MOUNT FILTER WITH IEC 60320 AC INLET SOCKET
PA01S00-1B POWERDYNAMICS-PA01S00-1B Datasheet
461Kb / 3P
   RIGHT ANGLE, FLANGE MOUNT FILTER WITH IEC 60320 AC INLET SOCKET
PA01S00-1C POWERDYNAMICS-PA01S00-1C Datasheet
461Kb / 3P
   RIGHT ANGLE, FLANGE MOUNT FILTER WITH IEC 60320 AC INLET SOCKET
PA01S00-1K POWERDYNAMICS-PA01S00-1K Datasheet
461Kb / 3P
   RIGHT ANGLE, FLANGE MOUNT FILTER WITH IEC 60320 AC INLET SOCKET
PA01S00-1M1 POWERDYNAMICS-PA01S00-1M1 Datasheet
461Kb / 3P
   RIGHT ANGLE, FLANGE MOUNT FILTER WITH IEC 60320 AC INLET SOCKET
More results

Similar Description - PA01S

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100_16 Datasheet
579Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Delta Electronics, Inc.
PB01S DELTA-PB01S Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MA01 MINMAX-MA01_16 Datasheet
656Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
MBU100 MINMAX-MBU100_16 Datasheet
436Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Delta Electronics, Inc.
PB01S2403A DELTA-PB01S2403A Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
PB01S0509A DELTA-PB01S0509A Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
List of Unclassifed Man...
PB01D2415B ETC2-PB01D2415B Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MAW01 MINMAX-MAW01_16 Datasheet
577Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Mean Well Enterprises C...
SPU01 MEANWELL-SPU01 Datasheet
105Kb / 4P
   1W SIP Package DC-DC Unregulated Converter
SPRN01 MEANWELL-SPRN01 Datasheet
101Kb / 4P
   1W SIP Package DC-DC Regulated Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com