Electronic Components Datasheet Search |
|
H48SA53010PNFA Datasheet(PDF) 8 Page - Delta Electronics, Inc. |
|
H48SA53010PNFA Datasheet(HTML) 8 Page - Delta Electronics, Inc. |
8 / 13 page DS_H48SA53010_08042011 8 FEATURES DESCRIPTIONS Over-Current Protection The modules include an internal output over-current protection circuit, which will endure current limiting for an unlimited duration during output overload. If the output current exceeds the OCP set point, the modules will automatically shut down, the hiccup mode is default and latch mode is optional. For hiccup mode, the module will try to restart after shutdown. If the overload condition still exists, the module will shut down again. This restart trial will continue until the overload condition is corrected. For latch mode, the module will latch off once it shutdown. The latch is reset by either cycling the input power or by toggling the on/off signal for one second. Over-Voltage Protection The modules include an internal output over-Voltage protection circuit, which will endure output voltage limiting. If the output voltage exceeds the OVP set point, the modules will automatically shut down, the latch mode is default and the hiccup mode is optional. For hiccup mode, the module will try to restart after shutdown. If the overvoltage condition still exists, the module will shut down again. This restart trial will continue until the over-voltage condition is corrected. For latch mode, the module will latch off once it shutdown. The latch is reset by either cycling the input power or by toggling the on/off signal for one second. Over-Temperature Protection The over-temperature protection consists of circuitry that provides protection from thermal damage. If the temperature exceeds the over-temperature threshold the module will shut down, the hiccup mode is default and latch mode is optional. For hiccup mode, the module will monitor the module temperature after shutdown. Once the temperature is within the specification, the module will be auto-restarted. For latch mode, the module will latch off once it shutdown. The latch is reset by either cycling the input power or by toggling the on/off signal for one second. Remote On/Off The remote on/off feature on the module can be either negative or positive logic. Negative logic turns the module on during a logic low and off during a logic high. Positive logic turns the modules on during a logic high and off during a logic low. Remote on/off can be controlled by an external switch between the on/off terminal and the Vin (-) terminal. The switch can be an open collector or open drain. Figure 15: Remote on/off implementation Current Share The modules can operate in parallel up to 3 units and provide up to 1600W output power without any or-ing FET or diode. Between 50% and 100% max load rating, current–sharing accuracy is +/-2.5%. The equation of Ishare PIN voltage vs. Io is: Ishare = 0.25*Io+0.25 Ishare unit is Volt, and Io unit is Amp. In parallel application, if the load current is larger than one module’s full current, the modules can not restart automatically even in hiccup mode. Either cycling the input power or toggling the on/off signal for one second can startup the modules. Current Monitor Imon shall sink a current proportional to output current and reference to Vout (-). This pin can be pulled up through an external resistor to an external voltage, the external voltage ranges from 1.5V to Vout (+) +3.3V. Output current equals Imon×10,000. Accuracy is +/- 0.5A. |
Similar Part No. - H48SA53010PNFA |
|
Similar Description - H48SA53010PNFA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |