Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H48SA53010PNFH Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part # H48SA53010PNFH
Description  Delphi Series H48SA53010, Half Brick Family DC/DC Power Modules: 48V in, 54V/10.2A out
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

H48SA53010PNFH Datasheet(HTML) 8 Page - Delta Electronics, Inc.

Back Button H48SA53010PNFH Datasheet HTML 4Page - Delta Electronics, Inc. H48SA53010PNFH Datasheet HTML 5Page - Delta Electronics, Inc. H48SA53010PNFH Datasheet HTML 6Page - Delta Electronics, Inc. H48SA53010PNFH Datasheet HTML 7Page - Delta Electronics, Inc. H48SA53010PNFH Datasheet HTML 8Page - Delta Electronics, Inc. H48SA53010PNFH Datasheet HTML 9Page - Delta Electronics, Inc. H48SA53010PNFH Datasheet HTML 10Page - Delta Electronics, Inc. H48SA53010PNFH Datasheet HTML 11Page - Delta Electronics, Inc. H48SA53010PNFH Datasheet HTML 12Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
DS_H48SA53010_08042011
8
FEATURES DESCRIPTIONS
Over-Current Protection
The modules include an internal output over-current
protection circuit, which will endure current limiting for
an unlimited duration during output overload. If the
output current exceeds the OCP set point, the modules
will automatically shut down, the hiccup mode is default
and latch mode is optional.
For hiccup mode, the module will try to restart after
shutdown. If the overload condition still exists, the
module will shut down again. This restart trial will
continue until the overload condition is corrected.
For latch mode, the module will latch off once it
shutdown. The latch is reset by either cycling the input
power or by toggling the on/off signal for one second.
Over-Voltage Protection
The modules include an internal output over-Voltage
protection circuit, which will endure output voltage
limiting. If the output voltage exceeds the OVP set point,
the modules will automatically shut down, the latch
mode is default and the hiccup mode is optional.
For hiccup mode, the module will try to restart after
shutdown. If the overvoltage condition still exists, the
module will shut down again. This restart trial will
continue until the over-voltage condition is corrected.
For latch mode, the module will latch off once it
shutdown. The latch is reset by either cycling the input
power or by toggling the on/off signal for one second.
Over-Temperature Protection
The over-temperature protection consists of circuitry
that provides protection from thermal damage. If the
temperature exceeds the over-temperature threshold
the module will shut down, the hiccup mode is default
and latch mode is optional.
For hiccup mode, the module will monitor the module
temperature after shutdown. Once the temperature is
within
the
specification,
the
module
will
be
auto-restarted.
For latch mode, the module will latch off once it
shutdown. The latch is reset by either cycling the input
power or by toggling the on/off signal for one second.
Remote On/Off
The remote on/off feature on the module can be either
negative or positive logic. Negative logic turns the module
on during a logic low and off during a logic high. Positive
logic turns the modules on during a logic high and off
during a logic low.
Remote on/off can be controlled by an external switch
between the on/off terminal and the Vin (-) terminal. The
switch can be an open collector or open drain.
Figure 15: Remote on/off implementation
Current Share
The modules can operate in parallel up to 3 units and
provide up to 1600W output power without any or-ing
FET or diode. Between 50% and 100% max load rating,
current–sharing accuracy is +/-2.5%. The equation of
Ishare PIN voltage vs. Io is:
Ishare = 0.25*Io+0.25
Ishare unit is Volt, and Io unit is Amp.
In parallel application, if the load current is larger than
one module’s full current, the modules can not restart
automatically even in hiccup mode. Either cycling the
input power or toggling the on/off signal for one second
can startup the modules.
Current Monitor
Imon shall sink a current proportional to output current
and reference to Vout (-). This pin can be pulled up
through an external resistor to an external voltage, the
external voltage ranges from 1.5V to Vout (+) +3.3V.
Output current equals Imon×10,000. Accuracy is +/-
0.5A.


Similar Part No. - H48SA53010PNFH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
H48SA53010 DELTA-H48SA53010 Datasheet
1Mb / 13P
   Industry standard pin out
H48SA53010NNFA DELTA-H48SA53010NNFA Datasheet
1Mb / 13P
   Industry standard pin out
H48SA53010NNFH DELTA-H48SA53010NNFH Datasheet
1Mb / 13P
   Industry standard pin out
More results

Similar Description - H48SA53010PNFH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
H48SA12025NNFA DELTA-H48SA12025NNFA Datasheet
508Kb / 14P
   Delphi Series H48SA, Half Brick Family DC/DC Power Modules: 48V in, 12V/25A out
H48SA28016NYH DELTA-H48SA28016NYH Datasheet
382Kb / 13P
   Delphi Series H48SA, 450W Half Brick Family DC/DC Power Modules: 48V in, 28V/16A out
H48SC3R325PSFA DELTA-H48SC3R325PSFA Datasheet
400Kb / 12P
   Delphi Series H48SC3R325, 85W Half Brick Family DC/DC Power Modules: 48V in, 3.3V/25A out
H48SV3R310 DELTA-H48SV3R310 Datasheet
667Kb / 14P
   Delphi Series H48SV, 150W Half Brick Family DC/DC Power Modules: 48V in, 3.3V/10A out
H48SL1R560 DELTA-H48SL1R560 Datasheet
632Kb / 14P
   Delphi Series H48SL, 200W Half Brick Family DC/DC Power Modules: 48V in, 1.5V/60A out
H48SA48003PNH DELTA-H48SA48003PNH Datasheet
523Kb / 13P
   Delphi Series H48SA, 150W Half Brick Family DC/DC Power Modules: 36~75V in, 48V/3.2A out
E48SC12008NRFA DELTA-E48SC12008NRFA Datasheet
777Kb / 17P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/8A out
E48SC3R320NRFA DELTA-E48SC3R320NRFA Datasheet
539Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
E48SC12005NRFA DELTA-E48SC12005NRFA Datasheet
717Kb / 15P
   Delphi Series E48SC12005, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/5A out
E48SP12020NRFA DELTA-E48SP12020NRFA Datasheet
475Kb / 15P
   Delphi Series E48SP Eighth Brick Family DC/DC Power Modules: 48V in, 12V/20A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com