Electronic Components Datasheet Search |
|
NC12S0A0H20PNFA Datasheet(PDF) 9 Page - Delta Electronics, Inc. |
|
NC12S0A0H20PNFA Datasheet(HTML) 9 Page - Delta Electronics, Inc. |
9 / 14 page DS_NC12S20A_12092010 9 FEATURES DESCRIPTIONS Power Good The converter provides an open collector signal called Power Good. This output pin uses positive logic and is open collector. This power good output is able to sink 5mA and set high when the output is within ±10% of output set point. The power good signal is pulled low when output is not within ±10% of Vout or Enable is OFF. Current Sink Capability The NC series converters are able to sink current as well as function as a current source. It is able to sink the full output current at any output voltage up to and including 2.5V. This feature allows the NC series fit into any voltage termination application. Voltage Margining Adjustment Output voltage margin adjusting can be implemented in the NC modules by connecting a resistor, Rmargin-up, from the Trim pin to the Ground for margining up the output voltage. Also, the output voltage can be adjusted lower by connecting a resistor, Rmargin-down, from the Trim pin to the voltage source Vt. Figure 30 shows the circuit configuration for output voltage margining adjustment. NC6A/15A/20A Vout Ground Trim Enable Ground Vin Rmargin-down Rs Vt Rmargin-up Figure 30: Circuit configuration for output voltage margining Paralleling NC06/NC15/NC20 converters do not have built-in current sharing (paralleling) ability. Hence, paralleling of multiple NC06/NC15/NC20 converters is not recommended. Output Capacitance There is no output capacitor on the NC series modules. Hence, an external output capacitor is required for stable operation. For NC20 modules, an external 6.3V/680µF low ESR capacitor (for example, OSCON Al-Polymer PSA series) is required for stable operation. It is important to places these low ESR capacitors as close to the load as possible in order to get improved dynamic response and better voltage regulation, especially when the load current is large. Several of these low ESR capacitors could be used together to further lower the ESR. Please refer to individual datasheet for the maximum allowed start-up load capacitance for each NC series as it is varied between series. Reflected Ripple Current and Output Ripple and Noise Measurement The measurement set-up outlined in Figure 31 has been used for both input reflected/ terminal ripple current and output voltage ripple and noise measurements on NC series converters. Cs=270µF*1, Ltest=1.4µH, Cin=270µF*1, Cout=680µF *1 Figure 31: Input reflected ripple/ capacitor ripple current and output voltage ripple and noise measurement setup for NC20 |
Similar Part No. - NC12S0A0H20PNFA |
|
Similar Description - NC12S0A0H20PNFA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |