Electronic Components Datasheet Search |
|
ERZV09D331 Datasheet(PDF) 5 Page - Panasonic Semiconductor |
|
ERZV09D331 Datasheet(HTML) 5 Page - Panasonic Semiconductor |
5 / 20 page Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. “ZNR” Transient/Surge Absorbers (Type D) – 8 – Part No. Applicable Standards Varistor Voltage✽ Maximum Allowable Voltage Clamping Voltage at 8/20μs Maximum Peak Current at 8/20μs(A) Recommended Applications Type Name Approvals (V) ACrms (V) DC (V) max.(V) Ip (A) 1 time 2 times ERZV10D751 V10751U ○●☆★ □◇◆ 750 (675 to 825) 460 615 1240 25 3500 2500 AC 380 V, Line–Line and Line–Ground Applications (For DC 500 V Insulating Test) ERZV14D751 V14751U ○◎☆★ □◇◆ 1240 50 5000 4500 ERZV20D751 V20751U ○◎☆★ □◇◆ 1240 100 7500 6500 ERZV10D821 V10821U ○●☆★ □◇◆ 820 (738 to 902) 510 670 1355 25 3500 2500 ERZV14D821 V14821U ○◎☆★ □◇◆ 1355 50 5000 4500 ERZV20D821 V20821U ○◎☆★ □◇◆ 1355 100 7500 6500 ERZV10D911 V10911U ○●☆★ □◇◆ 910 (819 to 1001) 550 745 1500 25 3500 2500 AC 415 V, Line–Line and Line–Ground Applications (For DC 500 V Insulating Test) ERZV14D911 V14911U ○◎☆★ □◇◆ 1500 50 5000 4500 ERZV20D911 V20911U ○◎☆★ □◇◆ 1500 100 7500 6500 ERZV10D102 V10102U ○●☆★ □◇◆ 1000 (900 to 1100) 625 825 1650 25 3500 2500 AC 480 V, Line–Line and Line–Ground Applications (For DC 500 V Insulating Test) ERZV14D102 V14102U ○◎☆★ □◇◆ 1650 50 5000 4500 ERZV20D102 V20102U ○◎☆★ □◇◆ 1650 100 7500 6500 ERZV10D112 V10112U ○●☆★ □◇◆ 1100 (990 to 1210) 680 895 1815 25 3500 2500 ERZV14D112 V14112U ○◎☆★ □◇◆ 1815 50 5000 4500 ERZV20D112 V20112U ○◎☆★ □◇◆ 1815 100 7500 6500 ERZV10D182CS V10182U ○●☆★ □◇◆ 1800 (1700 to 1980) 1000 1465 2970 25 3500 2500 Line–Ground Applications (For AC 1200 V Withstanding Test) ERZV14D182CS V14182U ○◎☆★ □◇◆ 2970 50 5000 4500 ERZV20D182 V20182U ○◎☆★ □◇◆ 2970 100 7500 6500 ■ Reference Guide to Standard Products ✽ Measuring Current of Varistor Voltage 5 Series : 0.1 mA, Others: 1 mA ○ : UL1449 (VZCA2/UL, VZCA8/C-UL), ● : UL1449 Type3 (or Code-Connected and Direct plug-in), ◎ : UL1449 Type2 (or Permanently Connected), ☆ : VDE (IEC61051-1, -2, -2-2), ★ : VDE (IEC60950-1 Annex.Q), □ : CSA C22.2 No.1 ◇ : CQC (GB/T10193, GB/T10194), ◆ : CQC (GB4943.1, GB8898) ※ Approval number (File No.) of safety regulations are subject to revision without notice. Ask factory for a copy of the latest file No. Aug. 2013 02 |
Similar Part No. - ERZV09D331 |
|
Similar Description - ERZV09D331 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |