Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC12S0A0V30PRFA Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # NC12S0A0V30PRFA
Description  Delphi NC30 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 30A
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

NC12S0A0V30PRFA Datasheet(HTML) 9 Page - Delta Electronics, Inc.

Back Button NC12S0A0V30PRFA Datasheet HTML 5Page - Delta Electronics, Inc. NC12S0A0V30PRFA Datasheet HTML 6Page - Delta Electronics, Inc. NC12S0A0V30PRFA Datasheet HTML 7Page - Delta Electronics, Inc. NC12S0A0V30PRFA Datasheet HTML 8Page - Delta Electronics, Inc. NC12S0A0V30PRFA Datasheet HTML 9Page - Delta Electronics, Inc. NC12S0A0V30PRFA Datasheet HTML 10Page - Delta Electronics, Inc. NC12S0A0V30PRFA Datasheet HTML 11Page - Delta Electronics, Inc. NC12S0A0V30PRFA Datasheet HTML 12Page - Delta Electronics, Inc. NC12S0A0V30PRFA Datasheet HTML 13Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
DS_NC12S30A_09072008
9
FEATURES DESCRIPTIONS (CON.)
Output Voltage Programming
The output voltage of the NC series is trimmable by
connecting an external resistor between the trim pin and
output ground as shown Figure 31 and the typical trim
resistor values are shown in Figure 32. The output can
also be set by an external voltage connected to trim pin as
shown in Figure 32.
The NC30A/40A module has a trim range of 0.9V to
5.0V. A plot of trim behavior is shown in Figure 33
Cout
-SENSE
+SENSE
GROUND
Rs
Vout
TRIM
Figure 31
: Trimming Output Voltage
The NC30/NC40 modules have a trim range of 0.9V to
5.0V. The trim resistor equation for the them is :
Rs (kΩ) =
9
.
0
69
.
12
Vout
Vout
Vout is the desired voltage setpoint,
Rs is the trim resistance between TRIM and Ground,
Rs values should not be less than 1.8 kΩ
Output Voltage
Rs(Ω)
+0.9 V
OPEN
+1.2 V
38.3K
+1.5 V
18.7K
+1.8 V
12.1K
+2.5 V
6.34K
+3.3 V
3.92K
+5.0 V
1.87K
Figure 32:
Typical trim resistor values
Rt
Cout
Vt
-SENSE
+SENSE
GROUND
Rs
Vout
TRIM
Figure 33:
Output voltage trim with voltage source
To use voltage trim, the trim equation for the NC30 is (please
refer to Fig. 33):
69
.
12
)
1
(
9
.
0
)
69
.
12
1
.
13
(
)
(
+
+
+
=
Ω
Rs
Vout
Rs
Vout
Vt
Rs
k
Rt
Vout is the desired output voltage
Vt is the external trim voltage
Rs is the resistance between Trim and Ground (in KΩ)
Rt is the resistor to be defined with the trim voltage (in KΩ)
Below is an example about using this voltage trim equation :
Example:
If Vt = 1.25V, desired Vout = 2.5V and Rs = 1 kΩ
Ω
=
+
+
+
=
Ω
k
Rs
Vout
Rs
Vout
Vt
Rs
k
Rt
72
.
0
69
.
12
)
1
(
9
.
0
)
69
.
12
1
.
13
(
)
(
Power Good
The converter provides an open collector signal called Power
Good. This output pin uses positive logic and is open
collector. This power good output is able to sink 5mA and set
high when the output is within ±10% of output set point. The
power good signal is pulled low when output is not within
±10% of Vout or Enable is OFF.
Output Capacitance
There is no output capacitor on the NC series modules.
Hence, an external output capacitor is required for stable
operation. For NC30 modules, two external 6.3V/680μF
output low ESR capacitors in parallel (for example, OSCON)
are required for stable operation.
It is important to places these low ESR capacitors as close to
the load as possible in order to get improved dynamic
response and better voltage regulation, especially when the
load current is large. Several of these low ESR capacitors
could be used together to further lower the ESR.
Please refer to individual datasheet for the maximum allowed
start-up load capacitance for each NC series as it is varied
between series.


Similar Part No. - NC12S0A0V30PRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
NC12S0A0V30PRFA DELTA-NC12S0A0V30PRFA Datasheet
756Kb / 14P
   Delphi NC30 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 30A
More results

Similar Description - NC12S0A0V30PRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
NC12S0A0H30PNFA DELTA-NC12S0A0H30PNFA Datasheet
756Kb / 14P
   Delphi NC30 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 30A
NC12S0A0V40PNFA DELTA-NC12S0A0V40PNFA Datasheet
686Kb / 14P
   Delphi NC40 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 40A
NC12S0A0V60PNFA DELTA-NC12S0A0V60PNFA Datasheet
627Kb / 13P
   Delphi NC Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 60A
NC12S0A0V60PNFA DELTA-NC12S0A0V60PNFA_08 Datasheet
551Kb / 13P
   Delphi NC Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 60A
NC12S0A0H40PNFA DELTA-NC12S0A0H40PNFA Datasheet
864Kb / 14P
   Delphi NC40 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 40A
NC12S0A0H06PNFA DELTA-NC12S0A0H06PNFA Datasheet
691Kb / 14P
   Delphi NC06 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V~5.0Vout, 6A
NC12S0A0H20PNFA DELTA-NC12S0A0H20PNFA Datasheet
912Kb / 14P
   Delphi NC20 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5.0Vout, 20A
NC12S0A0H15PNFA DELTA-NC12S0A0H15PNFA Datasheet
880Kb / 14P
   Delphi NC15 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5.0Vout, 15A
NC12S0A0V06PNFA DELTA-NC12S0A0V06PNFA_08 Datasheet
591Kb / 14P
   Delphi NC06 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V~5.0Vout, 6A
NC12S0A0V15PNFA DELTA-NC12S0A0V15PNFA Datasheet
781Kb / 14P
   Delphi NC15 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5.0Vout, 15A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com