Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V48SH3R325NNFA Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # V48SH3R325NNFA
Description  Industry standard footprint and pinout
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

V48SH3R325NNFA Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  V48SH3R325NNFA Datasheet HTML 1Page - Delta Electronics, Inc. V48SH3R325NNFA Datasheet HTML 2Page - Delta Electronics, Inc. V48SH3R325NNFA Datasheet HTML 3Page - Delta Electronics, Inc. V48SH3R325NNFA Datasheet HTML 4Page - Delta Electronics, Inc. V48SH3R325NNFA Datasheet HTML 5Page - Delta Electronics, Inc. V48SH3R325NNFA Datasheet HTML 6Page - Delta Electronics, Inc. V48SH3R325NNFA Datasheet HTML 7Page - Delta Electronics, Inc. V48SH3R325NNFA Datasheet HTML 8Page - Delta Electronics, Inc. V48SH3R325NNFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
DS_V48SH3R325_10282013
4
ELECTRICAL CHARACTERISTICS CURVES
For Negative Remote On/Off Start up
Figure 4: Turn-on transient at full rated load current
(10 ms/div). Vin=48V. Top Trace: Vout, 1.0V/div;
Bottom Trace: ON/OFF input, 5V/div
Figure 5: Turn-on transient at zero load current
(10 ms/div). Vin=48V. Top Trace: Vout: 1.0V/div,
Bottom Trace: ON/OFF input, 5V/div
For Input Voltage Start up
Figure 6: Turn-on transient at full rated load current
(10 ms/div). Vin=48V. Top Trace: Vout, 1.0V/div;
Bottom Trace: Vin , 30V/div
Figure 7: Turn-on transient at zero load current
(10 ms/div). Vin=48V. Top Trace: Vout, 1.0V/div;
Bottom Trace: Vin, 30V/div
Figure 8: Output voltage response to step-change in
load current (75%-50%-75% of Io, max; di/dt = 0.1A/µs).
Load cap: 10µF tantalum capacitor and 1µF ceramic
capacitor. Top Trace: Vout (100mV/div, 200us/div),
Bottom Trace: Iout (5A/div). Scope measurement should
be made using a BNC cable (length shorter than 20
inches). Position the load between 51 mm to 76 mm (2
inches to 3 inches) from the module
Figure 9: Output voltage response to step-change in
load current (75%-50%-75% of Io, max; di/dt =
1.0A/µs). Load cap: 2*470µF tantalum capacitor and
1µF ceramic capacitor. Top Trace: Vout (100mV/div,
200us/div),
Bottom
Trace:
Iout
(5A/div).
Scope
measurement should be made using a BNC cable
(length shorter than 20 inches). Position the load
between 51 mm to 76 mm (2 inches to 3 inches) from
the module
0
0
0
0
0
0
0
0
0
0
0
0


Similar Part No. - V48SH3R325NNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
V48SH3R325NNFA DELTA-V48SH3R325NNFA Datasheet
681Kb / 14P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules
V48SH3R325NNFA DELTA-V48SH3R325NNFA_14 Datasheet
681Kb / 14P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules
More results

Similar Description - V48SH3R325NNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
V48SH1R050NNFA DELTA-V48SH1R050NNFA Datasheet
984Kb / 16P
   Industry standard footprint and pinout
V48SC12007 DELTA-V48SC12007 Datasheet
1Mb / 17P
   Industry standard footprint and pinout
E36SC3R3 DELTA-E36SC3R3 Datasheet
587Kb / 15P
   Industry standard footprint and pinout
logo
Bel Fuse Inc.
YM12S05 BEL-YM12S05 Datasheet
704Kb / 19P
   Industry-standard footprint and pinout
logo
Delta Electronics, Inc.
V48SH3R325 DELTA-V48SH3R325 Datasheet
756Kb / 13P
   Industry standard footprint and pinout
V48SH05017 DELTA-V48SH05017 Datasheet
798Kb / 14P
   Industry standard footprint and pinout
logo
Bel Fuse Inc.
YM05S05 BEL-YM05S05 Datasheet
728Kb / 19P
   Industry-standard footprint and pinout
logo
Delta Electronics, Inc.
E36SC120 DELTA-E36SC120 Datasheet
881Kb / 16P
   Industry standard footprint and pinout
V48SR05013 DELTA-V48SR05013 Datasheet
957Kb / 14P
   Industry standard footprint and pinout
logo
Bel Fuse Inc.
YNS05S16 BEL-YNS05S16 Datasheet
704Kb / 20P
   Industry-standard footprint and pinout
YNV05T06 BEL-YNV05T06 Datasheet
740Kb / 19P
   Industry-standard footprint and pinout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com