Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14777 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX14777
Description  Quad Beyond-the-Rails -15V to 35V Analog Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14777 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX14777 Datasheet HTML 6Page - Maxim Integrated Products MAX14777 Datasheet HTML 7Page - Maxim Integrated Products MAX14777 Datasheet HTML 8Page - Maxim Integrated Products MAX14777 Datasheet HTML 9Page - Maxim Integrated Products MAX14777 Datasheet HTML 10Page - Maxim Integrated Products MAX14777 Datasheet HTML 11Page - Maxim Integrated Products MAX14777 Datasheet HTML 12Page - Maxim Integrated Products MAX14777 Datasheet HTML 13Page - Maxim Integrated Products MAX14777 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
(VCC = 5V, VL = 3.3V, TA = +25°C, unless otherwise noted.)
THD+N vs. FREQUENCY
FREQUENCY (kHz)
0.2
2
0.01
0.1
1
0.001
0.02
20
RS = RL = 1kΩ
FREQUENCY (MHz)
10
1
0.1
100
PSRR vs. FREQUENCY
-100
-80
-60
-40
-20
0
-120
TURN-ON TIME
vs. ANALOG SIGNAL VOLTAGE
ANALOG SIGNAL VOLTAGE (V)
25
15
5
-5
5
10
15
20
25
0
-15
35
SEL35 = HIGH
RL = 10kΩ
SEL35 = LOW
TURN-OFF TIME
vs. ANALOG SIGNAL VOLTAGE
ANALOG SIGNAL VOLTAGE (V)
25
15
5
-5
22
24
26
28
30
32
34
36
38
40
20
-15
35
SEL35 = HIGH
RL = 10kΩ
MAX14777
Quad Beyond-the-Rails -15V to +35V
Analog Switch
Maxim Integrated │ 10
www.maximintegrated.com
Typical Operating Characteristics (continued)


Similar Part No. - MAX14777

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14770E MAXIM-MAX14770E Datasheet
1Mb / 15P
   High-ESD Profibus RS-485 Transceiver
Rev 3; 10/12
MAX14770E MAXIM-MAX14770E Datasheet
1Mb / 16P
   High-ESD Profibus RS-485 Transceiver
Rev 1; 4/10
MAX14770E MAXIM-MAX14770E Datasheet
1Mb / 16P
   High-ESD Profibus RS-485 Transceiver
Rev 2; 1/11
MAX14770EATA MAXIM-MAX14770EATA Datasheet
1Mb / 16P
   High-ESD Profibus RS-485 Transceiver
Rev 3; 10/12
MAX14770EATA+T MAXIM-MAX14770EATA+T Datasheet
1Mb / 15P
   High-ESD Profibus RS-485 Transceiver
Rev 3; 10/12
More results

Similar Description - MAX14777

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20327 MAXIM-MAX20327 Datasheet
721Kb / 13P
   12V Capable, Low-RON, Beyond-the-Rails??DPDT Analog Switch
19-100268; Rev 0; 6/18
MAX20336 MAXIM-MAX20336 Datasheet
756Kb / 12P
   Ultra-Small, Low-RON, Beyond-the-Rails DPST Analog Switches
Rev 0; 2/19
MAX14661 MAXIM-MAX14661 Datasheet
1Mb / 27P
   Beyond-the-Rails 16:2 Multiplexer
19-6739; Rev 2; 1/15
MAX14689 MAXIM-MAX14689 Datasheet
792Kb / 12P
   Ultra-Small, Low-RON, Beyond-the-Rails??DPDT Analog Switches
19-6784; Rev 5; 6/20
MAX14662 MAXIM-MAX14662 Datasheet
1Mb / 23P
   Beyond-the-Rails 8 x SPST
Rev 1; 6/14
MAX9117EXK-T MAXIM-MAX9117EXK-T Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators
Rev 4; 1/07
MAX20336 MAXIM-MAX20336_V01 Datasheet
523Kb / 16P
   Ultra-Small, Low-RON, Beyond-the-Rails DPST/SPDT Analog Switches
2021
logo
Holt Integrated Circuit...
HI-8200 HOLTIC-HI-8200 Datasheet
83Kb / 10P
   Quad 10 Ohm 12V outside-the-rails Analog Switch with
logo
Maxim Integrated Produc...
MAX961 MAXIM-MAX961 Datasheet
371Kb / 12P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V,Beyond-the-Rails Comparators
Rev 4; 3/99
MAX961 MAXIM-MAX961_07 Datasheet
325Kb / 14P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 5; 2/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com