Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR40H60CT Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # MBR40H60CT
Description  Dual rectifier construction, positive center tap
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MBR40H60CT Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  MBR40H60CT Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MBR40H60CT Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. MBR40H60CT Datasheet HTML 3Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MBR40H35CT thru MBR40H60CT
2
Electrical Characteristics (TC = 25°C unless otherwise noted)
MBR40H MBR40H MBR40H MBR40H
Parameter
Symbol
35CT
40CT
50CT
60CT
Unit
Maximum repetitive peak reverse voltage
VRRM
35
45
50
60
V
Working peak reverse voltage
VRWM
35
45
50
60
V
Maximum DC blocking voltage
VDC
35
45
50
60
V
Maximum instantaneous
at IF = 20A, TJ = 25°C
0.64
0.68
forward voltage per leg(1)
at IF = 20A, TJ = 125°C
VF
0.55
0.60
V
at IF = 40A, TJ = 25°C
0.76
0.83
at IF = 40A, TJ = 125°C
0.70
0.73
Maximum reverse current per leg
TJ = 25°C
100
µA
at working peak reverse voltage (Note 1)
TJ = 125°C
IR
15
mA
Typical junction capacitance at 4.0V, 1MHz
CJ
1200
920
pF
Thermal Characteristics (TC = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Typical thermal resistance per leg
RθJC
1.8
O
C/W
Notes:
(1) Pulse test: 300µs pulse width, 1% duty cycle.
Ordering Information
Package
Product
Case
Package Option
Code
MBR40H35CT - MBR40H60CT
TO-220AB
Anti-Static tube, 50/tube, 1K/carton
45
www.kersemi.com


Similar Part No. - MBR40H60CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR40H60CT VISHAY-MBR40H60CT Datasheet
50Kb / 3P
   Dual Schottky Barrier Rectifiers
14-Jul-04
MBR40H60CT VISHAY-MBR40H60CT Datasheet
99Kb / 4P
   Dual Common-Cathode Schottky Rectifiers
Revision: 19-May-08
logo
Kersemi Electronic Co.,...
MBR40H60CT KERSEMI-MBR40H60CT Datasheet
1Mb / 3P
   Dual rectifier construction, positive center tap
MBR40H60CT KERSEMI-MBR40H60CT Datasheet
1Mb / 3P
   Dual rectifier construction, positive center tap
logo
Vishay Siliconix
MBR40H60CT VISHAY-MBR40H60CT Datasheet
85Kb / 5P
   Dual Common Cathode Schottky Rectifiers
Revision: 13-Aug-13
More results

Similar Description - MBR40H60CT

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
MBR40H60CT KERSEMI-MBR40H60CT Datasheet
1Mb / 3P
   Dual rectifier construction, positive center tap
logo
Surge Components
MBR3060CT SURGE-MBR3060CT Datasheet
433Kb / 5P
   Dual rectifier construction, positive center tap
MBR1545CT SURGE-MBR1545CT Datasheet
1Mb / 5P
   Dual rectifier construction, positive center tap
MBR1560 SURGE-MBR1560 Datasheet
2Mb / 6P
   Dual rectifier construction, positive center tap
MBR1060 SURGE-MBR1060 Datasheet
2Mb / 6P
   Dual rectifier construction, positive center tap
MBR1060CT SURGE-MBR1060CT Datasheet
2Mb / 6P
   Dual rectifier construction, positive center tap
MBR1645CT SURGE-MBR1645CT Datasheet
2Mb / 6P
   Dual rectifier construction, positive center tap
MBR3045CT SURGE-MBR3045CT Datasheet
462Kb / 5P
   Dual rectifier construction, positive center tap
MBR4045CT SURGE-MBR4045CT Datasheet
2Mb / 6P
   Dual rectifier construction, positive center tap
MBR860 SURGE-MBR860 Datasheet
489Kb / 6P
   Dual rectifier construction, positive center tap
MBR10100 SURGE-MBR10100 Datasheet
2Mb / 6P
   Dual rectifier construction, positive center tap
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com