Electronic Components Datasheet Search |
|
XC6215P132MR-G Datasheet(PDF) 1 Page - Torex Semiconductor |
|
XC6215P132MR-G Datasheet(HTML) 1 Page - Torex Semiconductor |
1 / 36 page 1/36 XC6215 Series 0.8μA Low Power Consumption Voltage Regulator with ON/OFF Switch ■ GENERAL DESCRIPTION The XC6215 series are highly precise, low noise, positive voltage LDO regulators manufactured using CMOS processes. The series achieves very low supply current, 0.8μA (TYP.) and consists of a reference voltage source, an error amplifier, a current foldback circuit, and a phase compensation circuit plus a driver transistor. Ultra small packages USP-3, USP-4, USPN-4 and SSOT-24, and small package SOT-25 packages make high density mounting possible. Therefore, the series is ideal for applications where high density mounting is required such as in mobile phones. Output voltage is selectable in 0.1V increments within a range of 0.9V ~ 5.0V by laser trimming The series is also compatible with low ESR ceramic capacitors, which give added output stability. The current limiter's foldback circuit also operates as a short protect for the output current limiter and the output pin. Furthermore, the CE function allows the output of the regulator to be turned off, resulting in greatly reduced power consumption. ■ TYPICAL APPLICATION CIRCUIT ■ APPLICATIONS ● Mobile phones ● Cordless phones, wireless communication equipment ● Portable games ● Cameras, Video recorders ● Portable AV equipment ● PDAs ■ FEATURES Maximum Output Current : 200mA (300mA Limit, TYP.) @ VOUT=3.0V, VIN=4.0V Dropout Voltage : 320mV @ IOUT = 100mA @ VOUT = 3.0V Operating Input Voltage : 1.5V ~ 6.0V Output Voltage Range : 0.9V ~ 5.0V (0.1V Increments) Highly Accurate : Set voltage accuracy ±2% (1.5V<VOUT(T)<5.0V) Set voltage accuracy ±30mV (0.9V<VOUT(T)<1.5V) Low Power Consumption : 0.8μA (TYP.) Stand-by Current : Less than 0.1μA Operating Temperature Range : - 40℃~ 85℃ Low ESR Capacitor Compatible : Ceramic capacitor Current Limiter Circuit Built-In Packages : USP-4 SSOT-24 USP-3 (For the XC6215P series only) SOT-25 USPN-4 Environmentally Friendly : EU RoHS Compliant, Pb Free VIN VOUT VSS CE VOUT CL=0.1uF (ceramic) CIN=1.0uF (ceramic) ■ TYPICAL PERFORMANCE CHARACTERISTICS ● Supply Current vs. Input Voltage ● USP-4, SSOT-24, SOT-25,USPN-4 packages (For the USP-3 package, with no CE pin) XC6215x302 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 01 23 45 6 Input Voltage VIN (V) VIN=VCE CIN=1.0μF(ceram ic),CL=0.1μF(ceram ic) Ta=-40℃ Ta=25℃ Ta=85℃ ETR0319_009 |
Similar Part No. - XC6215P132MR-G |
|
Similar Description - XC6215P132MR-G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |