Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG1002 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # SG1002
Description  Dual 10 m high-side switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SG1002 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  SG1002 Datasheet HTML 1Page - Freescale Semiconductor, Inc SG1002 Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For more information, please visit freescale.com/analog
Freescale and the Freescale logo are trademarks of Freescale Semiconductor, Inc., Reg. U.S. Pat. & Tm. Off. SMARTMOS is
a trademark of Freescale Semiconductor, Inc. All other product or service names are the property of their respective owners.
© 2013 Freescale Semiconductor, Inc.
Document Number: MC10XSD200FS REV 1
This device features a dynamic overcurrent
threshold profile in order to avoid shutting off
due to inrush current while still being able to
closely track the load current. Switching the
current of each channel can be sensed with
a programmable sensing ratio. Whenever
communication with the external MCU is
lost, the device enters a fail-safe operation
mode, but remains operational, controllable
and protected.
Freescale: A Leader in
Analog Solutions
Expanding on more than 30 years of
innovation, Freescale is a leading provider
of high-performance products that use
SMARTMOS technology combining digital,
power and standard analog functions.
Freescale supplies analog and power
management ICs that are advancing the
automotive, consumer, industrial and
networking markets. Analog solutions
interface with real-world signals to control
and drive for complete embedded systems.
Product Features and Benefits
Features
Benefits
Two fully protected 10 mΩ (@ 25 °C) high-side switches
Offers an intelligent high-side switch for industrial
applications
Up to 6 A steady state current per channel
Allows decentralized lighting management (autonomous
operation)
Separate bulb and DC motor latched overcurrent handling Provides a high number of protective and diagnostic
functions
Individually programmable internal/external PWM
clock signals
Allowsusertodrivebulblamps(tungstenfilament),LED
lights and DC motors
Overcurrent, short-circuit, and overtemperature
protection with programmable auto-retry functions
Guarantees full functional and electrical compatibility
between family members
Accurate temperature and current sensing
Offers a 16-bit SPI interface for daisy chaining multiple
devices
Open load detection (channel in, off and on states) and
LEDapplications(7.0mAtypical)
Allows multiple channel and device current sensing with
only one precision resistor
Normal operating range: 8–36 V, extended range: 6–58 V
3.3 and 5 V compatible 16-bit SPI port for device control,
configurationanddiagnosticsatratesupto8MHz
Performance
Performance
Typical Values
Outputs
2
RDS(on) at 25 ºC
Dual 10 mΩ
Operating voltage
8–36 V
Extended operating range
6–58 V
Peak current
77A
ESD
± 8 kV power I/Os
± 2 kV digital I/Os
Documentation
Freescale Document
Number
Title
Description
MC10XSD200
Dual10mΩHigh-SideSwitch
Data sheet
SG1002
Analog Product Selector Guide
Selector guide
SG200
Analog and Power Management Industrial Selector Guide
Selector guide
AN2467
PowerQuadFlatNo-LeadPackage
Application note
AN4473
Compact Thermal Model Application Note
Application note
AN4474
EMC and Fast Transient Pulses Performances Application Note
Application note
AN4516
IBIS Model Application Note
Application note
Development Tools
Part Number
Description
KIT10XS4200EVBE
Evaluationboard,featuringtheMC10XS4200
23-pin PQFN (12 x 12 mm)
98ASA00428D


Similar Part No. - SG1002

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SG1002 FREESCALE-SG1002 Datasheet
8Mb / 2P
   Dual 6.0 m high-side switch
SG1002 FREESCALE-SG1002 Datasheet
300Kb / 2P
   Dual High-Side Switch
SG1002 FREESCALE-SG1002 Datasheet
7Mb / 2P
   Triple 7.0 mOhm and Dual 17 mOhm High-Side Switch
SG1002 FREESCALE-SG1002 Datasheet
8Mb / 2P
   Quad High Side Switch?봁ual 10 m, Dual 25 m
SG1002 FREESCALE-SG1002 Datasheet
8Mb / 2P
   Dual 16 mOhm High-Side Switch
More results

Similar Description - SG1002

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC10XSC425 FREESCALE-MC10XSC425 Datasheet
8Mb / 2P
   Quad High Side Switch?봁ual 10 m, Dual 25 m
MC06XSD200 FREESCALE-MC06XSD200 Datasheet
8Mb / 2P
   Dual 6.0 m high-side switch
10XSD200 FREESCALE-10XSD200 Datasheet
1Mb / 60P
   Dual 10 mOhm High Side Switch
33289 FREESCALE-33289 Datasheet
505Kb / 11P
   Dual High-Side Switch 40 m ohm
MC10XS4200 FREESCALE-MC10XS4200 Datasheet
1Mb / 60P
   Dual 24 V, 10 mOhm High Side Switch
logo
NXP Semiconductors
MC10XS4200 NXP-MC10XS4200 Datasheet
2Mb / 71P
   Dual 24 V, 10 mOhm high-side switch
Rev. 8, 3/2022
MC10XS3412 NXP-MC10XS3412 Datasheet
1Mb / 60P
   Quad high-side switch (dual 10 mOhm, dual 12 mOhm)
logo
Freescale Semiconductor...
10XS3412 FREESCALE-10XS3412_09 Datasheet
1Mb / 53P
   Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
10XS3435 FREESCALE-10XS3435_09 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
10XS3435 FREESCALE-10XS3435 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com