Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9531BS-T Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9531BS-T
Description  8-bit I2C-bus LED dimmer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9531BS-T Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9531BS-T Datasheet HTML 4Page - NXP Semiconductors PCA9531BS-T Datasheet HTML 5Page - NXP Semiconductors PCA9531BS-T Datasheet HTML 6Page - NXP Semiconductors PCA9531BS-T Datasheet HTML 7Page - NXP Semiconductors PCA9531BS-T Datasheet HTML 8Page - NXP Semiconductors PCA9531BS-T Datasheet HTML 9Page - NXP Semiconductors PCA9531BS-T Datasheet HTML 10Page - NXP Semiconductors PCA9531BS-T Datasheet HTML 11Page - NXP Semiconductors PCA9531BS-T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
PCA9531_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 19 February 2009
8 of 27
NXP Semiconductors
PCA9531
8-bit I2C-bus LED dimmer
6.3.6 LS0 to LS1 - LED selector registers
The LSn LED select registers determine the source of the LED data.
00 = output is set high-impedance (LED off; default)
01 = output is set LOW (LED on)
10 = output blinks at PWM0 rate
11 = output blinks at PWM1 rate
6.4 Pins used as GPIOs
LED pins not used to control LEDs can be used as General Purpose I/Os (GPIOs).
For use as input, set LEDn to high-impedance (00) and then read the pin state via the
Input register.
For use as output, connect external pull-up resistor to the pin and size it according to the
DC recommended operating characteristics. LEDn output pin is HIGH when the output is
programmed as high-impedance, and LOW when the output is programmed LOW through
the ‘LED selector’ register. The output can be pulse-width controlled when PWM0 or
PWM1 are used.
6.5 Power-on reset
When power is applied to VDD, an internal Power-On Reset (POR) holds the PCA9531 in
a reset condition until VDD has reached VPOR. At that point, the reset condition is released
and the PCA9531 registers are initialized to their default states, all the outputs in the
OFF state. Thereafter, VDD must be lowered below 0.2 V to reset the device.
6.6 External RESET
A reset can be accomplished by holding the RESET pin LOW for a minimum of tw(rst). The
PCA9531 registers and I2C-bus state machine will be held in their default states until the
RESET input is once again HIGH.
This input requires a pull-up resistor to VDD if no active connection is used.
Table 9.
LS0 to LS1 - LED selector registers bit description
Legend: * default value.
Register
Bit
Value
Description
LS0 - LED0 to LED3 selector
LS0
7:6
00*
LED3 selected
5:4
00*
LED2 selected
3:2
00*
LED1 selected
1:0
00*
LED0 selected
LS1 - LED4 to LED7 selector
LS1
7:6
00*
LED7 selected
5:4
00*
LED6 selected
3:2
00*
LED5 selected
1:0
00*
LED4 selected


Similar Part No. - PCA9531BS-T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9531BS PHILIPS-PCA9531BS Datasheet
154Kb / 20P
   8-bit I2C LED dimmer
2003 Nov 10
PCA9531BS NXP-PCA9531BS Datasheet
164Kb / 27P
   8-bit I2C-bus LED dimmer
Rev. 06-19 February 2009
More results

Similar Description - PCA9531BS-T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9531 NXP-PCA9531 Datasheet
164Kb / 27P
   8-bit I2C-bus LED dimmer
Rev. 06-19 February 2009
PCA9531 PHILIPS-PCA9531 Datasheet
154Kb / 20P
   8-bit I2C LED dimmer
2003 Nov 10
PCA9530 NXP-PCA9530 Datasheet
152Kb / 24P
   2-bit I2C-bus LED dimmer
Rev. 03-26 February 2009
PCA9532 NXP-PCA9532 Datasheet
173Kb / 29P
   16-bit I2C-bus LED dimmer
Rev. 04-17 March 2009
PCA9533 NXP-PCA9533 Datasheet
148Kb / 24P
   4-bit I2C-bus LED dimmer
Rev. 03-27 April 2009
PCA9533 PHILIPS-PCA9533 Datasheet
133Kb / 18P
   4-bit I2C LED dimmer
2004 Oct 01
PCA9532 PHILIPS-PCA9532 Datasheet
154Kb / 20P
   16-bit I2C LED dimmer
Rev. 04-17 March 2009
PCA9530 PHILIPS-PCA9530 Datasheet
123Kb / 16P
   2-bit I2C LED dimmer
2002 Dec 12
logo
Texas Instruments
TLC59208F TI-TLC59208F_1 Datasheet
712Kb / 29P
[Old version datasheet]   8-BIT FM I2C BUS LED DRIVER
logo
NXP Semiconductors
PCA9634 NXP-PCA9634 Datasheet
201Kb / 38P
   8-bit Fm I2C-bus LED driver
Rev. 06-12 September 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com