Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q36SR12017PNFH Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # Q36SR12017PNFH
Description  Delphi Series Q36SR, Quarter Brick 204W DC/DC Power Modules: 18V~75Vin,12V, 17Aout
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q36SR12017PNFH Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  Q36SR12017PNFH Datasheet HTML 1Page - Delta Electronics, Inc. Q36SR12017PNFH Datasheet HTML 2Page - Delta Electronics, Inc. Q36SR12017PNFH Datasheet HTML 3Page - Delta Electronics, Inc. Q36SR12017PNFH Datasheet HTML 4Page - Delta Electronics, Inc. Q36SR12017PNFH Datasheet HTML 5Page - Delta Electronics, Inc. Q36SR12017PNFH Datasheet HTML 6Page - Delta Electronics, Inc. Q36SR12017PNFH Datasheet HTML 7Page - Delta Electronics, Inc. Q36SR12017PNFH Datasheet HTML 8Page - Delta Electronics, Inc. Q36SR12017PNFH Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Q36SR12017_12272012
3
ELECTRICAL CHARACTERISTICS CURVES
Figure 1: Efficiency vs. load current for minimum, nominal, and
maximum input voltage at 25°C
Figure 2: Power dissipation vs. load current for minimum,
nominal, and maximum input voltage at 25°C.
0.5
5.5
10.5
15.5
15
20
25
30
35
40
4 5
50
55
60
65
70
75
INPU T VOL TAGE(V)
Figure 3: Typical full load input characteristics at room
temperature


Similar Part No. - Q36SR12017PNFH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q36SR12017 DELTA-Q36SR12017 Datasheet
713Kb / 14P
   Input Source Impedance
Q36SR12017NKFA DELTA-Q36SR12017NKFA Datasheet
713Kb / 14P
   Industry standard footprint and pin out
Q36SR12017NKFA DELTA-Q36SR12017NKFA Datasheet
713Kb / 14P
   Input Source Impedance
Q36SR12017NKFH DELTA-Q36SR12017NKFH Datasheet
713Kb / 14P
   Industry standard footprint and pin out
Q36SR12017NKFH DELTA-Q36SR12017NKFH Datasheet
713Kb / 14P
   Input Source Impedance
More results

Similar Description - Q36SR12017PNFH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q36SR12019NRFA DELTA-Q36SR12019NRFA Datasheet
591Kb / 14P
   Delphi Series Q36SR, Quarter Brick 228W DC/DC Power Modules: 18V~75Vin,12V, 19Aout
E36SC12009NRFA DELTA-E36SC12009NRFA Datasheet
579Kb / 16P
   Delphi Series E36SC120, Eighth Brick 108W DC/DC Power Modules: 18V~75Vin, 12V, 9Aout
E36SC3R335NRFA DELTA-E36SC3R335NRFA Datasheet
587Kb / 15P
   Delphi Series E36SC3R3, Eighth Brick 116W DC/DC Power Modules: 18V~75Vin, 3.3V, 35Aout
Q48SQ12018NRFH DELTA-Q48SQ12018NRFH Datasheet
729Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules
Q48SQ12025NRFH DELTA-Q48SQ12025NRFH Datasheet
716Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules:
Q48SE12033 DELTA-Q48SE12033 Datasheet
592Kb / 14P
   Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules
Q48SA52001NNFA DELTA-Q48SA52001NNFA_14 Datasheet
372Kb / 13P
   Delphi Series Q48SA, 60W Quarter Brick Family DC/DC Power Modules
Q48SA54001NNFH DELTA-Q48SA54001NNFH_14 Datasheet
507Kb / 14P
   Delphi Series Q48SA, 80W Quarter Brick Family DC/DC Power Modules
V36SE3R315NRFA DELTA-V36SE3R315NRFA_13 Datasheet
725Kb / 13P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules: 18~75Vin, 3.3Vo, 50W
Q48SP12017NRFA DELTA-Q48SP12017NRFA Datasheet
678Kb / 13P
   Delphi Series Q48SP, 216W Quarter Brick Family DC/DC Power Modules: 48V in, 12V/18A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com