Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC2G17GN Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74LVC2G17GN
Description  Dual non-inverting Schmitt trigger with 5 V tolerant input
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G17GN Datasheet(HTML) 4 Page - NXP Semiconductors

  74LVC2G17GN Datasheet HTML 1Page - NXP Semiconductors 74LVC2G17GN Datasheet HTML 2Page - NXP Semiconductors 74LVC2G17GN Datasheet HTML 3Page - NXP Semiconductors 74LVC2G17GN Datasheet HTML 4Page - NXP Semiconductors 74LVC2G17GN Datasheet HTML 5Page - NXP Semiconductors 74LVC2G17GN Datasheet HTML 6Page - NXP Semiconductors 74LVC2G17GN Datasheet HTML 7Page - NXP Semiconductors 74LVC2G17GN Datasheet HTML 8Page - NXP Semiconductors 74LVC2G17GN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
74LVC2G17
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 8 — 2 May 2013
4 of 19
NXP Semiconductors
74LVC2G17
Dual non-inverting Schmitt trigger with 5 V tolerant input
9.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
When VCC = 0 V (Power-down mode), the output voltage can be 5.5 V in normal operation.
[3]
For SC-88 and SC-74 packages: above 87.5
C the value of P
tot derates linearly with 4.0 mW/K.
For XSON6 packages: above 118
C the value of P
tot derates linearly with 7.8 mW/K.
10. Recommended operating conditions
11. Static characteristics
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+6.5
V
IIK
input clamping current
VI <0V
-
50
mA
VI
input voltage
[1]
0.5
+6.5
V
IOK
output clamping current
VO <0V
-
50
mA
VO
output voltage
Active mode
[1][2]
0.5
VCC + 0.5
V
Power-down mode
[1][2]
0.5
+6.5
V
IO
output current
VO =0VtoVCC
-
50
mA
ICC
supply current
-
100
mA
IGND
ground current
-
100
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
Tamb = 40 Cto+125 C
[3] -300
mW
Table 6.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
1.65
-
5.5
V
VI
input voltage
0
-
5.5
V
VO
output voltage
0
-
VCC
V
Tamb
ambient temperature
40
-
+125
C
Table 7.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Tamb = 40 Cto+85 C[1]
VOL
LOW-level output voltage
VI = VT+ or VT
IO =100 A; VCC = 1.65 V to 5.5 V
-
-
0.1
V
IO =4mA; VCC = 1.65 V
-
-
0.45
V
IO =8mA; VCC = 2.3 V
-
-
0.3
V
IO =12mA; VCC = 2.7 V
-
-
0.4
V
IO =24mA; VCC = 3.0 V
-
-
0.55
V
IO =32mA; VCC = 4.5 V
-
-
0.55
V


Similar Part No. - 74LVC2G17GN

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC2G17GN NEXPERIA-74LVC2G17GN Datasheet
258Kb / 17P
   Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 11 - 24 January 2022
More results

Similar Description - 74LVC2G17GN

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC2G17 NEXPERIA-74LVC2G17 Datasheet
258Kb / 17P
   Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 11 - 24 January 2022
74LVC2G17-Q100 NEXPERIA-74LVC2G17-Q100 Datasheet
225Kb / 13P
   Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 5 - 24 January 2022
logo
NXP Semiconductors
74LVC2G17-Q100 NXP-74LVC2G17-Q100 Datasheet
120Kb / 16P
   Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 1-7 August 2012
74LVC2G17 NXP-74LVC2G17 Datasheet
98Kb / 16P
   Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 04-9 October 2006
logo
Integrated Circuit Syst...
74LVC2G17 ICST-74LVC2G17 Datasheet
84Kb / 16P
   Dual non-inverting Schmitt-trigger with 5 V tolerant input
logo
NXP Semiconductors
74LVC2G17 PHILIPS-74LVC2G17 Datasheet
96Kb / 17P
   Dual non-inverting Schmitt-trigger with 5 V tolerant input
2004 Sep 08
74LVC2G14 PHILIPS-74LVC2G14 Datasheet
97Kb / 17P
   Dual inverting Schmitt-trigger with 5 V tolerant input
2004 Sep 08
74LVC2G14 NXP-74LVC2G14 Datasheet
93Kb / 17P
   Dual inverting Schmitt trigger with 5 V tolerant input
Rev. 04-4 September 2007
logo
Nexperia B.V. All right...
74LVC2G14-Q100 NEXPERIA-74LVC2G14-Q100 Datasheet
238Kb / 16P
   Dual inverting Schmitt trigger with 5 V tolerant input
74LVC2G14 NEXPERIA-74LVC2G14 Datasheet
266Kb / 17P
   Dual inverting Schmitt trigger with 5 V tolerant input
Rev. 13 - 24 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com