Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT54S Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BAT54S
Description  Schottky barrier (double) diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAT54S Datasheet(HTML) 3 Page - NXP Semiconductors

  BAT54S Datasheet HTML 1Page - NXP Semiconductors BAT54S Datasheet HTML 2Page - NXP Semiconductors BAT54S Datasheet HTML 3Page - NXP Semiconductors BAT54S Datasheet HTML 4Page - NXP Semiconductors BAT54S Datasheet HTML 5Page - NXP Semiconductors BAT54S Datasheet HTML 6Page - NXP Semiconductors BAT54S Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2002 Mar 04
3
NXP Semiconductors
Product data sheet
Schottky barrier (double) diodes
BAT54 series
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
THERMAL CHARACTERISTICS
Note
1.
Refer to SOT23 standard mounting conditions.
CHARACTERISTICS
Tamb = 25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Per diode
VR
continuous reverse voltage
30
V
IF
continuous forward current
200
mA
IFRM
repetitive peak forward current
tp ≤ 1 s; δ ≤ 0.5
300
mA
IFSM
non-repetitive peak forward current
tp < 10 ms
600
mA
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
125
°C
Per device
Ptot
total power dissipation
Tamb ≤ 25 °C
230
mW
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to
ambient
note 1
500
K/W
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
Per diode
VF
forward voltage
see Fig.3
IF = 0.1 mA
240
mV
IF = 1 mA
320
mV
IF = 10 mA
400
mV
IF = 30 mA
500
mV
IF = 100 mA
800
mV
IR
reverse current
VR = 25 V; see Fig.4
2
μA
trr
reverse recovery time
when switched from IF = 10 mA
to IR = 10 mA; RL = 100 Ω;
measured at IR = 1 mA;
see Fig.6
5
ns
Cd
diode capacitance
f = 1 MHz; VR = 1 V; see Fig.5
10
pF


Similar Part No. - BAT54S

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54S PANJIT-BAT54S Datasheet
112Kb / 3P
   SURFACT MOUNT SCHOTTKY BARRIER
logo
Zibo Seno Electronic En...
BAT54S ZSELEC-BAT54S Datasheet
71Kb / 2P
   SCHOTTKY BARRIER DIODES
logo
Taiwan Semiconductor Co...
BAT54S TSC-BAT54S Datasheet
146Kb / 2P
   200m Watts Surface Mount Schottky Barrier Diode
logo
NXP Semiconductors
BAT54S NXP-BAT54S Datasheet
302Kb / 11P
   Planar Schottky barrier diodes with an integrated guard ring for stress protection, encapsulated in a small SOT23 (TO-236AB) Surface-Mounted Device (SMD) plastic package.
Rev. 5-5 October 2012
logo
Vishay Siliconix
BAT54S VISHAY-BAT54S Datasheet
115Kb / 5P
   Small Signal Schottky Diodes, Single Dual
Rev. 1.6, 24-Nov-04
More results

Similar Description - BAT54S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT120 PHILIPS-BAT120_03 Datasheet
57Kb / 7P
   Schottky barrier double diodes
2003 Aug 04
BAT140 PHILIPS-BAT140 Datasheet
71Kb / 8P
   Schottky barrier double diodes
1997 Oct 03
BAT54 PHILIPS-BAT54 Datasheet
48Kb / 8P
   Schottky barrier double diodes
2002 Mar 04
BAT854W PHILIPS-BAT854W Datasheet
56Kb / 8P
   Schottky barrier (double) diodes
2001 Feb 27
BAT754 NXP-BAT754 Datasheet
204Kb / 7P
   Schottky barrier (double) diodes
2003 Mar 25
BAT160 PHILIPS-BAT160_15 Datasheet
192Kb / 7P
   Schottky barrier double diodes
1999 Sep 20
BAT721 PHILIPS-BAT721 Datasheet
48Kb / 8P
   Schottky barrier double diodes
1999 May 06
BAT160 PHILIPS-BAT160 Datasheet
52Kb / 8P
   Schottky barrier double diodes
1999 Sep 20
BAT754 PHILIPS-BAT754 Datasheet
47Kb / 8P
   Schottky barrier double diodes
1999 Aug 05
BAS40W PHILIPS-BAS40W Datasheet
52Kb / 8P
   Schottky barrier double diodes
1999 Apr 26
logo
Guangdong Kexin Industr...
BAT854W KEXIN-BAT854W Datasheet
46Kb / 1P
   Schottky barrier (double) diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com