Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM0408LE5H-TB Datasheet(PDF) 10 Page - Knowles Electronics

Part # SPM0408LE5H-TB
Description  Amplified Zero-Height SiSonicTM Microphone With Enhanced RF Protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

SPM0408LE5H-TB Datasheet(HTML) 10 Page - Knowles Electronics

Back Button SPM0408LE5H-TB_13 Datasheet HTML 3Page - Knowles Electronics SPM0408LE5H-TB_13 Datasheet HTML 4Page - Knowles Electronics SPM0408LE5H-TB_13 Datasheet HTML 5Page - Knowles Electronics SPM0408LE5H-TB_13 Datasheet HTML 6Page - Knowles Electronics SPM0408LE5H-TB_13 Datasheet HTML 7Page - Knowles Electronics SPM0408LE5H-TB_13 Datasheet HTML 8Page - Knowles Electronics SPM0408LE5H-TB_13 Datasheet HTML 9Page - Knowles Electronics SPM0408LE5H-TB_13 Datasheet HTML 10Page - Knowles Electronics SPM0408LE5H-TB_13 Datasheet HTML 11Page - Knowles Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Revision: C
2/28/2013
Sheet 10 of 11
©2013 Knowles Electronics
SPM0408LE5H-TB
12. RELIABILITY SPECIFICATIONS
Test
Description
Thermal Shock
100 cycles air-to-air thermal shock from -40
oC to +125oC with 15
minute soaks. (IEC 68-2-4)
High Temperature Storage
1,000 hours at +105
oC environment (IEC 68-2-2 Test Ba)
Low Temperature Storage
1,000 hours at -40
oC environment (IEC 68-2-2 Test Aa)
High Temperature Bias
1,000 hours at +105
oC under bias (IEC 68-2-2 Test Ba)
Low Temperature Bias
1,000 hours at -40
oC under bias (IEC 68-2-2 Test Aa)
Temperature / Humidity Bias
1,000 hours at +85
oC/85% R.H. under bias. (JESD22-A101A-B)
Vibration
4 cycles of 20 to 2,000 Hz sinusoidal sweep with 20 G peak
acceleration lasting 12 minutes in X, Y, and Z directions.
(Mil-Std-883E, method 2007.2 A)
ESD-HBM
3 discharges of ±2 kV direct contact to I/O pins. (ESD STM5.2)
ESD-LID/GND
3 discharges of ±8 kV direct contact to lid while unit is grounded.
(IEC 61000-4-2)
ESD-MM
3 discharges of ±2 kV direct contact to I/O pins.
(MIL 883E, Method 3015.7)
Reflow
5 reflow cycles with peak temperature of +260
oC
Mechanical Shock
3 pulses of 10,000 G in the X, Y, and Z direction (IEC 68-2-27, Test Ea)
Note: After reliability tests are performed, the sensitivity of the microphones shall not deviate
more than 3 dB from its initial value.


Similar Part No. - SPM0408LE5H-TB_13

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
SPM0408LE5H-TB KNOWLES-SPM0408LE5H-TB Datasheet
390Kb / 10P
   Mini Amplified Surface Mount Zero Height Silicon Microphone with Enhanced RF Protection Halogen Free
More results

Similar Description - SPM0408LE5H-TB_13

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
SPU0409LE5H-QB KNOWLES-SPU0409LE5H-QB Datasheet
813Kb / 11P
   Zero-Height SiSonicTM Microphone With Enhanced RF Protection
SPUL409HE5H-PB KNOWLES-SPUL409HE5H-PB_14 Datasheet
727Kb / 11P
   SiSonicTM Microphone With Enhanced RF Protection
SPM0404HE5H-PB KNOWLES-SPM0404HE5H-PB_13 Datasheet
742Kb / 11P
   SiSonicTM Microphone With Enhanced RF Protection
SPM0406HE3H-SB KNOWLES-SPM0406HE3H-SB_13 Datasheet
924Kb / 11P
   Differential SiSonicTM Microphone With Enhanced RF Protection
SPM0408LE5H-TB KNOWLES-SPM0408LE5H-TB Datasheet
390Kb / 10P
   Mini Amplified Surface Mount Zero Height Silicon Microphone with Enhanced RF Protection Halogen Free
SPV1840LR5H-B KNOWLES-SPV1840LR5H-B Datasheet
888Kb / 11P
   Zero-Height SiSonicTM Microphone
SPU0414HR5H KNOWLES-SPU0414HR5H Datasheet
274Kb / 11P
   Amplified "Ultra-Mini" SiSonicTM Microphone Specification With MaxRF Protection
SPV0840LR5H-B KNOWLES-SPV0840LR5H-B Datasheet
768Kb / 11P
   Zero-Height SiSonicTM Microphone
SPU0410LR5H-QB KNOWLES-SPU0410LR5H-QB Datasheet
907Kb / 11P
   Zero-Height SiSonicTM Microphone
SPM0423HE4H-WB KNOWLES-SPM0423HE4H-WB Datasheet
928Kb / 13P
   Digital SiSonicTM Microphone With Enhanced RF Performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com