Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9554PW,112 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA9554PW,112
Description  8-bit I2C-bus and SMBus I/O port with interrupt
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9554PW,112 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA9554PW,112 Datasheet HTML 1Page - NXP Semiconductors PCA9554PW,112 Datasheet HTML 2Page - NXP Semiconductors PCA9554PW,112 Datasheet HTML 3Page - NXP Semiconductors PCA9554PW,112 Datasheet HTML 4Page - NXP Semiconductors PCA9554PW,112 Datasheet HTML 5Page - NXP Semiconductors PCA9554PW,112 Datasheet HTML 6Page - NXP Semiconductors PCA9554PW,112 Datasheet HTML 7Page - NXP Semiconductors PCA9554PW,112 Datasheet HTML 8Page - NXP Semiconductors PCA9554PW,112 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
PCA9554_9554A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 9 — 19 March 2013
5 of 35
NXP Semiconductors
PCA9554; PCA9554A
8-bit I2C-bus and SMBus I/O port with interrupt
5.
Pinning information
5.1 Pinning
Fig 2.
Pin configuration for SO16
Fig 3.
Pin configuration for SSOP16
Fig 4.
Pin configuration for TSSOP16
Fig 5.
Pin configuration for SSOP20
Fig 6.
Pin configuration for HVQFN16
(SOT629-1)
Fig 7.
Pin configuration for HVQFN16
(SOT758-1)
VDD
SDA
SCL
INT
IO7
IO6
IO5
IO4
A0
A1
A2
IO0
IO1
IO2
IO3
VSS
PCA9554D
PCA9554AD
002aac486
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
PCA9554DB
PCA9554ADB
002aac487
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
VDD
SDA
SCL
INT
IO7
IO6
IO5
IO4
A0
A1
A2
IO0
IO1
IO2
IO3
VSS
VDD
SDA
SCL
INT
IO7
IO6
IO5
IO4
A0
A1
A2
IO0
IO1
IO2
IO3
VSS
PCA9554PW
PCA9554PW/Q900
PCA9554APW
002aac488
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
PCA9554TS
PCA9554ATS
INT
IO7
SCL
IO6
n.c.
n.c.
SDA
IO5
VDD
IO4
A0
VSS
A1
IO3
n.c.
n.c.
A2
IO2
IO0
IO1
002aac489
1
2
3
4
5
6
7
8
9
10
12
11
14
13
16
15
18
17
20
19
002aac490
PCA9554BS
PCA9554ABS
Transparent top view
IO2
IO6
IO1
IO7
IO0
INT
A2
SCL
4
9
3
10
2
11
1
12
terminal 1
index area
002aac491
PCA9554BS3
PCA9554ABS3
Transparent top view
IO2
IO6
IO1
IO7
IO0
A2
SCL
4
9
3
10
2
11
1
12
terminal 1
index area
INT


Similar Part No. - PCA9554PW,112

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9554PW PHILIPS-PCA9554PW Datasheet
183Kb / 20P
   8-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
PCA9554PW NXP-PCA9554PW Datasheet
187Kb / 30P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 07-13 November 2006
logo
Texas Instruments
PCA9554PW TI-PCA9554PW Datasheet
933Kb / 36P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554PW TI1-PCA9554PW Datasheet
768Kb / 34P
[Old version datasheet]   SMBus I/O Expander With Interrupt Output
PCA9554PWG4 TI1-PCA9554PWG4 Datasheet
768Kb / 34P
[Old version datasheet]   SMBus I/O Expander With Interrupt Output
More results

Similar Description - PCA9554PW,112

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9554D,112 NXP-PCA9554D,112 Datasheet
590Kb / 35P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9554 NXP-PCA9554 Datasheet
187Kb / 30P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 07-13 November 2006
logo
Catalyst Semiconductor
CAT9554A CATALYST-CAT9554A Datasheet
267Kb / 16P
   8-bit I2C and SMBus I/O Port with Interrupt
logo
NXP Semiconductors
PCA9554 PHILIPS-PCA9554 Datasheet
183Kb / 20P
   8-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
PCA9555 NXP-PCA9555_13 Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
PCA9534 NXP-PCA9534 Datasheet
163Kb / 25P
   8-bit I2C-bus and SMBus low power I/O port with interrupt
Rev. 03-6 November 2006
logo
Pericom Semiconductor C...
PI4IOE5V9555 PERICOM-PI4IOE5V9555 Datasheet
127Kb / 1P
   16-bit I2C-bus and SMBus I/O port with interrupt
logo
NXP Semiconductors
PCA9555D-T NXP-PCA9555D-T Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
PCA9555 NXP-PCA9555 Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
logo
ON Semiconductor
CAT9557 ONSEMI-CAT9557 Datasheet
171Kb / 17P
   8-Bit I2C-Bus and SMBus I/O Port
March, 2011 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com