Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPU0409HD5H-PB Datasheet(PDF) 7 Page - Knowles Electronics

Part # SPU0409HD5H-PB
Description  SiSonicTM Microphone
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

SPU0409HD5H-PB Datasheet(HTML) 7 Page - Knowles Electronics

Back Button SPU0409HD5H-PB Datasheet HTML 3Page - Knowles Electronics SPU0409HD5H-PB Datasheet HTML 4Page - Knowles Electronics SPU0409HD5H-PB Datasheet HTML 5Page - Knowles Electronics SPU0409HD5H-PB Datasheet HTML 6Page - Knowles Electronics SPU0409HD5H-PB Datasheet HTML 7Page - Knowles Electronics SPU0409HD5H-PB Datasheet HTML 8Page - Knowles Electronics SPU0409HD5H-PB Datasheet HTML 9Page - Knowles Electronics SPU0409HD5H-PB Datasheet HTML 10Page - Knowles Electronics SPU0409HD5H-PB Datasheet HTML 11Page - Knowles Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Revision: F
3/27/2013
Sheet 7 of 11
©2013 Knowles Electronics
SPU0409HD5H-PB
8.
PACKAGING & MARKING DETAIL
Model Number
Suffix
Reel Diameter
Quantity Per Reel
SPU0409HD5H-PB
-7
13”
5,700
Alpha Character A:
“S”: Knowles SiSonic
TM Production
“E”: Knowles Engineering Samples
“P”: Knowles Prototype Samples
“JIN NUMBER”:
Unique Job Identification Number
for product traceability
Notes: Dimensions are in millimeters unless otherwise specified.
Vacuum pickup only in the pick area indicated in Mechanical Specifications.
Tape & reel per EIA-481.
Labels applied directly to reel and external package.
Shelf life: Twelve (12) months when devices are to be stored in factory supplied,
unopened ESD moisture sensitive bag under maximum environmental conditions of
30°C, 70% R.H.
Pin 1


Similar Part No. - SPU0409HD5H-PB

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
SPU0409LE5H-BQ KNOWLES-SPU0409LE5H-BQ Datasheet
976Kb / 10P
   Zero Height Ultra-mini Surface Mount Silicon Microphone with Enhanced RF Protection - Halogen Free
SPU0409LE5H-QB KNOWLES-SPU0409LE5H-QB Datasheet
813Kb / 11P
   Zero-Height SiSonicTM Microphone With Enhanced RF Protection
More results

Similar Description - SPU0409HD5H-PB

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
SPM1437HM4H-B KNOWLES-SPM1437HM4H-B Datasheet
981Kb / 13P
   Digital SiSonicTM Microphone
SPM0423HD4H-WB KNOWLES-SPM0423HD4H-WB Datasheet
884Kb / 13P
   Digital SiSonicTM Microphone
SPM0423HM4H-WB KNOWLES-SPM0423HM4H-WB Datasheet
949Kb / 13P
   Digital SiSonicTM Microphone
SPM0437HD4H-B KNOWLES-SPM0437HD4H-B Datasheet
909Kb / 13P
   Digital SiSonicTM Microphone
SPV1840LR5H-B KNOWLES-SPV1840LR5H-B Datasheet
888Kb / 11P
   Zero-Height SiSonicTM Microphone
SPQ0410HR5H-B KNOWLES-SPQ0410HR5H-B Datasheet
737Kb / 11P
   Slim UltraMini SiSonicTM Microphone
SPQ1410HR5H-B KNOWLES-SPQ1410HR5H-B Datasheet
734Kb / 11P
   Slim UltraMini SiSonicTM Microphone
SPW2430HR5H-B KNOWLES-SPW2430HR5H-B Datasheet
875Kb / 11P
   Top Port SiSonicTM Microphone
SPV0840LR5H-B KNOWLES-SPV0840LR5H-B Datasheet
768Kb / 11P
   Zero-Height SiSonicTM Microphone
SPU0410LR5H-QB KNOWLES-SPU0410LR5H-QB Datasheet
907Kb / 11P
   Zero-Height SiSonicTM Microphone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com