Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA312X-800C Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BTA312X-800C
Description  12 A Three-quadrant triacs high commutation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA312X-800C Datasheet(HTML) 5 Page - NXP Semiconductors

  BTA312X-800C Datasheet HTML 1Page - NXP Semiconductors BTA312X-800C Datasheet HTML 2Page - NXP Semiconductors BTA312X-800C Datasheet HTML 3Page - NXP Semiconductors BTA312X-800C Datasheet HTML 4Page - NXP Semiconductors BTA312X-800C Datasheet HTML 5Page - NXP Semiconductors BTA312X-800C Datasheet HTML 6Page - NXP Semiconductors BTA312X-800C Datasheet HTML 7Page - NXP Semiconductors BTA312X-800C Datasheet HTML 8Page - NXP Semiconductors BTA312X-800C Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
BTA312X_SER_B_C_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 17 December 2007
5 of 12
NXP Semiconductors
BTA312X series B and C
12 A Three-quadrant triacs high commutation
5.
Thermal characteristics
6.
Isolation characteristics
Table 4.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-h)
thermal resistance from junction to
heatsink
full or half cycle; without
heatsink compound; see
Figure 6
-
-
5.5
K/W
full or half cycle; with
heatsink compound; see
Figure 6
-
-
4.0
K/W
Rth(j-a)
thermal resistance from junction to
ambient
in free air
-
55
-
K/W
(1) Unidirectional (half cycle) without heatsink compound
(2) Unidirectional (half cycle) with heatsink compound
(3) Bidirectional (full cycle) without heatsink compound
(4) Bidirectional (full cycle) with heatsink compound
Fig 6.
Transient thermal impedance from junction to heatsink as a function of pulse duration
003aab672
10−1
10−2
1
10
Zth(j-h)
(K/W)
10−3
tp (s)
10−5
110
10−1
10−2
10−4
10−3
tp
P
t
(1)
(2)
(3)
(4)
Table 5.
Isolation limiting values and characteristics
Th = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Visol(RMS)
RMS isolation voltage
from all three terminals to
external heatsink; f = 50 Hz to
60 Hz; sinusoidal waveform;
RH
≤ 65 %; clean and dust free
-
-
2500
V
Cisol
isolation capacitance
from pin 2 to external heatsink;
f=1MHz
-10
-
pF


Similar Part No. - BTA312X-800C

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
BTA312X-800C WEEN-BTA312X-800C Datasheet
262Kb / 13P
   3Q Hi-Com Triac
BTA312X-800CT WEEN-BTA312X-800CT Datasheet
403Kb / 12P
   3Q Hi-Com Triac
More results

Similar Description - BTA312X-800C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA312 NXP-BTA312_1 Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA312X-600D NXP-BTA312X-600D Datasheet
94Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA312-800B PHILIPS-BTA312-800B Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-13 March 2007
BTA312X NXP-BTA312X Datasheet
86Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01 - 11 April 2007
BTA312B-600E NXP-BTA312B-600E Datasheet
88Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-26 April 2007
BTA312B NXP-BTA312B Datasheet
81Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01 - 12 April 2007
BTA312 NXP-BTA312 Datasheet
81Kb / 12P
   12 A Three-quadrant triacs high commutation high temperature
Rev. 01- 6 April 2007
BTA312Y NXP-BTA312Y Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation insulated
Rev. 01-27 September 2007
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com