Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA312X Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BTA312X
Description  12 A Three-quadrant triacs high commutation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA312X Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BTA312X Datasheet HTML 2Page - NXP Semiconductors BTA312X Datasheet HTML 3Page - NXP Semiconductors BTA312X Datasheet HTML 4Page - NXP Semiconductors BTA312X Datasheet HTML 5Page - NXP Semiconductors BTA312X Datasheet HTML 6Page - NXP Semiconductors BTA312X Datasheet HTML 7Page - NXP Semiconductors BTA312X Datasheet HTML 8Page - NXP Semiconductors BTA312X Datasheet HTML 9Page - NXP Semiconductors BTA312X Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
BTA312X_SER_B_C_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 17 December 2007
6 of 12
NXP Semiconductors
BTA312X series B and C
12 A Three-quadrant triacs high commutation
7.
Static characteristics
Table 6.
Static characteristics
Tj =25 °C unless otherwise specified.
Symbol Parameter
Conditions
BTA312X-600B
BTA312X-800B
BTA312X-600C
BTA312X-800C
Unit
Min
Typ
Max
Min
Typ
Max
IGT
gate trigger
current
VD =12V; IT = 0.1 A; see Figure 8
T2+ G+
2
-
50
2
-
35
mA
T2+ G
2
-
50
2
-
35
mA
T2
− G−
2
-
50
2
-
35
mA
IL
latching current VD =12V; IGT = 0.1 A; see Figure 10
-
T2+ G+
-
-
60
-
-
50
mA
T2+ G
-
-
90
-
-
60
mA
T2
− G−
-
-
60
-
-
50
mA
IH
holding current
VD =12V; IGT = 0.1 A; see Figure 11
-
-
60
-
-
35
mA
VT
on-state
voltage
IT = 15 A; see Figure 9
-
1.3
1.6
-
1.3
1.6
V
VGT
gate trigger
voltage
VD =12V; IT = 0.1 A; see Figure 7
-
0.8
1.5
-
0.8
1.5
V
VD = 400 V; IT = 0.1 A; Tj = 125 °C
0.25
0.4
-
0.25
0.4
-
V
ID
off-state current VD =VDRM(max); Tj = 125 °C
-
0.1
0.5
-
0.1
0.5
mA


Similar Part No. - BTA312X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA312X NXP-BTA312X Datasheet
86Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01 - 11 April 2007
BTA312X-600B NXP-BTA312X-600B Datasheet
86Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01 - 11 April 2007
logo
WeEn Semiconductors
BTA312X-600B WEEN-BTA312X-600B Datasheet
262Kb / 13P
   3Q Hi-Com Triac
logo
NXP Semiconductors
BTA312X-600C NXP-BTA312X-600C Datasheet
86Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01 - 11 April 2007
logo
WeEn Semiconductors
BTA312X-600C WEEN-BTA312X-600C Datasheet
262Kb / 13P
   3Q Hi-Com Triac
More results

Similar Description - BTA312X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA312 NXP-BTA312_1 Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA312X-600D NXP-BTA312X-600D Datasheet
94Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA312-800B PHILIPS-BTA312-800B Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-13 March 2007
BTA312X NXP-BTA312X Datasheet
86Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01 - 11 April 2007
BTA312B-600E NXP-BTA312B-600E Datasheet
88Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-26 April 2007
BTA312B NXP-BTA312B Datasheet
81Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01 - 12 April 2007
BTA312 NXP-BTA312 Datasheet
81Kb / 12P
   12 A Three-quadrant triacs high commutation high temperature
Rev. 01- 6 April 2007
BTA312Y NXP-BTA312Y Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation insulated
Rev. 01-27 September 2007
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com