Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC16C554BIBM Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SC16C554BIBM
Description  5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16C554BIBM Datasheet(HTML) 3 Page - NXP Semiconductors

  SC16C554BIBM Datasheet HTML 1Page - NXP Semiconductors SC16C554BIBM Datasheet HTML 2Page - NXP Semiconductors SC16C554BIBM Datasheet HTML 3Page - NXP Semiconductors SC16C554BIBM Datasheet HTML 4Page - NXP Semiconductors SC16C554BIBM Datasheet HTML 5Page - NXP Semiconductors SC16C554BIBM Datasheet HTML 6Page - NXP Semiconductors SC16C554BIBM Datasheet HTML 7Page - NXP Semiconductors SC16C554BIBM Datasheet HTML 8Page - NXP Semiconductors SC16C554BIBM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
SC16C554B_554DB
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 4 — 8 June 2010
3 of 58
NXP Semiconductors
SC16C554B/554DB
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
4.
Block diagram
Fig 1.
Block diagram of SC16C554B/554DB (16 mode)
DTRA to DTRD
RTSA to RTSD
TRANSMIT
FIFO
REGISTERS
TXA to TXD
RECEIVE
SHIFT
REGISTER
RECEIVE
FIFO
REGISTERS
RXA to RXD
SC16C554B/554DB
TRANSMIT
SHIFT
REGISTER
XTAL2
XTAL1
002aaa877
INTSEL
FLOW
CONTROL
LOGIC
CLKSEL
16/68
DATA BUS
AND
CONTROL
LOGIC
REGISTER
SELECT
LOGIC
INTERRUPT
CONTROL
LOGIC
D0 to D7
IOR
IOW
RESET
A0 to A2
CSA to CSD
INTA to INTD
TXRDY
RXRDY
CLOCK AND
BAUD RATE
GENERATOR
MODEM
CONTROL
LOGIC
CTSA to CTSD
RIA to RID
CDA to CDD
DSRA to DSRD
FLOW
CONTROL
LOGIC


Similar Part No. - SC16C554BIBM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C554BIBM NXP-SC16C554BIBM Datasheet
1Mb / 58P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 4-8 June 2010
More results

Similar Description - SC16C554BIBM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C554B PHILIPS-SC16C554B Datasheet
253Kb / 51P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 01-9 February 2005
SC16C554B NXP-SC16C554B_10 Datasheet
1Mb / 58P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 4-8 June 2010
SC16C754B PHILIPS-SC16C754B Datasheet
259Kb / 50P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
Rev. 02-13 June 2005
SC16C754B NXP-SC16C754B Datasheet
252Kb / 51P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
Rev. 04-6 October 2008
SC16C2550B PHILIPS-SC16C2550B_07 Datasheet
211Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 04-15 February 2007
SC16C2552B NXP-SC16C2552B Datasheet
188Kb / 38P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 03-12 February 2009
SC16C2550B NXP-SC16C2550B Datasheet
221Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 05-12 January 2009
SC16C2550B PHILIPS-SC16C2550B Datasheet
200Kb / 42P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 02-14 December 2004
SC16C752B PHILIPS-SC16C752B Datasheet
225Kb / 47P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 03-14 December 2004
SC16C752B NXP-SC16C752B Datasheet
226Kb / 47P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 05-2 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com