Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1519CJ Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA1519CJ
Description  22 W BTL or 2 x 11 W stereo power amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA1519CJ Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA1519CJ Datasheet HTML 2Page - NXP Semiconductors TDA1519CJ Datasheet HTML 3Page - NXP Semiconductors TDA1519CJ Datasheet HTML 4Page - NXP Semiconductors TDA1519CJ Datasheet HTML 5Page - NXP Semiconductors TDA1519CJ Datasheet HTML 6Page - NXP Semiconductors TDA1519CJ Datasheet HTML 7Page - NXP Semiconductors TDA1519CJ Datasheet HTML 8Page - NXP Semiconductors TDA1519CJ Datasheet HTML 9Page - NXP Semiconductors TDA1519CJ Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
2004 Jan 28
6
NXP Semiconductors
Product specification
22 W BTL or 2
 11 W
stereo power amplifier
TDA1519C
FUNCTIONAL DESCRIPTION
The TDA1519C contains two identical amplifiers with
differential input stages. The gain of each amplifier is fixed
at 40 dB. A special feature of this device is the
mute/standby switch which has the following features:
 Low standby current (<100 A)
 Low mute/standby switching current (allows for low-cost
supply switch)
 Mute condition.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
supply voltage
operating
17.5
V
non-operating
30
V
load dump protected;
during 50 ms; tr  2.5 ms
45
V
Vsc
AC and DC short-circuit-safe voltage
17.5
V
Vrp
reverse polarity voltage
6V
Eo
energy handling capability at outputs
VP =0V
200
mJ
IOSM
non-repetitive peak output current
6A
IORM
repetitive peak output current
4A
Ptot
total power dissipation
see Fig.5
25
W
Tj
junction temperature
150
C
Tstg
storage temperature
55
+150
C
-25
0
50
150
30
10
0
20
mgl492
100
Ptot
(W)
Tamb (°C)
(1)
(2)
(3)
Fig.5 Power derating curve for TDA1519C.
(1) Infinite heatsink.
(2) Rth(c-a) =5 K/W.
(3) Rth(c-a) =13K/W.


Similar Part No. - TDA1519CJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1519C PHILIPS-TDA1519C Datasheet
113Kb / 20P
   22WBTL or 2 x 11Wstereo power amplifier
2000 Mar 08
logo
Unisonic Technologies
TDA1519CG-H09-B-T UTC-TDA1519CG-H09-B-T Datasheet
386Kb / 8P
   No switch-on/switch-off pops
TDA1519CL-H09-B-T UTC-TDA1519CL-H09-B-T Datasheet
386Kb / 8P
   No switch-on/switch-off pops
logo
NXP Semiconductors
TDA1519CSP PHILIPS-TDA1519CSP Datasheet
113Kb / 20P
   22WBTL or 2 x 11Wstereo power amplifier
2000 Mar 08
TDA1519CTD PHILIPS-TDA1519CTD Datasheet
113Kb / 20P
   22WBTL or 2 x 11Wstereo power amplifier
2000 Mar 08
More results

Similar Description - TDA1519CJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1519A PHILIPS-TDA1519A Datasheet
141Kb / 14P
   22 W BTL or 2 x 11 W stereo car radio power amplifier
May 1992
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
   12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
TDA1515BQ PHILIPS-TDA1515BQ Datasheet
80Kb / 10P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
July 1994
TDA1510AQ PHILIPS-TDA1510AQ Datasheet
96Kb / 11P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
January 1992
TDA1554Q PHILIPS-TDA1554Q Datasheet
96Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier
May 1992
TDA1554Q NXP-TDA1554Q Datasheet
97Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier
May 1992
TDA1517ATW PHILIPS-TDA1517ATW Datasheet
132Kb / 20P
   8 W BTL or 2 x 4 W SE power amplifier
2001 Apr 17
TDA1558Q PHILIPS-TDA1558Q Datasheet
100Kb / 11P
   2 x 22 W or 4 x 11 W single-ended car radio power amplifier
May 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com