Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM7555CN Datasheet(PDF) 5 Page - NXP Semiconductors

Part # ICM7555CN
Description  General purpose CMOS timer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ICM7555CN Datasheet(HTML) 5 Page - NXP Semiconductors

  ICM7555CN Datasheet HTML 1Page - NXP Semiconductors ICM7555CN Datasheet HTML 2Page - NXP Semiconductors ICM7555CN Datasheet HTML 3Page - NXP Semiconductors ICM7555CN Datasheet HTML 4Page - NXP Semiconductors ICM7555CN Datasheet HTML 5Page - NXP Semiconductors ICM7555CN Datasheet HTML 6Page - NXP Semiconductors ICM7555CN Datasheet HTML 7Page - NXP Semiconductors ICM7555CN Datasheet HTML 8Page - NXP Semiconductors ICM7555CN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
ICM7555_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 3 August 2009
5 of 22
NXP Semiconductors
ICM7555
General purpose CMOS timer
[1]
The supply current value is essentially independent of the TRIGGER, THRESHOLD and RESET voltages.
[2]
Astable timing is calculated using the following equation:
The components are defined in Figure 15.
[3]
RA, RB = 1 kΩ to 100 kΩ; C = 0.1 µF; 5 V < VDD <15V
[4]
Parameter is not 100 % tested.
II
input current
TRIGGER
VDD =Vtrig =Vmax
-50
-
pA
VDD =Vtrig = 5 V
-
10
-
pA
VDD =Vtrig =Vmin
-1
-pA
THRESHOLD
VDD =Vth =Vmax
-50
-
pA
VDD =Vth =5V
-
10
-
pA
VDD =Vth =Vmin
-1
-pA
RESET
VDD =Vrst =Vmax
-
100
-
pA
VDD =Vrst =5V
-
20
-
pA
VDD =Vrst =Vmin
-2
-pA
VOL
LOW-level output voltage
VDD =Vmax; Isink = 3.2 mA
-
0.1
0.4
V
VDD =5V; Isink = 3.2 mA
-
0.2
0.4
V
VOH
HIGH-level output voltage
Isource = −1.0 mA
VDD =Vmax
15.25
15.7
-
V
VDD =5Vmax
4.0
4.5
-
V
Vo
output voltage
DISCHARGE:
VDD =5V; IDIS =10mA
-
0.2
0.4
V
tr(o)
output rise time[4]
RL =10MΩ; CL = 10 pF;
VDD =5V
-45
75
ns
tf(o)
output fall time[4]
-20
75
ns
fosc
oscillator frequency
astable mode
-
-
500
kHz
Table 5.
Characteristics …continued
Tamb =25 °C unless otherwise specified.
Sym
bol
Parameter
Conditions
Min
Typ
Max
Unit
f
1.38
R
A
2R
B
+
()C
---------------------------------
=


Similar Part No. - ICM7555CN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ICM7555CN PHILIPS-ICM7555CN Datasheet
105Kb / 9P
   General purpose CMOS timer
August 31, 1994
ICM7555CN NXP-ICM7555CN Datasheet
130Kb / 22P
   General purpose CMOS timer
Rev. 02-3 August 2009
More results

Similar Description - ICM7555CN

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
ILC555 IKSEMICON-ILC555 Datasheet
244Kb / 5P
   CMOS general purpose timer
ILC555 IKSEMICON-ILC555_11 Datasheet
161Kb / 5P
   CMOS general purpose timer
logo
Integral Corp.
ILC555 INTEGRAL-ILC555 Datasheet
244Kb / 5P
   CMOS general purpose timer
logo
NXP Semiconductors
ICM7555 NXP-ICM7555 Datasheet
130Kb / 22P
   General purpose CMOS timer
Rev. 02-3 August 2009
ICM7555 PHILIPS-ICM7555 Datasheet
105Kb / 9P
   General purpose CMOS timer
August 31, 1994
logo
KODENSHI_AUK CORP.
KKC555 KODENSHI-KKC555 Datasheet
263Kb / 5P
   CMOS general purpose timer
logo
IK Semicon Co., Ltd
ILC555QDT IKSEMICON-ILC555QDT Datasheet
501Kb / 5P
   CMOS general purpose timer
logo
Sanyo Semicon Device
LB8555D SANYO-LB8555D Datasheet
66Kb / 3P
   General-Purpose Timer
logo
First Silicon Co., Ltd
NE555 FS-NE555 Datasheet
363Kb / 5P
   General purpose timer
logo
Sanyo Semicon Device
LB8555M SANYO-LB8555M Datasheet
62Kb / 3P
   General-Purpose Timer?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com