Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA82C250N Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA82C250N
Description  CAN controller interface
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA82C250N Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA82C250N Datasheet HTML 4Page - NXP Semiconductors PCA82C250N Datasheet HTML 5Page - NXP Semiconductors PCA82C250N Datasheet HTML 6Page - NXP Semiconductors PCA82C250N Datasheet HTML 7Page - NXP Semiconductors PCA82C250N Datasheet HTML 8Page - NXP Semiconductors PCA82C250N Datasheet HTML 9Page - NXP Semiconductors PCA82C250N Datasheet HTML 10Page - NXP Semiconductors PCA82C250N Datasheet HTML 11Page - NXP Semiconductors PCA82C250N Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
PCA89C250
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 06 — 25 August 2011
8 of 18
NXP Semiconductors
PCA82C250
CAN controller interface
V1 =1V.
Fig 6.
Timing diagram for wake-up from Standby.
V1 =4V; V8 =4V.
Fig 7.
Timing diagram for bus dominant to RXD LOW.
The waveforms of the applied transients shall be in accordance with “ISO 7637 part 1”, test pulses
1, 2, 3a and 3b.
Fig 8.
Test circuit for automotive transients.
mka674
tWAKE
VRs
VRXD
VCC
0 V
mka675
tdRXDL
1.5 V
0 V
Vdiff
VRXD
015aaa246
PCA82C250
RXD
Vref
TXD
CANH
CANL
GND
VCC
SCHAFFNER
GENERATOR
60 Ω
+5 V
Rext
Rs
1 nF
1 nF


Similar Part No. - PCA82C250N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA82C250 PHILIPS-PCA82C250 Datasheet
94Kb / 20P
   CAN controller interface
2000 Jan 13
PCA82C250 NXP-PCA82C250 Datasheet
100Kb / 17P
   CAN controller interface
Rev. 06-26 March 2009
PCA82C250T PHILIPS-PCA82C250T Datasheet
94Kb / 20P
   CAN controller interface
2000 Jan 13
PCA82C250T NXP-PCA82C250T Datasheet
100Kb / 17P
   CAN controller interface
Rev. 06-26 March 2009
PCA82C250U PHILIPS-PCA82C250U Datasheet
94Kb / 20P
   CAN controller interface
2000 Jan 13
More results

Similar Description - PCA82C250N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA82C250 PHILIPS-PCA82C250 Datasheet
94Kb / 20P
   CAN controller interface
2000 Jan 13
PCA82C250 NXP-PCA82C250 Datasheet
100Kb / 17P
   CAN controller interface
Rev. 06-26 March 2009
logo
Microchip Technology
MCP2510 MICROCHIP-MCP2510_07 Datasheet
1Mb / 80P
   Stand-Alone CAN Controller with SPI??Interface
2007
MCP2515T-ESTRB4 MICROCHIP-MCP2515T-ESTRB4 Datasheet
633Kb / 84P
   Stand-Alone CAN Controller With SPI Interface
10/05/07
MCP2515 MICROCHIP-MCP2515_12 Datasheet
1Mb / 92P
   Stand-Alone CAN Controller with SPI Interface
2003-2012 11/29/11
MCP2515-I MICROCHIP-MCP2515-I Datasheet
1Mb / 92P
   Stand-Alone CAN Controller with SPI Interface
11/29/11
MCP2515T-E MICROCHIP-MCP2515T-E Datasheet
633Kb / 84P
   Stand-Alone CAN Controller With SPI Interface
10/05/07
MCP2518FD MICROCHIP-MCP2518FD Datasheet
993Kb / 96P
   External CAN FD Controller with SPI Interface
MCP2510I-ST MICROCHIP-MCP2510I-ST Datasheet
1Mb / 80P
   Stand-Alone CAN Controller with SPI??Interface
12/08/06
MCP2515 MICROCHIP-MCP2515 Datasheet
1Mb / 84P
   Stand-Alone CAN Controller With SPI??Interface
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com