Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA82C251N Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCA82C251N
Description  CAN transceiver for 24 V systems
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA82C251N Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA82C251N Datasheet HTML 2Page - NXP Semiconductors PCA82C251N Datasheet HTML 3Page - NXP Semiconductors PCA82C251N Datasheet HTML 4Page - NXP Semiconductors PCA82C251N Datasheet HTML 5Page - NXP Semiconductors PCA82C251N Datasheet HTML 6Page - NXP Semiconductors PCA82C251N Datasheet HTML 7Page - NXP Semiconductors PCA82C251N Datasheet HTML 8Page - NXP Semiconductors PCA82C251N Datasheet HTML 9Page - NXP Semiconductors PCA82C251N Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
PCA82C251
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 04 — 25 August 2011
6 of 17
NXP Semiconductors
PCA82C251
CAN transceiver for 24 V systems
[1]
I1 =I4 =I5 =0mA; 0V<V6 <VCC; 0 V < V7 <VCC; V8 =VCC; Tamb < 90 C.
[2]
This is valid for the receiver in all modes: High-speed, Slope control and Standby.
Vdiff(hys)
differential input hysteresis
see Figure 5
-
150
-
mV
VOH
HIGH-level output voltage
pin 4; I4 = 100 A0.8VCC
-VCC
V
VOL
LOW-level output voltage
pin 4; I4 = 1 mA
0
-
0.2VCC
V
I4 =10mA
0
-
1.5
V
Ri
input resistance
CANH, CANL
5
-
25
k
Rdiff
differential input resistance
20
-
100
k
Reference output
Vref
reference output voltage
V8 =1V; I5 <50 A0.45VCC -
0.55VCC
V
V8 =4V; I5 <5 A0.4VCC
-0.6VCC
V
Timing (CL = 100 pF; see Figure 3, Figure 4, Figure 6 and Figure 7)
tbit
minimum bit time
Rext =0 
--
1
s
tonTXD
delay TXD to bus active
Rext =0 
-
-
50
ns
toffTXD
delay TXD to bus inactive
Rext =0 
-40
80
ns
tonRXD
delay TXD to receiver active
Rext =0 
-
55
120
ns
toffRXD
delay TXD to receiver inactive
Rext =0 ; Tamb <+85 C
VCC = 4.5 V to 5.1 V
-
80
150
ns
Rext =0 ; VCC = 4.5 V to 5.1 V
-
80
170
ns
Rext =0 ; Tamb <+85 C
-
90
170
ns
Rext =0k
-
90
190
ns
Rext =47k
-
290
400
ns
tonRXD
delay TXD to receiver active
Rext =47k
-
440
550
ns
SR
CANH, CANL slew rate
Rext =47k
-7
-
V/
s
tWAKE
wake-up time from Standby
(via pin 8)
see Figure 6
--
20
s
tdRXDL
bus dominant to RXD LOW
V8 = 4 V; see Figure 7
--
3
s
Standby/Slope control (pin 8)
Vstb
input voltage for Standby mode
0.75VCC --
V
Islope
Slope control mode current
10
-
200
A
Vslope
Slope control mode voltage
0.4VCC
-0.6VCC
V
Table 8.
Characteristics …continued
VCC = 4.5 V to 5.5 V; Tamb = 40 C to +125 C; RL =60 ; I8 > 10 A; unless otherwise specified; all voltages referenced to
ground (pin 2); positive input current; all parameters are guaranteed over the ambient temperature range by design, but only
100 % tested at +25
C.
Symbol Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - PCA82C251N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA82C251 PHILIPS-PCA82C251 Datasheet
95Kb / 20P
   CAN transceiver for 24 V systems
2000 Jan 13
PCA82C251 NXP-PCA82C251 Datasheet
151Kb / 16P
   CAN transceiver for 24 V systems
Rev. 04-28 January 2010
PCA82C251 NXP-PCA82C251 Datasheet
119Kb / 17P
   CAN transceiver for 24 V systems
Rev. 04-25 August 2011
PCA82C251T PHILIPS-PCA82C251T Datasheet
95Kb / 20P
   CAN transceiver for 24 V systems
2000 Jan 13
PCA82C251T NXP-PCA82C251T Datasheet
151Kb / 16P
   CAN transceiver for 24 V systems
Rev. 04-28 January 2010
More results

Similar Description - PCA82C251N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA82C251TD-T NXP-PCA82C251TD-T Datasheet
119Kb / 17P
   CAN transceiver for 24 V systems
Rev. 04-25 August 2011
PCA82C251 PHILIPS-PCA82C251 Datasheet
95Kb / 20P
   CAN transceiver for 24 V systems
2000 Jan 13
PCA82C251 NXP-PCA82C251 Datasheet
151Kb / 16P
   CAN transceiver for 24 V systems
Rev. 04-28 January 2010
logo
Analog Devices
ADM3051 AD-ADM3051_V01 Datasheet
215Kb / 16P
   High Speed Industrial CAN Transceiver with Bus Protection for 24 V Systems
Rev. A
logo
Texas Instruments
HVDA551-Q1 TI1-HVDA551-Q1 Datasheet
966Kb / 27P
[Old version datasheet]   5-V CAN TRANSCEIVER
SN65HVD233-HT TI1-SN65HVD233-HT Datasheet
676Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVER
SN65HVD233-EP TI-SN65HVD233-EP Datasheet
461Kb / 24P
[Old version datasheet]   3.3-V CAN TRANSCEIVER
logo
STMicroelectronics
TDA7576B STMICROELECTRONICS-TDA7576B Datasheet
280Kb / 17P
   Dual bridge MOSFET power amplifier for 24 V systems
Rev 3
logo
Rohm
BD41041FJ-C ROHM-BD41041FJ-C Datasheet
1Mb / 26P
   CAN Transceiver for Automotive
BD41044FJ-C ROHM-BD41044FJ-C Datasheet
1Mb / 26P
   CAN FD Transceiver for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com