Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA82C251N Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA82C251N
Description  CAN transceiver for 24 V systems
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA82C251N Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA82C251N Datasheet HTML 5Page - NXP Semiconductors PCA82C251N Datasheet HTML 6Page - NXP Semiconductors PCA82C251N Datasheet HTML 7Page - NXP Semiconductors PCA82C251N Datasheet HTML 8Page - NXP Semiconductors PCA82C251N Datasheet HTML 9Page - NXP Semiconductors PCA82C251N Datasheet HTML 10Page - NXP Semiconductors PCA82C251N Datasheet HTML 11Page - NXP Semiconductors PCA82C251N Datasheet HTML 12Page - NXP Semiconductors PCA82C251N Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
PCA82C251
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 04 — 25 August 2011
9 of 17
NXP Semiconductors
PCA82C251
CAN transceiver for 24 V systems
12. Application information
(1) The output control register of the P8xC592 should be programmed to 1AH (push-pull operation,
dominant = LOW).
(2) If no slope control is desired: Rext =0.
Fig 9.
PCA82C251 CAN transceiver application diagram
mbg620
Vref
RXD
CANH
CANL
Rs
TXD
+5 V
CRX1
CRX0
PX,Y
CTX0
P8xC592
CAN-CONTROLLER
Rext
VCC
GND
120
Ω
120
Ω
CAN BUS
LINE
100 nF
PCA82C251
CAN-TRANSCEIVER


Similar Part No. - PCA82C251N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA82C251 PHILIPS-PCA82C251 Datasheet
95Kb / 20P
   CAN transceiver for 24 V systems
2000 Jan 13
PCA82C251 NXP-PCA82C251 Datasheet
151Kb / 16P
   CAN transceiver for 24 V systems
Rev. 04-28 January 2010
PCA82C251 NXP-PCA82C251 Datasheet
119Kb / 17P
   CAN transceiver for 24 V systems
Rev. 04-25 August 2011
PCA82C251T PHILIPS-PCA82C251T Datasheet
95Kb / 20P
   CAN transceiver for 24 V systems
2000 Jan 13
PCA82C251T NXP-PCA82C251T Datasheet
151Kb / 16P
   CAN transceiver for 24 V systems
Rev. 04-28 January 2010
More results

Similar Description - PCA82C251N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA82C251TD-T NXP-PCA82C251TD-T Datasheet
119Kb / 17P
   CAN transceiver for 24 V systems
Rev. 04-25 August 2011
PCA82C251 PHILIPS-PCA82C251 Datasheet
95Kb / 20P
   CAN transceiver for 24 V systems
2000 Jan 13
PCA82C251 NXP-PCA82C251 Datasheet
151Kb / 16P
   CAN transceiver for 24 V systems
Rev. 04-28 January 2010
logo
Analog Devices
ADM3051 AD-ADM3051_V01 Datasheet
215Kb / 16P
   High Speed Industrial CAN Transceiver with Bus Protection for 24 V Systems
Rev. A
logo
Texas Instruments
HVDA551-Q1 TI1-HVDA551-Q1 Datasheet
966Kb / 27P
[Old version datasheet]   5-V CAN TRANSCEIVER
SN65HVD233-HT TI1-SN65HVD233-HT Datasheet
676Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVER
SN65HVD233-EP TI-SN65HVD233-EP Datasheet
461Kb / 24P
[Old version datasheet]   3.3-V CAN TRANSCEIVER
logo
STMicroelectronics
TDA7576B STMICROELECTRONICS-TDA7576B Datasheet
280Kb / 17P
   Dual bridge MOSFET power amplifier for 24 V systems
Rev 3
logo
Rohm
BD41041FJ-C ROHM-BD41041FJ-C Datasheet
1Mb / 26P
   CAN Transceiver for Automotive
BD41044FJ-C ROHM-BD41044FJ-C Datasheet
1Mb / 26P
   CAN FD Transceiver for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com