Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9511DP-T Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCA9511DP-T
Description  Hot swappable I2C-bus and SMBus bus buffer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9511DP-T Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA9511DP-T Datasheet HTML 2Page - NXP Semiconductors PCA9511DP-T Datasheet HTML 3Page - NXP Semiconductors PCA9511DP-T Datasheet HTML 4Page - NXP Semiconductors PCA9511DP-T Datasheet HTML 5Page - NXP Semiconductors PCA9511DP-T Datasheet HTML 6Page - NXP Semiconductors PCA9511DP-T Datasheet HTML 7Page - NXP Semiconductors PCA9511DP-T Datasheet HTML 8Page - NXP Semiconductors PCA9511DP-T Datasheet HTML 9Page - NXP Semiconductors PCA9511DP-T Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Philips Semiconductors
Product data sheet
PCA9511
Hot swappable I2C-bus and SMBus bus buffer
2006 Aug 23
6
Propagation delays
The delay for a rising edge is determined by the combined pull-up
current from the bus resistors and the rise time accelerator current
source and the effective capacitance on the lines. If the pull-up
currents are the same, any difference in rise time is directly
proportional to the difference in capacitance between the two sides.
The tPLH may be negative if the output capacitance is less than the
input capacitance and would be positive if the output capacitance is
larger than the input capacitance, when the currents are the same.
The tPHL can never be negative because the output does not start to
fall until the input is below 0.7VCC, and the output turn on has a
non-zero delay, and the output has a limited maximum slew rate,
and even if the input slew rate is slow enough that the output
catches up it will still lag the falling voltage of the input by the offset
voltage. The maximum tPHL occurs when the input is driven LOW
with zero delay and the output is still limited by its turn on delay and
the falling edge slew rate. The output falling edge slew rate is a
function of the internal maximum slew rate which is a function of
temperature. VCC and process, as well as the load current and the
load capacitance.
Rise time accelerators
During positive bus transitions a 2 mA current source is switched on
to quickly slew the SDA and SCL lines HIGH once the input level of
0.6 V is exceeded. The rising edge rate should be at least 1.25 V/
µs
to guarantee turn on of the accelerators.
READY digital output
This pin provides a digital flag which is LOW when either ENABLE is
LOW or the start-up sequence described earlier in this section has
not been completed. READY goes HIGH when ENABLE is HIGH
and start-up is complete. The pin is driven by an open-drain
pull-down capable of sinking 3 mA while holding 0.4 V on the pin.
Connect a resistor of 10 k
Ω to VCC to provide the pull-up.
ENABLE low current disable
Grounding the ENABLE pin disconnects the backplane side from the
card side, disables the rise-time accelerators, drives READY LOW,
disables the bus precharge circuitry, and puts the part in a low
current state. When the pin voltage is driven all the way to VCC, the
part waits for data transactions on both the backplane and card
sides to be complete before reconnecting the two sides.
Resistor pull-up value selection
The system pull-up resistors must be strong enough to provide a
positive slew rate of 1.25 V/
µs on the SDA and SCL pins, in order to
activate the boost pull-up currents during rising edges. Choose
maximum resistor value using the formula:
R v 800 @ 103
VCC(MIN) * 0.6
C
where R is the pull-up resistor value in
Ω, VCC(MIN) is the
minimum VCC voltage in volts and C is the equivalent bus
capacitance in picofarads (pF).
In addition, regardless of the bus capacitance, always choose
R
≤ 16 kΩ for VCC = 5.5 V maximum, R ≤ 24 kΩ for VCC = 3.6 V
maximum. The start-up circuitry requires logic HIGH voltages on
SDAOUT and SCLOUT to connect the backplane to the card, and
these pull-up values are needed to overcome the precharge voltage.
See the curves in Figures 5 and 6 for guidance in resistor pull-up
selection.
30
20
15
21
5
0
0
100
200
300
400
Cb (pF)
RPU
(k
Ω)
25
RECOMMENDED
PULL-UP
RMAX = 24 kΩ
RISE-TIME > 300 ns
SW02115
Figure 5. Bus requirements for 3.3 V systems
20
15
21
5
0
0
100
200
300
400
Cb (pF)
RPU
(k
Ω)
RECOMMENDED
PULL-UP
RMAX = 16 kΩ
RISE-TIME
> 300 ns
SW02116
Figure 6. Bus requirements for 5 V systems
Minimum SDA and SCL capacitance requirements
The device connection circuitry requires a minimum capacitance
loading on the SDA and SCL pins in order to function properly. The
value of this capacitance is a function of VCC and the bus pull-up
resistance. Estimate the bus capacitance on both the backplane and
the card data and clock buses, and refer to Figures 5 and 6 to
choose appropriate pull-up resistor values. Note from the figures
that 5 V systems should have at least 47 pF capacitance on their
buses and 3.3 V systems should have at least 22 pF capacitance for
proper operation. Although the device has been designed to be
marginally stable with smaller capacitance loads, for applications
with less capacitance, provisions need to be made to add a
capacitor to ground to ensure these minimum capacitance
conditions if oscillations are noticed during initial signal integrity
verification.


Similar Part No. - PCA9511DP-T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9511DP PHILIPS-PCA9511DP Datasheet
151Kb / 19P
   Hot swappable I2C and SMBus bus buffer
2004 Oct 05
More results

Similar Description - PCA9511DP-T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9510A NXP-PCA9510A Datasheet
153Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9510A PHILIPS-PCA9510A Datasheet
140Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-8 September 2005
PCA9511A PHILIPS-PCA9511A Datasheet
144Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-15 August 2005
PCA9514A PHILIPS-PCA9514A Datasheet
154Kb / 25P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-11 October 2005
logo
ON Semiconductor
PCA9511A ONSEMI-PCA9511A Datasheet
352Kb / 17P
   Hot Swappable I2C-Bus and SMBus Bus Buffer
August, 2013 ??Rev. 0
logo
NXP Semiconductors
PCA9511A NXP-PCA9511A Datasheet
156Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-19 August 2009
PCA9513A NXP-PCA9513A Datasheet
172Kb / 26P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9510 PHILIPS-PCA9510 Datasheet
151Kb / 19P
   Hot swappable I2C and SMBus bus buffer
2004 Oct 05
logo
Diodes Incorporated
PI6ULS5V9511A DIODES-PI6ULS5V9511A Datasheet
1Mb / 17P
   Hot Swappable I2C Bus/SMBus Buffer
December 2018
logo
Texas Instruments
TCA9511A TI1-TCA9511A Datasheet
472Kb / 25P
[Old version datasheet]   TCA9511A Hot Swappable I2C Bus and SMBus Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com