Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9511D Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCA9511D
Description  Hot swappable I2C-bus and SMBus bus buffer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9511D Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCA9511D Datasheet HTML 6Page - NXP Semiconductors PCA9511D Datasheet HTML 7Page - NXP Semiconductors PCA9511D Datasheet HTML 8Page - NXP Semiconductors PCA9511D Datasheet HTML 9Page - NXP Semiconductors PCA9511D Datasheet HTML 10Page - NXP Semiconductors PCA9511D Datasheet HTML 11Page - NXP Semiconductors PCA9511D Datasheet HTML 12Page - NXP Semiconductors PCA9511D Datasheet HTML 13Page - NXP Semiconductors PCA9511D Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Philips Semiconductors
Product data sheet
PCA9511
Hot swappable I2C-bus and SMBus bus buffer
2006 Aug 23
10
ELECTRICAL CHARACTERISTICS
VCC = 2.7 V to 5.5 V; Tamb = –40 to +85 °C unless otherwise noted.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Power supply
VCC
Supply voltage
Note 1
2.7
5.5
V
ICC
Supply current
VCC = 5.5 V;
VSDAIN = VSCLIN = 0 V;
Note 1.
2.8
6
mA
ICC(sd)
Supply current in shut-down mode
VENABLE = 0 V, all other
pins at VCC or GND
200
µA
Start-up circuitry
VPRE
Precharge voltage
SDA, SCL floating; Note 1
0.8
1.0
1.2
V
VEN
Enable threshold voltage
0.5VCC
0.7VCC
V
VDIS
Disable threshold voltage
0.3VCC
0.5VCC
V
IEN
Enable input current
Enable from 0 V to VCC
±0.1
±1
µA
tEN
Enable delay or initialization time
130
µs
tIDLE
Bus idle time
Note 1
50
120
250
µs
tDIS
Disable time, ENABLE to READY
15
ns
tSTOP
SDAIN to READY delay after STOP
Note 7
1.3
µs
tREADY
SCLOUT/SDAOUT to READY
Note 7
1.2
µs
IOFF
READY off-state leakage current
VEN = VCC
±0.3
µA
Ci
ENABLE capacitance
VI = VCC or GND, Note 4
2
pF
CO
READY capacitance
VI = VCC or GND, Note 4
2
pF
VOL(READY)
LOW-level output voltage on READY pin
Ipull-up = 3 mA; VEN = VCC;
Note 1.
0.4
V
Rise time accelerators
IPULLUPAC
Transient boosted pull-up current
Positive transition on SDA,
SCL, VCC = 2.7 V;
Slew rate = 1.25 V/
µs Note
2.
1
2
mA
Input–output connection
VOS
Input–output offset voltage
10 k
Ω to VCC on SDA, SCL;
VCC = 3.3 V; Note 1; Note 3.
0
65
150
mV
fSCL_SDA
operating frequency
0
400
kHz
tPLH
SCL to SCL and SDA to SDA
10 k
Ω to VCC, CL = 100 pF
each side
25
ns
tPHL
SCL to SCL and SDA to SDA
10 k
Ω to VCC, CL = 100 pF
each side
380
ns
CIN
Digital input capacitance
Note 4
10
pF
VOL
LOW-level output voltage
Input = 0 V,
SDA, SCL pins, ISINK = 3
mA;
VCC = 2.7 V; Note 1
0
0.4
V
ILI
Input leakage current
SDA, SCL pins = VCC =
5.5 V
±5
µA


Similar Part No. - PCA9511D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9511D PHILIPS-PCA9511D Datasheet
151Kb / 19P
   Hot swappable I2C and SMBus bus buffer
2004 Oct 05
PCA9511DP PHILIPS-PCA9511DP Datasheet
151Kb / 19P
   Hot swappable I2C and SMBus bus buffer
2004 Oct 05
More results

Similar Description - PCA9511D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9510A NXP-PCA9510A Datasheet
153Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9510A PHILIPS-PCA9510A Datasheet
140Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-8 September 2005
PCA9511A PHILIPS-PCA9511A Datasheet
144Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-15 August 2005
PCA9514A PHILIPS-PCA9514A Datasheet
154Kb / 25P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-11 October 2005
logo
ON Semiconductor
PCA9511A ONSEMI-PCA9511A Datasheet
352Kb / 17P
   Hot Swappable I2C-Bus and SMBus Bus Buffer
August, 2013 ??Rev. 0
logo
NXP Semiconductors
PCA9511A NXP-PCA9511A Datasheet
156Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-19 August 2009
PCA9513A NXP-PCA9513A Datasheet
172Kb / 26P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9510 PHILIPS-PCA9510 Datasheet
151Kb / 19P
   Hot swappable I2C and SMBus bus buffer
2004 Oct 05
logo
Diodes Incorporated
PI6ULS5V9511A DIODES-PI6ULS5V9511A Datasheet
1Mb / 17P
   Hot Swappable I2C Bus/SMBus Buffer
December 2018
logo
Texas Instruments
TCA9511A TI1-TCA9511A Datasheet
472Kb / 25P
[Old version datasheet]   TCA9511A Hot Swappable I2C Bus and SMBus Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com