Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q48SE12033PTFA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # Q48SE12033PTFA
Description  Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q48SE12033PTFA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  Q48SE12033PTFA Datasheet HTML 1Page - Delta Electronics, Inc. Q48SE12033PTFA Datasheet HTML 2Page - Delta Electronics, Inc. Q48SE12033PTFA Datasheet HTML 3Page - Delta Electronics, Inc. Q48SE12033PTFA Datasheet HTML 4Page - Delta Electronics, Inc. Q48SE12033PTFA Datasheet HTML 5Page - Delta Electronics, Inc. Q48SE12033PTFA Datasheet HTML 6Page - Delta Electronics, Inc. Q48SE12033PTFA Datasheet HTML 7Page - Delta Electronics, Inc. Q48SE12033PTFA Datasheet HTML 8Page - Delta Electronics, Inc. Q48SE12033PTFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Q48SE12033
DS_Q48SE12033_06242013
E-mail: DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P1
FEATURES
High efficiency : 95.5% @ 11.8V/33A
Size:
57.9x36.8x11.2
mm (2.28”x1.45”x0.44”)
(w/o heat spreader)
57.9*36.8*12.7mm(2.28”*1.45”0.50”)
(with heat spreader)
Standard footprint
Industry standard pin out
Fixed frequency operation
Input UVLO, Output OCP, OVP, OTP
Hiccup output over current protection (OCP)
Hiccup output over voltage protection (OVP)
Auto recovery OTP and input UVLO
2250V isolation and basic insulation
No minimum load required
ISO 9001, TL 9000, ISO 14001, QS9000,
OHSAS18001 certified manufacturing facility
UL/cUL 60950-1 (US & Canada) recognized
Delphi Series Q48SE, Quarter Brick Family
DC/DC Power Modules:
38~75V in, 11.8V/33A out, 400W
The Delphi series Q48SE12033, quarter brick, 38~75V input,
single output, isolated DC/DC converter is the latest offering from
a
world
leader
in
power
system
and
technology
and
manufacturing ― Delta Electronics, Inc. This product provides up
to 400 watts of power in an industry standard footprint and pin out.
With creative design technology and optimization of component
placement, these converters possess outstanding electrical and
thermal performances, as well as extremely high reliability under
highly stressful operating conditions. The Q48SE12033 offers
more than 95.5% high efficiency at 33A full load. The
Q48SE12033 is fully protected from abnormal input/output
voltage, current, and temperature conditions and meets all safety
requirements with basic insulation.
APPLICATIONS
Telecom / Datacom
Wireless Networks
Optical Network Equipment
Server and Data Storage
Industrial / Testing Equipment
OPTIONS
Latched over voltage protection
Positive On/Off logic
Heat spreader available for extended operation.


Similar Part No. - Q48SE12033PTFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SE12018NCFA DELTA-Q48SE12018NCFA Datasheet
603Kb / 14P
   Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules 38~75V in, 11.8V/18A out, 216W
Q48SE12018NCFH DELTA-Q48SE12018NCFH Datasheet
603Kb / 14P
   Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules 38~75V in, 11.8V/18A out, 216W
Q48SE12018NCFN DELTA-Q48SE12018NCFN Datasheet
603Kb / 14P
   Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules 38~75V in, 11.8V/18A out, 216W
Q48SE12018NKFA DELTA-Q48SE12018NKFA Datasheet
603Kb / 14P
   Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules 38~75V in, 11.8V/18A out, 216W
Q48SE12018NKFH DELTA-Q48SE12018NKFH Datasheet
603Kb / 14P
   Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules 38~75V in, 11.8V/18A out, 216W
More results

Similar Description - Q48SE12033PTFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SQ12018NRFH DELTA-Q48SQ12018NRFH Datasheet
729Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules
Q48SQ12025NRFH DELTA-Q48SQ12025NRFH Datasheet
716Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules:
Q48SA52001NNFA DELTA-Q48SA52001NNFA_14 Datasheet
372Kb / 13P
   Delphi Series Q48SA, 60W Quarter Brick Family DC/DC Power Modules
Q48SA54001NNFH DELTA-Q48SA54001NNFH_14 Datasheet
507Kb / 14P
   Delphi Series Q48SA, 80W Quarter Brick Family DC/DC Power Modules
Q48SE12018NRFA DELTA-Q48SE12018NRFA Datasheet
603Kb / 14P
   Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules 38~75V in, 11.8V/18A out, 216W
Q48SE12025NRFA DELTA-Q48SE12025NRFA Datasheet
680Kb / 14P
   Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules 38~75V in, 11.8V/25A out, 300W
Q48SG12034NRFA DELTA-Q48SG12034NRFA Datasheet
1Mb / 26P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules:
Q48SG12034NRFA DELTA-Q48SG12034NRFA_14 Datasheet
849Kb / 27P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules
Q48SG12042NRFC DELTA-Q48SG12042NRFC Datasheet
885Kb / 25P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules:
Q48SG12042NRFC DELTA-Q48SG12042NRFC_14 Datasheet
708Kb / 26P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com