Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9515ATP Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9515ATP
Description  I2C-bus repeater
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9515ATP Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9515ATP Datasheet HTML 1Page - NXP Semiconductors PCA9515ATP Datasheet HTML 2Page - NXP Semiconductors PCA9515ATP Datasheet HTML 3Page - NXP Semiconductors PCA9515ATP Datasheet HTML 4Page - NXP Semiconductors PCA9515ATP Datasheet HTML 5Page - NXP Semiconductors PCA9515ATP Datasheet HTML 6Page - NXP Semiconductors PCA9515ATP Datasheet HTML 7Page - NXP Semiconductors PCA9515ATP Datasheet HTML 8Page - NXP Semiconductors PCA9515ATP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
PCA9515A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 23 March 2012
2 of 20
NXP Semiconductors
PCA9515A
I2C-bus repeater
0 Hz to 400 kHz clock frequency (the maximum system operating frequency may be
less than 400 kHz because of the delays added by the repeater)
ESD protection exceeds 2000 V HBM per JESD22-A114 and 1000 V CDM per
JESD22-C101
Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
Packages offered: SO8, TSSOP8 (MSOP8), HWSON8
3.
Ordering information
[1]
Also known as MSOP8.
4.
Functional diagram
Table 1.
Ordering information
Tamb = 40 C to +85 C.
Type number
Topside
mark
Package
Name
Description
Version
PCA9515AD
PA9515A
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
PCA9515ADP
9515A
TSSOP8[1]
plastic thin shrink small outline package; 8 leads;
body width 3 mm
SOT505-1
PCA9515ATP
15A
HWSON8
plastic thermal enhanced very very thin small outline package;
no leads; 8 terminals; body 2
 3  0.8 mm
SOT1069-2
Fig 1.
Functional diagram of PCA9515A
002aad738
PCA9515A
SDA0
SCL0
EN
SDA1
SCL1
VCC
GND
pull-up
resistor


Similar Part No. - PCA9515ATP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9515A PHILIPS-PCA9515A Datasheet
116Kb / 12P
   I2C-bus repeater
2004 Sep 29
logo
Texas Instruments
PCA9515A TI-PCA9515A Datasheet
274Kb / 13P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus REPEATER
logo
NXP Semiconductors
PCA9515A NXP-PCA9515A Datasheet
112Kb / 18P
   I2C-bus repeater
Rev. 04-11 April 2008
PCA9515A NXP-PCA9515A Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
logo
Texas Instruments
PCA9515A TI1-PCA9515A Datasheet
1Mb / 24P
[Old version datasheet]   SMBus Repeater
More results

Similar Description - PCA9515ATP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9515 PHILIPS-PCA9515 Datasheet
128Kb / 11P
   I2C-bus repeater
2004 Jun 24
PCA9515A PHILIPS-PCA9515A Datasheet
116Kb / 12P
   I2C-bus repeater
2004 Sep 29
PCA9515A NXP-PCA9515A Datasheet
112Kb / 18P
   I2C-bus repeater
Rev. 04-11 April 2008
PCA9515 NXP-PCA9515 Datasheet
102Kb / 16P
   I2C-bus repeater
Rev. 09-23 April 2009
logo
Texas Instruments
TCA9517A TI1-TCA9517A Datasheet
759Kb / 17P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
logo
IXYS Corporation
CPC5902 IXYS-CPC5902 Datasheet
270Kb / 14P
   Optically Isolated I2C Bus Repeater
logo
Texas Instruments
TCA9517 TI-TCA9517 Datasheet
845Kb / 18P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
logo
NXP Semiconductors
PCA9517 NXP-PCA9517 Datasheet
127Kb / 19P
   Level translating I2C-bus repeater
Rev. 03-30 January 2007
logo
ON Semiconductor
PCA9517A ONSEMI-PCA9517A_14 Datasheet
159Kb / 14P
   Level-Translating I2C-Bus Repeater
April, 2014 ??Rev. 1
logo
TEXAS ADVANCED OPTOELEC...
PCA9517 TAOS-PCA9517 Datasheet
490Kb / 17P
   LEVEL-TRANSLATING I2C BUS REPEATER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com