Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q48SQ12018NNFH Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # Q48SQ12018NNFH
Description  Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q48SQ12018NNFH Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  Q48SQ12018NNFH Datasheet HTML 1Page - Delta Electronics, Inc. Q48SQ12018NNFH Datasheet HTML 2Page - Delta Electronics, Inc. Q48SQ12018NNFH Datasheet HTML 3Page - Delta Electronics, Inc. Q48SQ12018NNFH Datasheet HTML 4Page - Delta Electronics, Inc. Q48SQ12018NNFH Datasheet HTML 5Page - Delta Electronics, Inc. Q48SQ12018NNFH Datasheet HTML 6Page - Delta Electronics, Inc. Q48SQ12018NNFH Datasheet HTML 7Page - Delta Electronics, Inc. Q48SQ12018NNFH Datasheet HTML 8Page - Delta Electronics, Inc. Q48SQ12018NNFH Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DS_Q48SQ12018_08092013
APPLICATIONS
Telecom / Datacom
Wireless Networks
Optical Network Equipment
Server and Data Storage
Industrial / Testing Equipment
OPTIONS
Latched over current protection
Positive/Negative On/Off logic
Latched over voltage protection
Heat spreader optional
FEATURES
High efficiency : 95% @ 12V/18A
Size:
57.9*36.8*10.5mm(2.28”*1.45”*0.41”)
(without heat spreader)
57.9*36.8*12.2mm(2.28”*1.45”*0.48”)
(with heat spreader)
Standard footprint
Industry standard pin out
Fixed frequency operation
Input UVLO, Output OCP, OVP, OTP
Hiccup output over current protection
(OCP)
Hiccup output over voltage protection
(OVP)
Auto recovery OTP and input UVLO
1500V isolation and basic insulation
No minimum load required
ISO 9001, TL 9000, ISO 14001, QS9000,
OHSAS18001 certified manufacturing
facility
UL/cUL 60950-1 (US & Canada)
recognized
Delphi Series Q48SQ, Quarter Brick Family
DC/DC Power Modules:
36~75V in, 12V/18A out, 216W
The Delphi series Q48SQ12018, quarter brick, 36~75V input, single
output, isolated DC/DC converter is the latest offering from a world leader
in power system and technology and manufacturing ― Delta Electronics,
Inc. This product provides up to 216 watts of power in an industry standard
footprint and pin out. With creative design technology and optimization of
component placement, these converters possess outstanding electrical
and thermal performances, as well as extremely high reliability under
highly stressful operating conditions. The Q48SQ12018 offers more than
95% high efficiency at 18A full load. The Q48SQ12018 is fully protected
from abnormal input/output voltage, current, and temperature conditions
and meets all safety requirements with basic insulation.


Similar Part No. - Q48SQ12018NNFH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SQ12018 DELTA-Q48SQ12018 Datasheet
729Kb / 13P
   Hiccup output over voltage protection(OVP)
More results

Similar Description - Q48SQ12018NNFH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SQ12025NRFH DELTA-Q48SQ12025NRFH Datasheet
716Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules:
Q48SE12033 DELTA-Q48SE12033 Datasheet
592Kb / 14P
   Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules
Q48SA52001NNFA DELTA-Q48SA52001NNFA_14 Datasheet
372Kb / 13P
   Delphi Series Q48SA, 60W Quarter Brick Family DC/DC Power Modules
Q48SA54001NNFH DELTA-Q48SA54001NNFH_14 Datasheet
507Kb / 14P
   Delphi Series Q48SA, 80W Quarter Brick Family DC/DC Power Modules
Q48SQ12033NRFH DELTA-Q48SQ12033NRFH Datasheet
657Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules 36~75V in, 12V/33A out, 400W
Q48SG12034NRFA DELTA-Q48SG12034NRFA Datasheet
1Mb / 26P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules:
Q48SG12034NRFA DELTA-Q48SG12034NRFA_14 Datasheet
849Kb / 27P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules
Q48SG12042NRFC DELTA-Q48SG12042NRFC Datasheet
885Kb / 25P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules:
Q48SG12042NRFC DELTA-Q48SG12042NRFC_14 Datasheet
708Kb / 26P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules
E48SC12008NRFH DELTA-E48SC12008NRFH_14 Datasheet
701Kb / 18P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com