Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2277P Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2277P
Description  High Precision OPERATIONAL AMPLIFIERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2277P Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA2277P Datasheet HTML 3Page - Texas Instruments OPA2277P Datasheet HTML 4Page - Texas Instruments OPA2277P Datasheet HTML 5Page - Texas Instruments OPA2277P Datasheet HTML 6Page - Texas Instruments OPA2277P Datasheet HTML 7Page - Texas Instruments OPA2277P Datasheet HTML 8Page - Texas Instruments OPA2277P Datasheet HTML 9Page - Texas Instruments OPA2277P Datasheet HTML 10Page - Texas Instruments OPA2277P Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
OPA277, OPA2277, OPA4277
7
SBOS079A
www.ti.com
TYPICAL CHARACTERISTICS (CONT)
At TA = +25°C, VS = ±15V, and RL = 2kΩ, unless otherwise noted.
CHANGE IN INPUT BIAS CURRENT
vs POWER SUPPLY VOLTAGE
40
Supply Voltage (V)
0
5
10
15
20
25
30
35
2.0
1.5
1.0
0.5
0.0
–0.5
–1.0
–1.5
–2.0
Curve shows normalized change in
bias current with respect to V
S = ±10V
(+20V). Typical I
B may range from
–0.5nA to +0.5nA at V
S = ±10V.
V
CM = 0V
CHANGE IN INPUT BIAS CURRENT
vs COMMON-MODE VOLTAGE
15
Common-Mode Voltage (V)
–15
–10
–50
5
10
2.0
1.5
1.0
0.5
0.0
–0.5
–1.0
–1.5
–2.0
V
S = ±5V
V
S = ±15V
Curve shows normalized change in bias current
with respect to V
CM = 0V. Typical IB may range
from –05.nA to +0.5nA at V
CM = 0V.
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
(V+)
(V+) – 1
(V+) – 2
(V+) – 3
(V+) – 4
(V+) – 5
(V–) + 5
(V–) + 4
(V–) + 3
(V–) + 2
(V–) + 1
(V–)
0
±5
±10
±15
±20
±25
±30
Output Current (mA)
–55°C
–55°C
125°C
25°C
125°C
25°C
1000
900
800
700
600
500
0
±5
±10
±15
±20
Supply Voltage (V)
QUIESCENT CURRENT vs SUPPLY VOLTAGE
per amplifier
100
10
20
50
±1
±10
±100
Gain (V/V)
SETTLING TIME vs CLOSED-LOOP GAIN
0.01%
10V step
C
L = 1500pF
0.1%
MAXIMUM OUTPUT VOLTAGE
vs FREQUENCY
1M
Frequency (Hz)
1k
10k
100k
30
25
20
15
10
5
0
V
S = ±15V
V
S = ±5V


Similar Part No. - OPA2277P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2277P BURR-BROWN-OPA2277P Datasheet
921Kb / 25P
   High Precision OPERATIONAL AMPLIFIERS
OPA2277PA BURR-BROWN-OPA2277PA Datasheet
921Kb / 25P
   High Precision OPERATIONAL AMPLIFIERS
OPA2277PAG4 BURR-BROWN-OPA2277PAG4 Datasheet
921Kb / 25P
   High Precision OPERATIONAL AMPLIFIERS
OPA2277PG4 BURR-BROWN-OPA2277PG4 Datasheet
921Kb / 25P
   High Precision OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA2277P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA277 BURR-BROWN-OPA277_05 Datasheet
921Kb / 25P
   High Precision OPERATIONAL AMPLIFIERS
OPA277 BURR-BROWN-OPA277 Datasheet
346Kb / 9P
   High Precision OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA277U TI-OPA277U Datasheet
1Mb / 26P
[Old version datasheet]   High Precision OPERATIONAL AMPLIFIERS
logo
Tiger Electronic Co.,Lt...
OP07CP TGS-OP07CP Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
LM11C MOTOROLA-LM11C Datasheet
359Kb / 6P
   Precision Operational Amplifiers
logo
Tiger Electronic Co.,Lt...
OP07 TGS-OP07 Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP07C TI-OP07C_06 Datasheet
264Kb / 11P
[Old version datasheet]   PRECISION OPERATIONAL AMPLIFIERS
logo
Tiger Electronic Co.,Lt...
OP07CDR TGS-OP07CDR Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP07C TI-OP07C Datasheet
133Kb / 7P
[Old version datasheet]   PRECISION OPERATIONAL AMPLIFIERS
OP07C TI1-OP07C Datasheet
927Kb / 21P
[Old version datasheet]   Precision Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com